Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QS3VH16861PAG Datasheet(PDF) 3 Page - Integrated Device Technology

Part # QS3VH16861PAG
Description  3.3V 20-BIT FLOW-THROUGH PIN OUT HIGH BANDWIDTH BUS SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

QS3VH16861PAG Datasheet(HTML) 3 Page - Integrated Device Technology

  QS3VH16861PAG Datasheet HTML 1Page - Integrated Device Technology QS3VH16861PAG Datasheet HTML 2Page - Integrated Device Technology QS3VH16861PAG Datasheet HTML 3Page - Integrated Device Technology QS3VH16861PAG Datasheet HTML 4Page - Integrated Device Technology QS3VH16861PAG Datasheet HTML 5Page - Integrated Device Technology QS3VH16861PAG Datasheet HTML 6Page - Integrated Device Technology QS3VH16861PAG Datasheet HTML 7Page - Integrated Device Technology QS3VH16861PAG Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
INDUSTRIALTEMPERATURERANGE
IDTQS3VH16861
2.5V / 3.3V 20-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH BUS SWITCH
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE(1)
FollowingConditionsApplyUnlessOtherwiseSpecified:
Industrial: TA = –40°C to +85°C, VCC = 3.3V ± 0.3V
Symbol
Parameter
Test Conditions
Min.
Typ.(1)
Max.
Unit
VIH
Input HIGH Voltage
Guaranteed Logic HIGH
VCC = 2.3V to 2.7V
1.7
V
forControlInputs
VCC = 2.7V to 3.6V
2
VIL
InputLOWVoltage
Guaranteed Logic HIGH
VCC = 2.3V to 2.7V
0.7
V
forControlInputs
VCC = 2.7V to 3.6V
0.8
IIN
InputLeakageCurrent(ControlInputs)
0V
VIN VCC
——
±1
μA
IOZ
Off-StateCurrent(Hi-Z)
0V
VOUT 5V, Switches OFF
±1
μA
IOFF
DataInput/OutputPowerOffLeakage
VIN or VOUT 0V to 5V, VCC = 0V
±1
μA
VCC = 2.3V
VIN = 0V
ION = 30mA
6
8
RON
Switch ON Resistance
(Typ. at VCC = 2.5V) VIN = 1.7V
ION = 15mA
7
9
Ω
VCC = 3V
VIN = 0V
ION = 30mA
4
6
VIN = 2.4V
ION = 15mA
5
8
NOTE:
1. Typical values are at VCC = 3.3V and TA = 25°C, unless otherwise noted.
TYPICAL ON RESISTANCE vs VIN AT VCC = 3.3V
16
14
12
10
8
6
4
2
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
5.0
4.5
RON
(ohms)
VIN
(Volts)


Similar Part No. - QS3VH16861PAG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
QS3VH16210 IDT-QS3VH16210 Datasheet
88Kb / 8P
   QUICKSWITCH - TM PRODUCTS 2.5V / 3.3V 20 - BIT 2 - PORT, HIGH BANDWIDTH BUS SWITCH
QS3VH16210PAG IDT-QS3VH16210PAG Datasheet
268Kb / 8P
   2.5V / 3.3V 20-BIT 2-PORT, HIGH BANDWIDTH BUS SWITCH
QS3VH16210PAG8 IDT-QS3VH16210PAG8 Datasheet
268Kb / 8P
   2.5V / 3.3V 20-BIT 2-PORT, HIGH BANDWIDTH BUS SWITCH
QS3VH16211PAG IDT-QS3VH16211PAG Datasheet
244Kb / 8P
   2.5V / 3.3V 24-BIT HIGH BANDWIDTH BUS SWITCH
QS3VH16211PAG8 IDT-QS3VH16211PAG8 Datasheet
244Kb / 8P
   2.5V / 3.3V 24-BIT HIGH BANDWIDTH BUS SWITCH
More results

Similar Description - QS3VH16861PAG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3VH16861 IDT-IDTQS3VH16861 Datasheet
81Kb / 8P
   3.3V 20-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS3VH16861 RENESAS-IDTQS3VH16861 Datasheet
451Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V/ 3.3V 20-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH BUS SWITCH
JUNE 2013
logo
List of Unclassifed Man...
QS3VH2861 ETC-QS3VH2861 Datasheet
65Kb / 8P
   2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH SWITCH
logo
Integrated Device Techn...
IDTQS3VH2861 IDT-IDTQS3VH2861_14 Datasheet
276Kb / 8P
   2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH SWITCH
QS3126S1G IDT-QS3126S1G Datasheet
214Kb / 5P
   QUICKSWITCH짰 PRODUCTS 2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH BUS SWITCH
QS3VH861QG IDT-QS3VH861QG Datasheet
278Kb / 8P
   QUICKSWITCH짰 PRODUCTS 2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS3VH861 RENESAS-IDTQS3VH861 Datasheet
440Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH BUS SWITCH
FEBRUARY 2014
logo
Integrated Device Techn...
IDTQS3VH2861 IDT-IDTQS3VH2861 Datasheet
76Kb / 8P
   QUICKSWITCH짰 PRODUCTS 2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH SWITCH
logo
Renesas Technology Corp
IDTQS3VH2861 RENESAS-IDTQS3VH2861 Datasheet
447Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH SWITCH
FEBRUARY 2014
logo
Integrated Device Techn...
IDTQS32XVH384 IDT-IDTQS32XVH384_11 Datasheet
270Kb / 8P
   2.5V/3.3V 20-BIT HIGH BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com