Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72V83L20PAGI Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 72V83L20PAGI
Description  3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V83L20PAGI Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 72V83L20PAGI Datasheet HTML 4Page - Integrated Device Technology 72V83L20PAGI Datasheet HTML 5Page - Integrated Device Technology 72V83L20PAGI Datasheet HTML 6Page - Integrated Device Technology 72V83L20PAGI Datasheet HTML 7Page - Integrated Device Technology 72V83L20PAGI Datasheet HTML 8Page - Integrated Device Technology 72V83L20PAGI Datasheet HTML 9Page - Integrated Device Technology 72V83L20PAGI Datasheet HTML 10Page - Integrated Device Technology 72V83L20PAGI Datasheet HTML 11Page - Integrated Device Technology 72V83L20PAGI Datasheet HTML 12Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
IDT72V81/72V82/72V83/72V84/72V85 3.3V CMOS DUAL ASYNCHRONOUS FIFO
512 x 9, 1024 x 9, 2048 x 9, 4096 x 9, 8192 x 9
COMMERCIAL ANDINDUSTRIAL
TEMPERATURERANGES
TABLE II—RESET AND FIRST LOAD TRUTH TABLE
Depth Expansion/Compound Expansion Mode
Inputs
Internal Status
Outputs
Mode
RS
FL
XI
Read Pointer
Write Pointer
EF
FF
Reset First Device
0
0
(1)
LocationZero
LocationZero
0
1
Reset All Other Devices
0
1
(1)
LocationZero
LocationZero
0
1
Read/Write
1
X
(1)
X
X
X
X
NOTE:
1. XI is connected to XO of previous device. See Figure 14. RS = Reset Input, FL/RT = First Load/Retransmit, EF = Empty Flag Output, FF = Full Flag Output,
XI = Expan-
sion Input, HF = Half-Full Flag Output
TABLE I—RESET AND RETRANSMIT
Single Device Configuration/Width Expansion Mode
Inputs
Internal Status
Outputs
Mode
RS
RT
XI
Read Pointer
Write Pointer
EF
FF
HF
Reset
0
X
0
LocationZero
LocationZero
0
1
1
Retransmit
1
0
0
LocationZero
Unchanged
X
X
X
Read/Write
1
1
0
Increment(1)
Increment(1)
XXX
NOTE:
1. Pointer will increment if flag is High.
Figure 14. Block Diagram of 2,048 x 9, 4,096 x 9, 8,192 x 9, 16,384 x 9 and 32,768 x 9 FIFO Memory (Depth Expansion)
D
W
FFB
EFB
FLB
XOB
RSA
FULL
EMPTY
V CC
R
9
9
99
XIB
9
Q
FFA
EFA
FLA
XOA
XIA
FFB
EFB
FLB
XIB
3966 drw 16
XOA
FIFO A
FIFO B
FIFO A
FIFO B
XIA
XOB
EFA
FLA
FFA
72V81/72V82
72V83/72V84
72V85
72V81/72V82
72V83/72V84
72V85


Similar Part No. - 72V83L20PAGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
72V83L20PAGI IDT-72V83L20PAGI Datasheet
125Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 DUAL 8,192 X 9
72V83L20PAGI IDT-72V83L20PAGI Datasheet
100Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
72V83L20PAGI RENESAS-72V83L20PAGI Datasheet
274Kb / 13P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
72V83L20PAGI8 IDT-72V83L20PAGI8 Datasheet
100Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
72V83L20PAGI8 RENESAS-72V83L20PAGI8 Datasheet
274Kb / 13P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
More results

Similar Description - 72V83L20PAGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V81 RENESAS-IDT72V81 Datasheet
274Kb / 13P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81_17 Datasheet
100Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT72V81 IDT-IDT72V81_06 Datasheet
140Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT72V01 IDT-IDT72V01_12 Datasheet
301Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT72V06 IDT-IDT72V06 Datasheet
149Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT72V01 RENESAS-IDT72V01 Datasheet
288Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT7280 IDT-IDT7280_17 Datasheet
149Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
IDT72V275 IDT-IDT72V275_14 Datasheet
205Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com