Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTQS4A210 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDTQS4A210
Description  HIGH-PERFORMANCE CMOS TWO CHANNEL SP4T MUX/DEMUX
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTQS4A210 Datasheet(HTML) 5 Page - Integrated Device Technology

  IDTQS4A210_14 Datasheet HTML 1Page - Integrated Device Technology IDTQS4A210_14 Datasheet HTML 2Page - Integrated Device Technology IDTQS4A210_14 Datasheet HTML 3Page - Integrated Device Technology IDTQS4A210_14 Datasheet HTML 4Page - Integrated Device Technology IDTQS4A210_14 Datasheet HTML 5Page - Integrated Device Technology IDTQS4A210_14 Datasheet HTML 6Page - Integrated Device Technology IDTQS4A210_14 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
IDTQS4A210
HIGH-PERFORMANCECMOSTWO-CHANNELSP4TMUX/DEMUX
INDUSTRIALTEMPERATURERANGE
TYPICAL CHARACTERISTICS (CONTINUED)
Insertion Loss vs. Frequency
On-Resistance vs. VIN
NOTE:
1. Insertion Loss = 20 log |VO/VS|
16
14
12
10
8
0.0
0.5
1.0
1.5
2.0
2.5
3.0
6
4
VIN (Volts)
VCC = 4.75V
18
RON LINK
Transition Time
TEST CIRCUITS
1
2
4
6
2
1
0
100M
200M
300M
F req ue ncy (H z )
400M
500M
60 0M
700 M
R L = 7 5 Ω
V CC = 5 V
R L = 1 K Ω
t
TRANS
t
TRANS
3.0V
1.5V
0V
1.5V
SELECT
INPUT
I0A-I2A
I3A
I0B-I3B
YB
YA
5V
5V
VOUT
VIN
5V
50
500
50pF
0V
GND
QS4A210
EA
S0
S1
EB
SWITCH
OUTPUT
Ω
Ω
VCC


Similar Part No. - IDTQS4A210_14

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS4A210Q IDT-IDTQS4A210Q Datasheet
77Kb / 7P
   QUICKSWITCH PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL SP4T MUX/DEMUX
More results

Similar Description - IDTQS4A210_14

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS4A210 IDT-IDTQS4A210 Datasheet
77Kb / 7P
   QUICKSWITCH PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL SP4T MUX/DEMUX
logo
Renesas Technology Corp
IDTQS4A210 RENESAS-IDTQS4A210 Datasheet
422Kb / 8P
   QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS TWO CHANNEL SP4T MUX/DEMUX
APRIL 2014
logo
Integrated Device Techn...
IDTQS4A215 IDT-IDTQS4A215_15 Datasheet
127Kb / 7P
   HIGH-PERFORMANCE CMOS SIX CHANNEL SP4T MUX/DEMUX
IDTQS4A215 IDT-IDTQS4A215 Datasheet
86Kb / 7P
   QUICKSWITCH PRODUCTS HIGH-PERFORMANCE CMOS SIX CHANNEL SP4T MUX/DEMUX
logo
Renesas Technology Corp
IDTQS4A215 RENESAS-IDTQS4A215 Datasheet
283Kb / 8P
   QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS SIX CHANNEL SP4T MUX/DEMUX
JULY 2015
logo
Integrated Device Techn...
IDTQS4A205 IDT-IDTQS4A205_14 Datasheet
264Kb / 7P
   HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPDT MUX/DEMUX
IDTQS4A205 IDT-IDTQS4A205 Datasheet
88Kb / 7P
   HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPDT MUX/DEMUX
IDTQS4A205 IDT-IDTQS4A205_08 Datasheet
240Kb / 7P
   QUICKSWITCH짰 PRODUCTS HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPDT MUX/DEMUX
logo
Renesas Technology Corp
IDTQS4A205 RENESAS-IDTQS4A205 Datasheet
430Kb / 8P
   QUICKSWITCH® PRODUCTS HIGH-PERFORMANCE CMOS ANALOG FOUR-CHANNEL SPDT MUX/DEMUX
APRIL 2014
logo
Integrated Device Techn...
QS3253S1G IDT-QS3253S1G Datasheet
223Kb / 5P
   DUAL 4 1 MUX/DEMUX HIGH-SPEED CMOS QUICKSWITCH DUAL 4 1 MUX/DEMUX
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com