Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QS3VH2861QG Datasheet(PDF) 1 Page - Integrated Device Technology

Part # QS3VH2861QG
Description  2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

QS3VH2861QG Datasheet(HTML) 1 Page - Integrated Device Technology

  QS3VH2861QG Datasheet HTML 1Page - Integrated Device Technology QS3VH2861QG Datasheet HTML 2Page - Integrated Device Technology QS3VH2861QG Datasheet HTML 3Page - Integrated Device Technology QS3VH2861QG Datasheet HTML 4Page - Integrated Device Technology QS3VH2861QG Datasheet HTML 5Page - Integrated Device Technology QS3VH2861QG Datasheet HTML 6Page - Integrated Device Technology QS3VH2861QG Datasheet HTML 7Page - Integrated Device Technology QS3VH2861QG Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
INDUSTRIALTEMPERATURERANGE
IDTQS3VH2861
2.5V / 3.3V 10-BIT ACTIVE HIGH AND LOW ENABLE, HIGH BANDWIDTH SWITCH
FEBRUARY 2014
2014 Integrated Device Technology, Inc.
DSC-5897/13
c
INDUSTRIAL TEMPERATURE RANGE
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
APPLICATIONS:
• Hot-swapping
• Low distortion analog switch
• Replaces mechanical relay
• ATM 25/155 switching
FEATURES:
• N channel FET switches with no parasitic diode to VCC
– Isolationunderpower-offconditions
– No DC path to VCC or GND
– 5V tolerant in OFF and ON state
• 5V tolerant I/Os
• Flat RON characteristics over operating range
• Rail-to-rail switching 0 - 5V
• Bidirectional dataflow with near-zero delay: no added ground
bounce
• Excellent RON matching between channels
•VCC operation: 2.3V to 3.6V
• High bandwidth
• LVTTL-compatible control Inputs
• Undershoot Clamp Diodes on all switch and control Inputs
• Low I/O capacitance, 4pF typical
•25
Ω
Ω
Ω
Ω
Ω resistors for low noise and line matching
• Available in QSOP package
IDTQS3VH2861
QUICKSWITCH® PRODUCTS
2.5V / 3.3V 10-BIT FLOW-THROUGH
PIN OUT, HIGH BANDWIDTH SWITCH
DESCRIPTION:
The QS3VH2861 HotSwitch is a high bandwidth bus switch with 10-bit
flow-though pin out. The QS3VH2861, with 25
ΩONresistanceand1.35ns
propagation delay, is ideal for line matching and low noise environments.
The switches are controlled by active low enable (BE) control. In the ON
state, the switches can pass signals up to 5V. In the OFF state, the switches
offer very high impedence at the terminals.
The combination of small propagation delay, high OFF impedance, and
over-voltage tolerance makes the QS3VH2861 ideal for high performance
communicationsapplications.
The QS3VH2861 is characterized for operation from -40
°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
A0
A9
B0
B9
BE


Similar Part No. - QS3VH2861QG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QS3VH2861 ETC-QS3VH2861 Datasheet
65Kb / 8P
   2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH SWITCH
More results

Similar Description - QS3VH2861QG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QS3VH2861 ETC-QS3VH2861 Datasheet
65Kb / 8P
   2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH SWITCH
logo
Integrated Device Techn...
IDTQS3VH2861 IDT-IDTQS3VH2861 Datasheet
76Kb / 8P
   QUICKSWITCH짰 PRODUCTS 2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH SWITCH
QS3126S1G IDT-QS3126S1G Datasheet
214Kb / 5P
   QUICKSWITCH짰 PRODUCTS 2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH BUS SWITCH
QS3VH861QG IDT-QS3VH861QG Datasheet
278Kb / 8P
   QUICKSWITCH짰 PRODUCTS 2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS3VH2861 RENESAS-IDTQS3VH2861 Datasheet
447Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH SWITCH
FEBRUARY 2014
IDTQS3VH861 RENESAS-IDTQS3VH861 Datasheet
440Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH BUS SWITCH
FEBRUARY 2014
logo
Integrated Device Techn...
IDTQS3VH16861 IDT-IDTQS3VH16861_13 Datasheet
283Kb / 8P
   3.3V 20-BIT FLOW-THROUGH PIN OUT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16861 IDT-IDTQS3VH16861 Datasheet
81Kb / 8P
   3.3V 20-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS3VH16861 RENESAS-IDTQS3VH16861 Datasheet
451Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V/ 3.3V 20-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH BUS SWITCH
JUNE 2013
logo
Integrated Device Techn...
IDTQS3VH861 IDT-IDTQS3VH861 Datasheet
70Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 10-BIT FLOWTHROUGH PIN OUT, HIGH BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com