Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QS3VH2861QG8 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # QS3VH2861QG8
Description  2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

QS3VH2861QG8 Datasheet(HTML) 4 Page - Integrated Device Technology

  QS3VH2861QG8 Datasheet HTML 1Page - Integrated Device Technology QS3VH2861QG8 Datasheet HTML 2Page - Integrated Device Technology QS3VH2861QG8 Datasheet HTML 3Page - Integrated Device Technology QS3VH2861QG8 Datasheet HTML 4Page - Integrated Device Technology QS3VH2861QG8 Datasheet HTML 5Page - Integrated Device Technology QS3VH2861QG8 Datasheet HTML 6Page - Integrated Device Technology QS3VH2861QG8 Datasheet HTML 7Page - Integrated Device Technology QS3VH2861QG8 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
INDUSTRIALTEMPERATURERANGE
IDTQS3VH2861
2.5V / 3.3V 10-BIT ACTIVE HIGH AND LOW ENABLE, HIGH BANDWIDTH SWITCH
TYPICAL ICCD vs ENABLE FREQUENCY CURVE AT VCC = 3.3V
ENABLE FREQUENCY (MHz)
NOTES:
1. For conditions shown as Min. or Max., use the appropriate values specified under DC Electrical Characteristics.
2. Per input driven at the specified level. A and B pins do not contribute to
ΔIcc.
3. This parameter is guaranteed but not tested.
4. This parameter represents the current required to switch internal capacitance at the specified frequency. The A and B inputs do not contribute to the Dynamic Power Supply
Current. This parameter is guaranteed but not production tested.
POWER SUPPLY CHARACTERISTICS
Symbol
Parameter
TestConditions(1)
Min.
Typ.
Max.
Unit
ICCQ
Quiescent Power Supply Current
VCC = Max., VIN = GND or VCC, f = 0
2
4
mA
ΔICC
Power Supply Current (2,3) per Input HIGH
VCC = Max., VIN = 3V, f = 0 per Control Input
30
μA
ICCD
Dynamic Power Supply Current (4)
VCC = 3.3V, A and B Pins Open, Control Inputs
See Typical ICCD vs Enable Frequency graph below
Toggling @ 50% Duty Cycle
0
2
4
6
8
10
12
14
0
2
4
6
8
10
12
14
16
18
20


Similar Part No. - QS3VH2861QG8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QS3VH2861 ETC-QS3VH2861 Datasheet
65Kb / 8P
   2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH SWITCH
More results

Similar Description - QS3VH2861QG8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QS3VH2861 ETC-QS3VH2861 Datasheet
65Kb / 8P
   2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH SWITCH
logo
Integrated Device Techn...
IDTQS3VH2861 IDT-IDTQS3VH2861 Datasheet
76Kb / 8P
   QUICKSWITCH짰 PRODUCTS 2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH SWITCH
QS3126S1G IDT-QS3126S1G Datasheet
214Kb / 5P
   QUICKSWITCH짰 PRODUCTS 2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH BUS SWITCH
QS3VH861QG IDT-QS3VH861QG Datasheet
278Kb / 8P
   QUICKSWITCH짰 PRODUCTS 2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS3VH2861 RENESAS-IDTQS3VH2861 Datasheet
447Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH SWITCH
FEBRUARY 2014
IDTQS3VH861 RENESAS-IDTQS3VH861 Datasheet
440Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH BUS SWITCH
FEBRUARY 2014
logo
Integrated Device Techn...
IDTQS3VH16861 IDT-IDTQS3VH16861_13 Datasheet
283Kb / 8P
   3.3V 20-BIT FLOW-THROUGH PIN OUT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16861 IDT-IDTQS3VH16861 Datasheet
81Kb / 8P
   3.3V 20-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS3VH16861 RENESAS-IDTQS3VH16861 Datasheet
451Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V/ 3.3V 20-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH BUS SWITCH
JUNE 2013
logo
Integrated Device Techn...
IDTQS3VH861 IDT-IDTQS3VH861 Datasheet
70Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 10-BIT FLOWTHROUGH PIN OUT, HIGH BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com