Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72V82L15PAG8 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 72V82L15PAG8
Description  3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V82L15PAG8 Datasheet(HTML) 2 Page - Integrated Device Technology

  72V82L15PAG8 Datasheet HTML 1Page - Integrated Device Technology 72V82L15PAG8 Datasheet HTML 2Page - Integrated Device Technology 72V82L15PAG8 Datasheet HTML 3Page - Integrated Device Technology 72V82L15PAG8 Datasheet HTML 4Page - Integrated Device Technology 72V82L15PAG8 Datasheet HTML 5Page - Integrated Device Technology 72V82L15PAG8 Datasheet HTML 6Page - Integrated Device Technology 72V82L15PAG8 Datasheet HTML 7Page - Integrated Device Technology 72V82L15PAG8 Datasheet HTML 8Page - Integrated Device Technology 72V82L15PAG8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
COMMERCIAL ANDINDUSTRIAL
TEMPERATURERANGES
IDT72V81/72V82/72V83/72V84/72V85 3.3V CMOS DUAL ASYNCHRONOUS FIFO
512 x 9, 1024 x 9, 2048 x 9, 4096 x 9, 8192 x 9
PIN CONFIGURATION
Symbol
Parameter
Min. Typ.
Max.
Unit
VCC
SupplyVoltage
3.0
3.3
3.6
V
GND
SupplyVoltage
0
0
0
V
VIH(1)
InputHighVoltage
2.0
VCC+0.5
V
VIL(2)
InputLowVoltage
0.8
V
TA
OperatingTemperatureCommercial
0
70
°C
TA
OperatingTemperatureIndustrial
-40
85
°C
RECOMMENDED DC OPERATING
CONDITIONS
FFA
QA0
QA1
QA2
QA3
QA8
GND
RA
QA4
QA5
QA6
QA7
XOA/HFA
EFA
FFB
QB0
QB1
QB2
QB3
QB8
GND
RB
QB4
QB5
QB6
QB7
XOB/HFB
EFB
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
XIA
DA0
DA1
DA2
DA3
DA8
WA
VCC
DA4
DA5
DA6
DA7
FLA/RTA
RSA
XIB
DB0
DB1
DB2
DB3
DB8
WB
VCC
DB4
DB5
DB6
DB7
FLB/RTB
RSB
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
3966 drw 02
TSSOP (SO56-2, order code: PA)
TOP VIEW
NOTES:
1. For RT/RS/XI input, VIH = 2.6V (commercial and industrial).
2. 1.5V undershoots are allowed for 10ns once per cycle
AC TEST CONDITIONS
Input Pulse Levels
GND to 3.0V
Input Rise/Fall Times
5ns
Input Timing Reference Levels
1.5V
Output Reference Levels
1.5V
Output Load
See Figure 1
3966 drw 03
30pF*
330
Ω
3.3V
TO
OUTPUT
PIN
510
Ω
or equivalent circuit
Figure 1. Output Load
*Includes scope and jib capacitances.
CAPACITANCE (TA=+25°C,f=1.0MHz)
Symbol
Parameter(1)
Condition
Max.
Unit
CIN
InputCapacitance
VIN = 0V
8
pF
COUT
OutputCapacitance
VOUT = 0V
8
pF
NOTE:
1. Characterized values, not currently tested.
NOTES:
1. Measurements with 0.4
≤ VIN ≤ VCC.
2. R
≥ VIH, 0.4 ≤ VOUT ≤ VCC.
3. Tested with outputs open (IOUT = 0).
4. Tested at f = 20 MHz.
5. All Inputs = VCC - 0.2V or GND + 0.2V.
DC ELECTRICAL CHARACTERISTICS(1)
(Commercial: VCC = 3.3V±0.3V, TA = 0
°C to +70°C;
Industrial: VCC = 3.3V±0.3V, TA = -40
°C to +85°C)
Commercial
Industrial
tA = 15, 20 ns
tA = 20 ns
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
ILI(1)
InputLeakageCurrent(AnyInput)
–1
1
–1
1
μA
ILO(2)
OutputLeakageCurrent
–10
10
–10
10
μA
VOH
Output Logic “1” Voltage IOH = –2mA
2.4
2.4
V
VOL
Output Logic “0” Voltage IOL = 8mA
0.4
0.4
V
ICC1(3,4) Active Power Supply Current (both FIFOs)
100
120
mA
ICC2(3,5) Standby Current (R=W=RS=FL/RT=VIH)—
5
5
mA
ABSOLUTE MAXIMUM RATINGS
Symbol
Rating
Com'l & Ind'l
Unit
VTERM
TerminalVoltage
–0.5 to +7.0
V
with Respect to GND
TSTG
StorageTemperature
–55 to +125
°C
IOUT
DCOutputCurrent
–50to+50
mA
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation of
the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.


Similar Part No. - 72V82L15PAG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
72V82L15PAG8 IDT-72V82L15PAG8 Datasheet
100Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
72V82L15PAG8 RENESAS-72V82L15PAG8 Datasheet
274Kb / 13P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
More results

Similar Description - 72V82L15PAG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V81 RENESAS-IDT72V81 Datasheet
274Kb / 13P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81_17 Datasheet
100Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT72V81 IDT-IDT72V81_06 Datasheet
140Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT72V01 IDT-IDT72V01_12 Datasheet
301Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
IDT72V06 IDT-IDT72V06 Datasheet
149Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT72V01 RENESAS-IDT72V01 Datasheet
288Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT7280 IDT-IDT7280_17 Datasheet
149Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO
IDT72V275 IDT-IDT72V275_14 Datasheet
205Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com