Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTQS3VH253 Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDTQS3VH253
Description  HIGH BANDWIDTH BUS SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTQS3VH253 Datasheet(HTML) 3 Page - Integrated Device Technology

  IDTQS3VH253 Datasheet HTML 1Page - Integrated Device Technology IDTQS3VH253 Datasheet HTML 2Page - Integrated Device Technology IDTQS3VH253 Datasheet HTML 3Page - Integrated Device Technology IDTQS3VH253 Datasheet HTML 4Page - Integrated Device Technology IDTQS3VH253 Datasheet HTML 5Page - Integrated Device Technology IDTQS3VH253 Datasheet HTML 6Page - Integrated Device Technology IDTQS3VH253 Datasheet HTML 7Page - Integrated Device Technology IDTQS3VH253 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
INDUSTRIAL TEMPERATURE RANGE
IDTQS3VH253
2.5V / 3.3V DUAL 4:1 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
TYPICAL ON RESISTANCE vs VIN AT VCC = 3.3V
RON
(ohms)
VIN
(Volts)
16
14
12
10
8
6
4
2
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
5.0
4.5
Symbol
Parameter
Test Conditions
Min.
Typ.(1) Max.
Unit
VIH
Input HIGH Voltage
Guaranteed Logic HIGH
VCC = 2.3V to 2.7V
1.7
V
for Control Inputs
VCC = 2.7V to 3.6V
2
VIL
Input LOW Voltage
Guaranteed Logic LOW
VCC = 2.3V to 2.7V
0.7
V
for Control Inputs
VCC = 2.7V to 3.6V
0.8
IIN
Input Leakage Current (Control Inputs)
0V
≤ VIN ≤ VCC
——
±1
μA
IOZ
Off-State Current (Hi-Z)
0V
≤ VOUT ≤ 5V, Switches OFF
±1
μA
IOFF
Data Input/Output Power Off Leakage
VIN or VOUT 0V to 5V, VCC = 0V
±1
μA
VCC = 2.3V
VIN = 0V
ION = 30mA
6
8
RON
Switch ON Resistance
Typical at VCC = 2.5V
VIN = 1.7V
ION = 15mA
7
9
Ω
VCC = 3V
VIN = 0V
ION = 30mA
4
6
VIN = 2.4V
ION = 15mA
5
8
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified:
Industrial: TA = –40°C to +85°C, VCC = 3.3V ±0.3V
NOTE:
1. Typical values are at VCC = 3.3V and TA = 25°C.


Similar Part No. - IDTQS3VH253

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3VH253 IDT-IDTQS3VH253 Datasheet
81Kb / 8P
   QUICKSWITCH-R PRODUCTS 2.5V / 3.3V DUAL 4:1 MUX/DEMUX HIGH BAND-WIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS3VH253 RENESAS-IDTQS3VH253 Datasheet
447Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V DUAL 4:1 MUX/DEMUX HIGH BANDWIDTH BUS SWITCH
FEBRUARY 2014
logo
Integrated Device Techn...
IDTQS3VH253-PA IDT-IDTQS3VH253-PA Datasheet
81Kb / 8P
   QUICKSWITCH-R PRODUCTS 2.5V / 3.3V DUAL 4:1 MUX/DEMUX HIGH BAND-WIDTH BUS SWITCH
IDTQS3VH253-Q IDT-IDTQS3VH253-Q Datasheet
81Kb / 8P
   QUICKSWITCH-R PRODUCTS 2.5V / 3.3V DUAL 4:1 MUX/DEMUX HIGH BAND-WIDTH BUS SWITCH
IDTQS3VH253-QG IDT-IDTQS3VH253-QG Datasheet
81Kb / 8P
   QUICKSWITCH-R PRODUCTS 2.5V / 3.3V DUAL 4:1 MUX/DEMUX HIGH BAND-WIDTH BUS SWITCH
More results

Similar Description - IDTQS3VH253

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3VH257 IDT-IDTQS3VH257_14 Datasheet
275Kb / 8P
   HIGH BANDWIDTH BUS SWITCH
IDTQS3VH251 IDT-IDTQS3VH251_14 Datasheet
277Kb / 8P
   HIGH BANDWIDTH BUS SWITCH
logo
Pericom Semiconductor C...
PI3C16211 PERICOM-PI3C16211 Datasheet
398Kb / 4P
   3.3V HIGH BANDWIDTH 24-BIT BUS SWITCH
logo
Texas Instruments
SN74CB3Q3305 TI-SN74CB3Q3305 Datasheet
131Kb / 10P
[Old version datasheet]   DUAL FET BUS SWITCH 2.5V/3.3V LOW VOLTAGE HIGH BANDWIDTH BUS SWITCH
logo
Integrated Device Techn...
IDTQS3VH16212 IDT-IDTQS3VH16212_13 Datasheet
262Kb / 8P
   2.5V / 3.3V 24-BIT BUS EXCHANGE HIGH BANDWIDTH BUS SWITCH
IDTQS34XVH2245 IDT-IDTQS34XVH2245_13 Datasheet
270Kb / 8P
   2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH384 IDT-IDTQS3VH384_08 Datasheet
280Kb / 8P
   2.5V / 3.3V 10-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16244 IDT-IDTQS3VH16244_13 Datasheet
281Kb / 8P
   2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16245 IDT-IDTQS3VH16245_14 Datasheet
279Kb / 8P
   2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS32XVH384 IDT-IDTQS32XVH384_11 Datasheet
270Kb / 8P
   2.5V/3.3V 20-BIT HIGH BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com