Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72125L25SOG8 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 72125L25SOG8
Description  CMOS PARALLEL-TO-SERIAL FIFO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72125L25SOG8 Datasheet(HTML) 4 Page - Integrated Device Technology

  72125L25SOG8 Datasheet HTML 1Page - Integrated Device Technology 72125L25SOG8 Datasheet HTML 2Page - Integrated Device Technology 72125L25SOG8 Datasheet HTML 3Page - Integrated Device Technology 72125L25SOG8 Datasheet HTML 4Page - Integrated Device Technology 72125L25SOG8 Datasheet HTML 5Page - Integrated Device Technology 72125L25SOG8 Datasheet HTML 6Page - Integrated Device Technology 72125L25SOG8 Datasheet HTML 7Page - Integrated Device Technology 72125L25SOG8 Datasheet HTML 8Page - Integrated Device Technology 72125L25SOG8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
COMMERCIAL TEMPERATURE RANGE
IDT72125PARALLEL-TO-SERIALCMOSFIFO
1,024 x 16
AC ELECTRICAL CHARACTERISTICS
(Commercial: VCC = 5V ± 10%, TA = 0οC to +70οC)
Commercial
IDT72125L25
Symbol
Parameter
Figure
Min.
Max.
Unit
tS
ParallelShiftFrequency
28.5
MHz
tSOCP
SerialShiftFrequency
50
MHz
PARALLEL INPUT TIMINGS
tWC
WriteCycleTime
2
35
ns
tWPW
WritePulseWidth
2
25
ns
tWR
WriteRecoveryTime
2
10
ns
tDS
DataSet-upTime
2
12
ns
tDH
Data Hold Time
2
0
ns
tWEF
Write High to EF HIGH
5, 6
35
ns
tWFF
Write Low to FF LOW
4, 7
35
ns
tWF
Write Low to Transitioning HF, AEF
8—
35
ns
tWPF
WritePulseWidthAfterFF HIGH
7
25
ns
SERIAL OUTPUT TIMINGS
tSOCP
Serial Clock Cycle Time
3
20
ns
tSOCW
SerialClockWidthHIGH/LOW
3
8
ns
tSOPD
SOCP Rising Edge to SO Valid Data
3
14
ns
tSOHZ
SOCP Rising Edge to SO at High-Z(1)
33
14
ns
tSOLZ
SOCP Rising Edge to SO at Low-Z(1)
33
14
ns
tSOCEF
SOCP Rising Edge to EF LOW
5, 6
35
ns
tSOCFF
SOCP Rising Edge to FF HIGH
4, 7
35
ns
tSOCF
SOCP Rising Edge to Transitioning HF, AEF
8—
35
ns
tREFSO
SOCP Delay After EF HIGH
6
35
ns
RESET TIMINGS
tRSC
ResetCycleTime
1
35
ns
tRS
Reset PulseWidth
1
25
ns
tRSS
ResetSet-upTime
1
25
ns
tRSR
Reset Recovery Time
1
10
ns
EXPANSION MODE TIMINGS
tFLS
FL
Set-up Time to RS Rising Edge
9
7
ns
tFLH
FL
Hold Time to RS Rising Edge
9
0
ns
tDIRS
DIR Set-up Time to SOCP Rising Edge
9
10
ns
tDIRH
DIR Hold Time from SOCP Rising Edge
9
5
ns
tSOXD1
SOCP Rising Edge to RSOX Rising Edge
9
15
ns
tSOXD2
SOCP Rising Edge to RSOX Falling Edge
9
15
ns
tSIXS
RSIX Set-up Time to SOCP Rising Edge
9
5
ns
tSIXPW
RSIXPulseWidth
9
10
ns
NOTE:
1. Values guaranteed by design.


Similar Part No. - 72125L25SOG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72125L25SOG8 RENESAS-72125L25SOG8 Datasheet
422Kb / 12P
   CMOS PARALLEL-TO-SERIAL FIFO 1,024 x 16
2016
More results

Similar Description - 72125L25SOG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72125 RENESAS-IDT72125 Datasheet
422Kb / 12P
   CMOS PARALLEL-TO-SERIAL FIFO 1,024 x 16
2016
IDT72401 RENESAS-IDT72401 Datasheet
320Kb / 10P
   CMOS PARALLEL FIFO
JUNE 2012
logo
Integrated Device Techn...
IDT72131 IDT-IDT72131 Datasheet
126Kb / 13P
   CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
IDT72132 IDT-IDT72132 Datasheet
137Kb / 13P
   CMOS SERIAL-TO-PARALLEL FIFO 2048 x 9 4096 x 9
logo
Sharp Corporation
LH5493 SHARP-LH5493 Datasheet
839Kb / 16P
   4K x 9 Parallel-to Serial FIFO
logo
Integrated Device Techn...
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
IDT72105 IDT-IDT72105 Datasheet
179Kb / 12P
   CMOS PARALLEL-TO-SERIAL FIFO 256 x 16, 512 x 16, 1024 x 16
logo
Mitsubishi Electric Sem...
M66300P MITSUBISHI-M66300P Datasheet
393Kb / 10P
   PARALLEL-IN SERIAL-OUT DATA BUFFER WITH FIFO
logo
Renesas Technology Corp
R8A66174SP RENESAS-R8A66174SP Datasheet
468Kb / 12P
   PARALLEL-IN SERIAL-OUT DATA BUFFER WITH FIFO
logo
List of Unclassifed Man...
DLP-USB1 ETC1-DLP-USB1 Datasheet
63Kb / 6P
   USB to FIFO Parallel Interface Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com