Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72V01L25JG8 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 72V01L25JG8
Description  3.3 VOLT CMOS ASYNCHRONOUS FIFO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V01L25JG8 Datasheet(HTML) 1 Page - Integrated Device Technology

  72V01L25JG8 Datasheet HTML 1Page - Integrated Device Technology 72V01L25JG8 Datasheet HTML 2Page - Integrated Device Technology 72V01L25JG8 Datasheet HTML 3Page - Integrated Device Technology 72V01L25JG8 Datasheet HTML 4Page - Integrated Device Technology 72V01L25JG8 Datasheet HTML 5Page - Integrated Device Technology 72V01L25JG8 Datasheet HTML 6Page - Integrated Device Technology 72V01L25JG8 Datasheet HTML 7Page - Integrated Device Technology 72V01L25JG8 Datasheet HTML 8Page - Integrated Device Technology 72V01L25JG8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
JUNE 2012
3.3 VOLT CMOS ASYNCHRONOUS FIFO
512 x 9, 1,024 x 9,
2,048 x 9, 4,096 x 9,
8,192 x 9, 16,384 x 9
IDT72V01, IDT72V02
IDT72V03, IDT72V04
IDT72V05, IDT72V06
IDT and the IDT logo are trademarks of Integrated Device Technology, Inc
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
©2012 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
DSC-3033/7
FEATURES:
••••• 3.3V family uses less power than the 5 Volt 7201/7202/7203/7204/
7205/7206 family
••••• 512 x 9 organization (72V01)
••••• 1,024 x 9 organization (72V02)
••••• 2,048 x 9 organization (72V03)
••••• 4,096 X 9 organization (72V04)
••••• 8,192 x 9 organization (72V05)
••••• 16,384 X 9 organization (72V06)
••••• Functionally compatible with 720x family
••••• Low-power consumption
— Active: 180 mW (max.)
— Power-down: 18 mW (max.)
••••• 15 ns access time
••••• Asynchronous and simultaneous read and write
••••• Fully expandable by both word depth and/or bit width
••••• Status Flags: Empty, Half-Full, Full
••••• Auto-retransmit capability
••••• Available in 32-pin PLCC
••••• Industrial temperature range (–40
°°°°°C to +85°°°°°C) is available
••••• Green parts available, see ordering information
FUNCTIONAL BLOCK DIAGRAM
W
WRITE
CONTROL
READ
CONTROL
R
FLAG
LOGIC
EXPANSION
LOGIC
XI
WRITE
POINTER
RAM
ARRAY
512 x 9
1,024 x 9
2,048 x 9
4,096 x 9
8,192 x 9
16,384 x 9
READ
POINTER
DATA INPUTS
RESET
LOGIC
THREE-
STATE
BUFFERS
DATA OUTPUTS
EF
FF
XO/HF
RS
FL/RT
(D0-D8)
3033 drw 01
(Q0-Q8)
DESCRIPTION:
The IDT72V01/72V02/72V03/72V04/72V05/72V06 are dual-port FIFO
memoriesthatoperateatapowersupplyvoltage(Vcc)between3.0Vand3.6V.
Their architecture, functional operation and pin assignments are identical to
those of the IDT7201/7202/7203/7204/7205/7206. These devices load and
emptydataonafirst-in/first-outbasis.TheyuseFullandEmptyflagstoprevent
data overflow and underflow and expansion logic to allow for unlimited
expansion capability in both word size and depth.
The reads and writes are internally sequential through the use of ring
pointers, with no address information required to load and unload data. Data
istoggledinandoutofthedevicesthroughtheuseoftheWrite(W)andRead
(R) pins. The devices have a maximum data access time as fast as 25 ns.
Thedevicesutilizea9-bitwidedataarraytoallowforcontrolandparitybits
at the user’s option. This feature is especially useful in data communications
applicationswhereitisnecessarytouseaparitybitfortransmission/reception
errorchecking.TheyalsofeatureaRetransmit(RT)capabilitythatallowsfor
resetofthereadpointertoitsinitialpositionwhenRTispulsedLOWtoallowfor
retransmission from the beginning of data. A Half-Full Flag is available in the
single device mode and width expansion modes.
These FIFOs are fabricated using high-speed CMOS technology. It has
beendesignedforthoseapplicationsrequiringasynchronousandsimultane-
ousread/writesinmultiprocessingandratebufferapplications.


Similar Part No. - 72V01L25JG8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V01L25JG8 RENESAS-72V01L25JG8 Datasheet
288Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
More results

Similar Description - 72V01L25JG8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V06 IDT-IDT72V06 Datasheet
149Kb / 12P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT72V01 RENESAS-IDT72V01 Datasheet
288Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81_17 Datasheet
100Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
logo
Renesas Technology Corp
IDT72V81 RENESAS-IDT72V81 Datasheet
274Kb / 13P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
NOVEMBER 2017
logo
Integrated Device Techn...
IDT72V81 IDT-IDT72V81_12 Datasheet
290Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT72V81 IDT-IDT72V81_06 Datasheet
140Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V275 IDT-IDT72V275_14 Datasheet
205Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V261LA IDT-IDT72V261LA_14 Datasheet
361Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com