Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72V51233L5BBI Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 72V51233L5BBI
Description  3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 18 BIT WIDE CONFIGURATION
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72V51233L5BBI Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 72V51233L5BBI Datasheet HTML 3Page - Integrated Device Technology 72V51233L5BBI Datasheet HTML 4Page - Integrated Device Technology 72V51233L5BBI Datasheet HTML 5Page - Integrated Device Technology 72V51233L5BBI Datasheet HTML 6Page - Integrated Device Technology 72V51233L5BBI Datasheet HTML 7Page - Integrated Device Technology 72V51233L5BBI Datasheet HTML 8Page - Integrated Device Technology 72V51233L5BBI Datasheet HTML 9Page - Integrated Device Technology 72V51233L5BBI Datasheet HTML 10Page - Integrated Device Technology 72V51233L5BBI Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
7
IDT72V51233/72V51243/72V51253 3.3V, MULTI-QUEUE FLOW-CONTROL DEVICES
(4 QUEUES) 18 BIT WIDE CONFIGURATION 589,824, 1,179,648 and 2,359,296 bits
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
FSYNC
PAFn Bus Sync
LVTTL
FSYNC is an output from the multi-queue device that provides a synchronizing pulse for the
PAFn bus
(R3)
OUTPUT
during Polled operation of the
PAFn bus. During Polled operation each quadrant of queue status flags
is loaded on to the
PAFn bus outputs sequentially based on WCLK. The first WCLK rising edge loads
device1 on to the
PAFnbusoutputs,thesecondWCLKrisingedgeloadsdevice2andsoon.Duringthe
WCLK cycle that a selected device is placed on to the
PAFn bus, the FSYNC output will be HIGH.
FXI
PAFn Bus
LVTTL
The FXI input is used when multi-queue devices are connected in expansion mode and Polled
PAFn
(T2)
Expansion In
INPUT
bus operation has been selected . FXI of device ‘N’ connects directly to FXO of device ‘N-1’. The FXI
receives a token from the previous device in a chain. In single device mode the FXI input must be tied
LOW if the
PAFnbusisoperatedindirectmode.IfthePAFnbusisoperatedinpolledmodetheFXIinput
must be connected to the FXO output of the same device. In expansion mode the FXI of the first device
should be tied LOW, when direct mode is selected.
FXO
PAFn Bus
LVTTL
FXO is an output that is used when multi-queue devices are connected in expansion mode and Polled
(T3)
Expansion Out
OUTPUT
PAFnbusoperationhasbeenselected.FXOofdevice‘N’connectsdirectlytoFXIofdevice‘N+1’.This
pinpulsesHIGHwhendeviceNplacesits
PAFstatusontothePAFnbuswithrespecttoWCLK.Thispulse
(token) is then passed on to the next device in the chain ‘N+1’ and on the next WCLK rising edge the first
quadrant of device N+1 will be loaded on to the
PAFn bus. This continues through the chain and FXO
of the last device is then looped back to FXI of the first device. The FSYNC output of each device in the
chain provides synchronization to the user of this looping event.
ID[2:0](1)
Device ID Pins
LVTTL
For the 4Q multi-queue device the WRADD address bus is 5 bits and RDADD address bus is 6 bits wide.
(ID2-C9
INPUT
Whenaqueueselectiontakesplacethe3MSb’softhisaddressbusareusedtoaddressthespecificdevice
ID1-A10
(the LSb’s are used to address the queue within that device). During write/read operations the 3 MSb’s
ID0-B10)
of the address are compared to the device ID pins. The first device in a chain of multi-queue’s (connected
in expansion mode), may be setup as ‘000’, the second as ‘001’ and so on through to device 8 which is
‘111’, however the ID does not have to match the device order. In single device mode these pins should
be setup as ‘000’ and the 3 MSb’s of the WRADD and RDADD address busses should be tied LOW. The
ID[2:0] inputs setup a respective devices ID during master reset. These ID pins must not toggle during
any device operation. Note, the device selected as the ‘Master’ does not have to have the ID of ‘000’.
IW(1)
InputWidth
LVTTL
IW selects the bus width for the data input bus. If IW is LOW during a Master Reset then the bus width
(L15)
INPUT
is x18, if HIGH then it is x9.
MAST(1)
Master Device
LVTTL
ThestateofthisinputatMasterResetdetermineswhetheragivendevice(withinachainofdevices),isthe
(K15)
INPUT
Master device or a Slave. If this pin is HIGH, the device is the master, if it is LOW then it is a Slave. The
master device is the first to take control of all outputs after a master reset, all slave devices go to
High-Impedance,preventingbuscontention.Ifamulti-queuedeviceisbeingusedinsingledevicemode,
this pin must be set HIGH.
MRS
Master Reset
LVTTL
Amasterresetisperformedbytaking
MRSfromHIGHtoLOW,toHIGH.Deviceprogrammingisrequired
(T9)
INPUT
aftermasterreset.
OE
OutputEnable
LVTTL
TheOutputenablesignalisanAsynchronoussignalusedtoprovidethree-statecontrolofthemulti-queue
(M14)
INPUT
data output bus, Qout. If a device has been configured as a “Master” device, the Qout data outputs will
be in a Low Impedance condition if the
OE inputisLOW.IfOEisHIGHthentheQoutdataoutputswillbe
in High Impedance. If a device is configured a “Slave” device, then the Qout data outputs will always be
inHighImpedanceuntilthatdevicehasbeenselectedontheReadPort,atwhichpoint
OEprovidesthree-
state of that respective device.
OV
Output Valid Flag
LVTTL
Thisoutputflagprovidesoutputvalidstatusforthedatawordpresentonthemulti-queueflow-controldevice
(P9)
OUTPUT
data output port, Qout. This flag is therefore, 2-stage delayed to match the data output path delay. That
is, there is a 2 RCLK cycle delay from the time a given queue is selected for reads, to the time the
OVflag
represents the data in that respective queue. When a selected queue on the read port is read to empty,
the
OV flag will go HIGH, indicating that data on the output bus is not valid. The OV flag also has High-
Impedance capability, required when multiple devices are used and the
OV flags are tied together.
OW(1)
OutputWidth
LVTTL
OW selects the bus width for the data output bus. If OW is LOW during a Master Reset then the bus width
(L16)
INPUT
is x18, if HIGH then it is x9.
PIN DESCRIPTIONS (CONTINUED)
Symbol &
Name
I/O TYPE
Description
Pin No.


Similar Part No. - 72V51233L5BBI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72V51233L6BB RENESAS-72V51233L6BB Datasheet
662Kb / 51P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 18 BIT WIDE CONFIGURATION
FEBRUARY 2009
72V51233L6BBI RENESAS-72V51233L6BBI Datasheet
662Kb / 51P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 18 BIT WIDE CONFIGURATION
FEBRUARY 2009
72V51233L7-5BB RENESAS-72V51233L7-5BB Datasheet
662Kb / 51P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 18 BIT WIDE CONFIGURATION
FEBRUARY 2009
72V51233L7-5BBI RENESAS-72V51233L7-5BBI Datasheet
662Kb / 51P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 18 BIT WIDE CONFIGURATION
FEBRUARY 2009
More results

Similar Description - 72V51233L5BBI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V51233 RENESAS-IDT72V51233 Datasheet
662Kb / 51P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 18 BIT WIDE CONFIGURATION
FEBRUARY 2009
IDT72V51433 RENESAS-IDT72V51433 Datasheet
594Kb / 51P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (16 QUEUES) 18 BIT WIDE CONFIGURATION
JUNE 2003
IDT72V51236 RENESAS-IDT72V51236 Datasheet
650Kb / 57P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION
JUNE 2003
logo
Integrated Device Techn...
IDT72T51543 IDT-IDT72T51543 Datasheet
539Kb / 57P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 18 BIT WIDE CONFIGURATION
logo
Renesas Technology Corp
IDT72V51436 RENESAS-IDT72V51436 Datasheet
673Kb / 58P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (16 QUEUES) 36 BIT WIDE CONFIGURATION
JUNE 2003
logo
Integrated Device Techn...
IDT72T51236 IDT-IDT72T51236 Datasheet
606Kb / 62P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION 589,824 bits, 1,179,648 bits and 2,359,296 bits
IDT72T51233 IDT-IDT72T51233 Datasheet
532Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51546 IDT-IDT72T51546 Datasheet
610Kb / 64P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51333 IDT-IDT72T51333 Datasheet
524Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION 589,824 bits, 1,179,648 bits and 2,359,296 bits
IDT72T6360 IDT-IDT72T6360 Datasheet
483Kb / 51P
   2.5V SEQUENTIAL FLOW-CONTROL DEVICE 36 BIT WIDE CONFIGURATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com