Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS29LV800B-120SC Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # AS29LV800B-120SC
Description  3V 1M횞8/512K횞16 CMOS Flash EEPROM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AS29LV800B-120SC Datasheet(HTML) 3 Page - ANADIGICS, Inc

  AS29LV800B-120SC Datasheet HTML 1Page - ANADIGICS, Inc AS29LV800B-120SC Datasheet HTML 2Page - ANADIGICS, Inc AS29LV800B-120SC Datasheet HTML 3Page - ANADIGICS, Inc AS29LV800B-120SC Datasheet HTML 4Page - ANADIGICS, Inc AS29LV800B-120SC Datasheet HTML 5Page - ANADIGICS, Inc AS29LV800B-120SC Datasheet HTML 6Page - ANADIGICS, Inc AS29LV800B-120SC Datasheet HTML 7Page - ANADIGICS, Inc AS29LV800B-120SC Datasheet HTML 8Page - ANADIGICS, Inc AS29LV800B-120SC Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
®
AS29LV800
3/22/01; V.1.0
Alliance Semiconductor
P. 3 of 25
March 2001
Operating modes
L = Low (<VIL) = logic 0; H = High (>VIH) = logic 1; VID = 10.0 ± 1.0V; X = don’t care.
In ×16 mode, BYTE = VIH. In ×8 mode, BYTE = VIL with DQ8-DQ14 in high Z and DQ15 = A-1.
Verification of sector protect/unprotect during A9 = V
ID.
Mode definitions
Mode
CE
OE
WE
A0
A1
A6
A9
RESET
DQ
ID read MFR code
LLH
L
LLVID
HCode
ID read device code
L
L
H
H
L
L
VID
HCode
Read
L
L
H
A0
A1
A6
A9
H
DOUT
Standby
H
XXX
XXXH
High Z
Output disable
L
H
H
X
XXXH
High Z
Write
L
H
L
A0
A1
A6
A9
H
DIN
Enable sector protect
L
VID
Pulse/L
L
H
L
VID
HX
Sector unprotect
L
VID
Pulse/L
L
HHVID
HX
Temporary sector
unprotect
XXXX
XXXVID
X
Verify sector protect
LLH
L
H
LVID
HCode
Verify sector unprotect
LLH
L
H
H
VID
HCode
Hardware Reset
XXXX
XXXL
High Z
Item
Description
ID MFR code,
device code
Selected by A9 = VID(9.5V–10.5V), CE = OE = A1 = A6 = L, enabling outputs.
When A0 is low (VIL) the output data = 52h, a unique Mfr. code for Alliance Semiconductor Flash products.
When A0 is high (VIH), DOUT represents the device code for the AS29LV800.
Read mode
Selected with CE = OE = L, WE = H. Data is valid in tACC time after addresses are stable, tCE after CE is low
and tOE after OE is low.
Standby
Selected with CE = H. Part is powered down, and ICC reduced to <1.0 µA when CE = VCC ± 0.3V = RESET. If
activated during an automated on-chip algorithm, the device completes the operation before entering
standby.
Output disable Part remains powered up; but outputs disabled with OE pulled high.
Write
Selected with CE = WE = L, OE = H. Accomplish all Flash erasure and programming through the command
register. Contents of command register serve as inputs to the internal state machine. Address latching occurs
on the falling edge of WE or CE, whichever occurs later. Data latching occurs on the rising edge WE or CE,
whichever occurs first. Filters on WE prevent spurious noise events from appearing as write commands.
Enable
sector protect
Hardware protection circuitry implemented with external programming equipment causes the device to
disable program and erase operations for specified sectors. For in-system sector protection, refer to Sector
protect algorithm on page 14.
Sector
unprotect
Disables sector protection for all sectors using external programming equipment. All sectors must be
protected prior to sector unprotection. For in-system sector unprotection, refer to Sector unprotect algorithm
on page 14.
Verify sector
protect/
unprotect
Verifies write protection for sector. Sectors are protected from program/erase operations on commercial
programming equipment. Determine if sector protection exists in a system by writing the ID read command
sequence and reading location XXX02h, where address bits A12–18 select the defined sector addresses. A
logical 1 on DQ0 indicates a protected sector; a logical 0 indicates an unprotected sector.


Similar Part No. - AS29LV800B-120SC

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS29LV016 AUSTIN-AS29LV016 Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016BRG-100/ET AUSTIN-AS29LV016BRG-100/ET Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016BRG-100/XT AUSTIN-AS29LV016BRG-100/XT Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016BRG-70/ET AUSTIN-AS29LV016BRG-70/ET Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016BRG-90/ET AUSTIN-AS29LV016BRG-90/ET Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
More results

Similar Description - AS29LV800B-120SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L29S800F ETC-L29S800F Datasheet
797Kb / 54P
   8MEGABIT (1M횞8 /512K횞16) 3 VOLT CMOS FLASH MEMERY
logo
Sanyo Semicon Device
LE25FW806 SANYO-LE25FW806 Datasheet
147Kb / 22P
   CMOS IC 8M-bit (1M횞8) Serial Flash Memory
logo
Alliance Semiconductor ...
AS29LV400 ALSC-AS29LV400 Datasheet
227Kb / 25P
   3V 512K x 8/256K 횞 16 CMOS Flash EEPROM
logo
Sanyo Semicon Device
LE25FW806 SANYO-LE25FW806_10 Datasheet
180Kb / 22P
   8M-bit (1M횞8) Serial Flash Memory
logo
Alliance Semiconductor ...
AS29F010 ALSC-AS29F010 Datasheet
175Kb / 10P
   5V 128K x 8 CMOS FLASH EEPROM
AS29F040 ALSC-AS29F040 Datasheet
341Kb / 18P
   5V 512K x 8 CMOS FLASH EEPROM
logo
Macronix International
MX25L802 MCNIX-MX25L802 Datasheet
281Kb / 24P
   8M-BIT [8M x 1] CMOS SERIAL FLASH EEPROM
logo
List of Unclassifed Man...
H3104A ETC2-H3104A Datasheet
293Kb / 5P
   CMOS EEPROM
logo
NEC
UPD28C04 NEC-UPD28C04 Datasheet
220Kb / 9P
   CMOS EEPROM
logo
Elite Semiconductor Mem...
F49L004UA ESMT-F49L004UA Datasheet
353Kb / 46P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com