Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

865090140001 Datasheet(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 865090140001
Description  WCAP-ASLU Aluminum Electrolytic Capacitors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

865090140001 Datasheet(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  865090140001 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 865090140001 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 865090140001 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 865090140001 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 865090140001 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 865090140001 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 865090140001 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany. 865090140001 Datasheet HTML 8Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1.0
REV
2014-11-11
DATE
SSt
BY
PSL
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WCAP-ASLU Aluminum Electrolytic
Capacitors
Order.- No.
865090140001
SIZE
A4
Size: 4.0 x 5.5
H1: Classification Reflow Profile for SMT components:
H2: Classification Reflow Profiles
Profile Feature
Preheat
- Temperature Min (Tsmin)
- Temperature Max (Tsmax)
- Time (ts) from (Tsmin to Tsmax)
Ramp-up rate (TL to TP)
Liquidous temperature (TL)
Time (tL) maintained above TL
Peak package body temperature (Tp)
Time within 5°C of actual peak temperature (tp)
Ramp-down rate (TP to TL)
Time 25°C to peak temperature
Pb-Free Assembly
150°C
200°C
60-120 seconds
3°C/ second max.
217°C
60-150 seconds
See Table H3
20-30 seconds
6°C/ second max.
8 minutes max.
refer to IPC/JEDEC J-STD-020D
H3: Package Classification Reflow Temperature
PB-Free Assembly
PB-Free Assembly
PB-Free Assembly
Package Thickness
< 1.6 mm
1.6 - 2.5 mm
≥ 2.5 mm
Volume mm³
<350
260°C
260°C
250°C
Volume mm³
350 - 2000
260°C
250°C
245°C
Volume mm³
>2000
260°C
245°C
245°C
refer to IPC/JEDEC J-STD-020D
H Soldering Specifications:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 865090140001

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
865090140002 WURTH-865090140002 Datasheet
1Mb / 8P
   WCAP-ASLU Aluminum Electrolytic Capacitors
865090140003 WURTH-865090140003 Datasheet
1Mb / 8P
   WCAP-ASLU Aluminum Electrolytic Capacitors
865090140004 WURTH-865090140004 Datasheet
1Mb / 8P
   WCAP-ASLU Aluminum Electrolytic Capacitors
More results

Similar Description - 865090140001

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
865090549007 WURTH-865090549007 Datasheet
1Mb / 8P
   WCAP-ASLU Aluminum Electrolytic Capacitors
865090340001 WURTH-865090340001 Datasheet
1Mb / 8P
   WCAP-ASLU Aluminum Electrolytic Capacitors
865090340002 WURTH-865090340002 Datasheet
1Mb / 8P
   WCAP-ASLU Aluminum Electrolytic Capacitors
865090640002 WURTH-865090640002 Datasheet
1Mb / 8P
   WCAP-ASLU Aluminum Electrolytic Capacitors
865090640003 WURTH-865090640003 Datasheet
1Mb / 8P
   WCAP-ASLU Aluminum Electrolytic Capacitors
865090643009 WURTH-865090643009 Datasheet
1Mb / 8P
   WCAP-ASLU Aluminum Electrolytic Capacitors
865090640004 WURTH-865090640004 Datasheet
1Mb / 8P
   WCAP-ASLU Aluminum Electrolytic Capacitors
865090145008 WURTH-865090145008 Datasheet
1Mb / 8P
   WCAP-ASLU Aluminum Electrolytic Capacitors
865090543005 WURTH-865090543005 Datasheet
1Mb / 8P
   WCAP-ASLU Aluminum Electrolytic Capacitors
865090442004 WURTH-865090442004 Datasheet
1Mb / 8P
   WCAP-ASLU Aluminum Electrolytic Capacitors
865090449009 WURTH-865090449009 Datasheet
1Mb / 8P
   WCAP-ASLU Aluminum Electrolytic Capacitors
1.0 2014-11-11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com