Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS29LV800T-120SI Datasheet(PDF) 1 Page - ANADIGICS, Inc

Part # AS29LV800T-120SI
Description  3V 1M횞8/512K횞16 CMOS Flash EEPROM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AS29LV800T-120SI Datasheet(HTML) 1 Page - ANADIGICS, Inc

  AS29LV800T-120SI Datasheet HTML 1Page - ANADIGICS, Inc AS29LV800T-120SI Datasheet HTML 2Page - ANADIGICS, Inc AS29LV800T-120SI Datasheet HTML 3Page - ANADIGICS, Inc AS29LV800T-120SI Datasheet HTML 4Page - ANADIGICS, Inc AS29LV800T-120SI Datasheet HTML 5Page - ANADIGICS, Inc AS29LV800T-120SI Datasheet HTML 6Page - ANADIGICS, Inc AS29LV800T-120SI Datasheet HTML 7Page - ANADIGICS, Inc AS29LV800T-120SI Datasheet HTML 8Page - ANADIGICS, Inc AS29LV800T-120SI Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
March 2001
Copyright © Alliance Semiconductor. All rights reserved.
®
AS29LV800
3V 1M × 8/512K × 16 CMOS Flash EEPROM
3/22/01; V.1.0
Alliance Semiconductor
P. 1 of 25
Features
• Organization: 1M×8/512K×16
• Sector architecture
- One 16K; two 8K; one 32K; and fifteen 64K byte sectors
- One 8K; two 4K; one 16K; and fifteen 32K word sectors
- Boot code sector architecture—T (top) or B (bottom)
- Erase any combination of sectors or full chip
• Single 2.7-3.6V power supply for read/write operations
• Sector protection
• High speed 70/80/90/120 ns address access time
• Automated on-chip programming algorithm
- Automatically programs/verifies data at specified address
• Automated on-chip erase algorithm
- Automatically preprograms/erases chip or specified
sectors
• Hardware RESET pin
- Resets internal state machine to read mode
• Low power consumption
- 200 nA typical automatic sleep mode current
- 200 nA typical standby current
- 10 mA typical read current
• JEDEC standard software, packages and pinouts
- 48-pin TSOP
- 44-pin SO; availability TBD
• Detection of program/erase cycle completion
- DQ7 DATA polling
- DQ6 toggle bit
- DQ2 toggle bit
-RY/BY output
• Erase suspend/resume
- Supports reading data from or programming data to a
sector not being erased
•Low VCC write lock-out below 1.5V
• 10 year data retention at 150C
• 100,000 write/erase cycle endurance
Logic block diagram
X decoder
VCC
VSS
Cell matrix
Y decoder
Y gating
Data latch
Chip enable
Input/output
buffers
Sector protect/
Command
register
Program/erase
control
VCC detector
Erase voltage
generator
Program voltage
generator
Timer
A0–A18
CE
OE
STB
STB
Output enable
Logic
RY/BY
WE
RESET
DQ0–DQ15
switches
erase voltage
BYTE
A-1
Pin arrangement
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
A14
A15
A16
BYTE
VSS
DQ15/A-1
DQ7
DQ14
DQ6
DQ13
DQ5
DQ12
DQ4
VCC
A6
A5
A4
A3
A2
A1
A0
CE
VSS
OE
DQ0
DQ8
DQ1
DQ9
DQ2
DQ10
44-pin SO
21
22
DQ3
DQ11
A10
A11
A12
A13
2
A18
3
A17
4
A7
1
RY/BY
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
43
42
41
44
WE
A8
A9
RESET
48-pin TSOP
AS29LV800
Selection guide
29LV800-70R*
* Regulated voltage range of 3.0 to 3.6V
29LV800-80
29LV800-90
29LV800-120
Unit
Maximum access time
tAA
70
80
90
120
ns
Maximum chip enable access time
tCE
70
80
90
120
ns
Maximum output enable access time
tOE
30
30
35
50
ns


Similar Part No. - AS29LV800T-120SI

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS29LV016 AUSTIN-AS29LV016 Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016BRG-100/ET AUSTIN-AS29LV016BRG-100/ET Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016BRG-100/XT AUSTIN-AS29LV016BRG-100/XT Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016BRG-70/ET AUSTIN-AS29LV016BRG-70/ET Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016BRG-90/ET AUSTIN-AS29LV016BRG-90/ET Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
More results

Similar Description - AS29LV800T-120SI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L29S800F ETC-L29S800F Datasheet
797Kb / 54P
   8MEGABIT (1M횞8 /512K횞16) 3 VOLT CMOS FLASH MEMERY
logo
Sanyo Semicon Device
LE25FW806 SANYO-LE25FW806 Datasheet
147Kb / 22P
   CMOS IC 8M-bit (1M횞8) Serial Flash Memory
logo
Alliance Semiconductor ...
AS29LV400 ALSC-AS29LV400 Datasheet
227Kb / 25P
   3V 512K x 8/256K 횞 16 CMOS Flash EEPROM
logo
Sanyo Semicon Device
LE25FW806 SANYO-LE25FW806_10 Datasheet
180Kb / 22P
   8M-bit (1M횞8) Serial Flash Memory
logo
Alliance Semiconductor ...
AS29F010 ALSC-AS29F010 Datasheet
175Kb / 10P
   5V 128K x 8 CMOS FLASH EEPROM
AS29F040 ALSC-AS29F040 Datasheet
341Kb / 18P
   5V 512K x 8 CMOS FLASH EEPROM
logo
Macronix International
MX25L802 MCNIX-MX25L802 Datasheet
281Kb / 24P
   8M-BIT [8M x 1] CMOS SERIAL FLASH EEPROM
logo
List of Unclassifed Man...
H3104A ETC2-H3104A Datasheet
293Kb / 5P
   CMOS EEPROM
logo
NEC
UPD28C04 NEC-UPD28C04 Datasheet
220Kb / 9P
   CMOS EEPROM
logo
Elite Semiconductor Mem...
F49L004UA ESMT-F49L004UA Datasheet
353Kb / 46P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com