Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM488M3244VBD-7FE Datasheet(PDF) 2 Page - Eorex Corporation

Part # EM488M3244VBD-7FE
Description  Fully Synchronous to Positive Clock Edge
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM488M3244VBD-7FE Datasheet(HTML) 2 Page - Eorex Corporation

  EM488M3244VBD-7FE Datasheet HTML 1Page - Eorex Corporation EM488M3244VBD-7FE Datasheet HTML 2Page - Eorex Corporation EM488M3244VBD-7FE Datasheet HTML 3Page - Eorex Corporation EM488M3244VBD-7FE Datasheet HTML 4Page - Eorex Corporation EM488M3244VBD-7FE Datasheet HTML 5Page - Eorex Corporation EM488M3244VBD-7FE Datasheet HTML 6Page - Eorex Corporation EM488M3244VBD-7FE Datasheet HTML 7Page - Eorex Corporation EM488M3244VBD-7FE Datasheet HTML 8Page - Eorex Corporation EM488M3244VBD-7FE Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
eorex
EM488M3244VBD
256Mb (2M
4Bank32) Synchronous DRAM
Features
• Fully Synchronous to Positive Clock Edge
• Single 3.3V
0.3V Power Supply
• LVTTL Compatible with Multiplexed Address
• Programmable Burst Length (B/L) - 1, 2, 4, 8
or Full Page
• Programmable CAS Latency (C/L) - 2 or 3
• Data Mask (DQM) for Read / Write Masking
• Programmable Wrap Sequence
– Sequential (B/L = 1/2/4/8/full Page)
– Interleave (B/L = 1/2/4/8)
• Burst Read with Single-bit Write Operation
• All Inputs are Sampled at the Rising Edge of
the System Clock
• Auto Refresh and Self Refresh
• 4,096 Refresh Cycles / 64ms (15.625us)
Ordering Information
Description
The EM488M3244VBD is Synchronous Dynamic
Random Access Memory (SDRAM) organized as
2Meg words x 4 banks by 32 bits. All inputs and
outputs are synchronized with the positive edge of
the clock.
The 256Mb SDRAM uses synchronized pipelined
architecture to achieve high speed data transfer
rates and is designed to operate at 3.3V low power
memory system. It also provides auto refresh with
power saving / down mode. All inputs and outputs
voltage levels are compatible with LVTTL.
Available packages: TFBGA-90B(13mmx8mm).
* EOREX reserves the right to change products or specification without notice.
Dec. 2013
www.eorex.com
2/18
Part No
Organization
Max. Freq
Package
Grade
Pb
EM488M3244VBD-75F
4M X 32
133MHz @CL3
TFBGA -90B
Commercial
Free
EM488M3244VBD-75FE
4M X 32
133MHz @CL3
TFBGA -90B
Extend temp.
Free
Part No
Organization
Max. Freq
Package
Grade
Pb
EM488M3244VBD-75F
8M X 32
133MHz @CL3
TFBGA-90B
Commercial
Free
EM488M3244VBD-7F
8M X 32
143MHz @CL3
TFBGA-90B
Commercial
Free
EM488M3244VBD-75FE
8M X 32
133MHz @CL3
TFBGA-90B
Extend temp.
Free
EM488M3244VBD-7FE
8M X 32
143MHz @CL3
TFBGA-90B
Extend temp.
Free
EM488M3244VBD-75FI
8M X 32
133MHz @CL3
TFBGA-90B
Industrial temp.
Free
EM488M3244VBD-7FI
8M X 32
143MHz @CL3
TFBGA-90B
Industrial temp.
Free


Similar Part No. - EM488M3244VBD-7FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM488M3244VBD EOREX-EM488M3244VBD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
More results

Similar Description - EM488M3244VBD-7FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM48AM1684VTH EOREX-EM48AM1684VTH Datasheet
200Kb / 17P
   Fully Synchronous to Positive Clock Edge
EM488M1644VTG EOREX-EM488M1644VTG Datasheet
1Mb / 18P
   Fully Synchronous to positive clock edge
logo
Xilinx, Inc
DS211 XILINX-DS211 Datasheet
218Kb / 7P
   Fully synchronous design using a single clock
logo
Alliance Semiconductor ...
2GB-DDR3L-AS4C128M16D3L ALSC-2GB-DDR3L-AS4C128M16D3L Datasheet
2Mb / 84P
   Fully synchronous operation
4GB-DDR3L-AS4C512M8D3L ALSC-4GB-DDR3L-AS4C512M8D3L Datasheet
3Mb / 86P
   Fully synchronous operation
AS4C256M16D3A-12BAN ALSC-AS4C256M16D3A-12BAN Datasheet
1Mb / 83P
   Fully synchronous operation
AS4C4M16SA-AUTOMOTIVE ALSC-AS4C4M16SA-AUTOMOTIVE Datasheet
1Mb / 54P
   Fully synchronous operation
AS4C32M16D2A-25BIN ALSC-AS4C32M16D2A-25BIN Datasheet
2Mb / 61P
   Fully synchronous operation
AS4C64M8D2 ALSC-AS4C64M8D2 Datasheet
1Mb / 59P
   Fully synchronous operation
AS4C64M16D2-25BAN ALSC-AS4C64M16D2-25BAN Datasheet
2Mb / 59P
   Fully synchronous operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com