Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM484M1644VTD-6FE Datasheet(PDF) 4 Page - Eorex Corporation

Part # EM484M1644VTD-6FE
Description  Programmable CAS Latency
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM484M1644VTD-6FE Datasheet(HTML) 4 Page - Eorex Corporation

  EM484M1644VTD-6FE Datasheet HTML 1Page - Eorex Corporation EM484M1644VTD-6FE Datasheet HTML 2Page - Eorex Corporation EM484M1644VTD-6FE Datasheet HTML 3Page - Eorex Corporation EM484M1644VTD-6FE Datasheet HTML 4Page - Eorex Corporation EM484M1644VTD-6FE Datasheet HTML 5Page - Eorex Corporation EM484M1644VTD-6FE Datasheet HTML 6Page - Eorex Corporation EM484M1644VTD-6FE Datasheet HTML 7Page - Eorex Corporation EM484M1644VTD-6FE Datasheet HTML 8Page - Eorex Corporation EM484M1644VTD-6FE Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Note: Caution Exposing the device to stress above those listed in Absolute Maximum Ratings could
Capacitance (VCC=3.3V, f=1MHz, TA=25°C)
Recommended DC Operating Conditions (TA=-0°C ~+70°C)
Note: * All voltages referred to VSS.
eorex
Absolute Maximum Rating
EM484M1644VTD
cause permanent damage. The device is not meant to be operated under conditions outside the
limits described in the operational section of this specification. Exposure to Absolute Maximum
Rating conditions for extended periods may affect device reliability.
* VIH (max.) =
4.6V for pulse width 3ns
* VIL (min.) = -1.5V for pulse width 3ns
Apr. 2014
www.eorex.com
4/18
Symbol
Item
Rating
Units
VIN, VOUT
Input, Output Voltage
-1.0 ~ +4.6
V
VDD, VDDQ
Power Supply Voltage
-1.0 ~ +4.6
V
TOP
Operating Temperature Range
Commercial
0 ~ +70
°C
Extended
-25 ~ +85
TSTG
Storage Temperature Range
-55 ~ +150
°C
PD
Power Dissipation
1.0
W
IOS
Short Circuit Current
50
mA
Symbol
Parameter
Min.
Typ.
Max.
Units
VDD
Power Supply Voltage
3.0
3.3
3.6
V
VDDQ
Power Supply Voltage (for I/O Buffer)
3.0
3.3
3.6
V
VIH
Input Logic High Voltage
2.0
Vdd
VDD+0.3
V
VIL
Input Logic Low Voltage
-0.3
0
0.8
V
Symbol
Parameter
Min.
Typ.
Max.
Units
CCLK
Clock Capacitance
2.0
3.5
pF
CI
Input Capacitance for CLK, CKE, Address,
/CS, /RAS, /CAS, /WE, DQML, DQMU
2.0
3.8
pF
CO
Input/Output Capacitance
3.5
5.5
pF


Similar Part No. - EM484M1644VTD-6FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM484M1644VTD EOREX-EM484M1644VTD_15 Datasheet
1Mb / 18P
   Synchronous DRAM
More results

Similar Description - EM484M1644VTD-6FE

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM484M3244VBE EOREX-EM484M3244VBE Datasheet
1Mb / 18P
   Programmable CAS Latency
logo
Integrated Silicon Solu...
IS43TR16128B ISSI-IS43TR16128B Datasheet
3Mb / 88P
   Programmable CAS Latency
logo
Eorex Corporation
EM44CM0884LBA EOREX-EM44CM0884LBA Datasheet
778Kb / 28P
   Programmable CAS Latency
EM48BM1684LBC EOREX-EM48BM1684LBC Datasheet
1Mb / 20P
   Programmable CAS Latency
logo
Integrated Silicon Solu...
IS43TR16512A ISSI-IS43TR16512A Datasheet
2Mb / 80P
   Programmable CAS Latency
IS43TR16128C ISSI-IS43TR16128C Datasheet
3Mb / 88P
   Programmable CAS Latency
IS43TR16640B ISSI-IS43TR16640B Datasheet
3Mb / 88P
   Programmable CAS Latency
logo
Eorex Corporation
EM47FM0888SBA EOREX-EM47FM0888SBA Datasheet
2Mb / 39P
   Posted CAS by programmable additive latency
EM47EM1688SBC EOREX-EM47EM1688SBC Datasheet
3Mb / 37P
   CAS Write Latency
EM47EM1688MBB EOREX-EM47EM1688MBB Datasheet
3Mb / 38P
   CAS Write Latency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com