Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM47FM0888SBA-150E Datasheet(PDF) 5 Page - Eorex Corporation

Part # EM47FM0888SBA-150E
Description  Posted CAS by programmable additive latency
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM47FM0888SBA-150E Datasheet(HTML) 5 Page - Eorex Corporation

  EM47FM0888SBA-150E Datasheet HTML 1Page - Eorex Corporation EM47FM0888SBA-150E Datasheet HTML 2Page - Eorex Corporation EM47FM0888SBA-150E Datasheet HTML 3Page - Eorex Corporation EM47FM0888SBA-150E Datasheet HTML 4Page - Eorex Corporation EM47FM0888SBA-150E Datasheet HTML 5Page - Eorex Corporation EM47FM0888SBA-150E Datasheet HTML 6Page - Eorex Corporation EM47FM0888SBA-150E Datasheet HTML 7Page - Eorex Corporation EM47FM0888SBA-150E Datasheet HTML 8Page - Eorex Corporation EM47FM0888SBA-150E Datasheet HTML 9Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
Pin Description (Continued)
Note: Input pins only BA0-BA2, A0-A15,
/RAS , /CAS , /WE , /CS , CKE, ODT and /RESET do not supply
EM47FM0888SBA
termination.
Jul. 2012
5/39
www.eorex.com
C3,D3
DQS,
/DQS
(Data Strobe)
Output with read data, input with write data. Edge-aligned with read data,
centered in write data. The data strobe DQS is paired with differential
signal /DQS to provide differential pair signaling to the system during
reads and writes. DDR3 SDRAM supports differential data strobe only
and does not support single-ended.
B7,A7
TDQS,
/TDQS
(Termination Data Strobe)
When enabled via Mode Register A11=1 in MR1, DRAM will enable the
same termination resistance function on TDQS /TDQS that is applied to
DQS/DQS. When disabled via mode register A11=0 in MR1, DM/TDQS
will provide the data mask function and
/TDQS is not used.
F3, G3, H3
/RAS ,
/CAS ,
/WE
(Command Inputs)
/RAS , /CAS and /WE (along with /CS ) define the command being
entered.
B3,C7,C2,C8,E3,
E8,D2,E7
DQ0~7
(Data Input/Output)
Data inputs and outputs are on the same pin.
A2,A9,D7,G2,G8,
K1,K9,M1,M9/A1,
A8,B1,D8,F2,F8,J1
,J9,L1,L9,N1,N9
VDD,VSS
(Power Supply/Ground)
VDD and VSS are power supply for internal circuits.
B9,C1,E2,E9
/B2,B8,C9,D1,D9
VDDQ
,VSSQ
(DQ Power Supply/DQ Ground)
VDDQ and VSSQ are power supply for the output buffers.
H8
ZQ
(ZQ Calibration)
Reference pin for ZQ calibration
N2
/RESET
(Active Low Asynchronous Reset)
Reset is active when /RESET is LOW, and inactive when /RESET is
HIGH. /RESET must be HIGH during normal operation. /RESET is a
CMOS rail to rail signal with DC high and low at 80% and 20% of VDD,
i.e. 1.20V for DC high and 0.30V for DC low.
E1
VREFDQ
(Reference Voltage)
Reference voltage for DQ
J8
VREFCA
(Reference Voltage)
Reference voltage for CA
A3,F1,H1,F9,
H9
NC
(No Connection)
No internal electrical connection is present.


Similar Part No. - EM47FM0888SBA-150E

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM47FM0888SBA EOREX-EM47FM0888SBA_15 Datasheet
2Mb / 39P
   Double DATA RATE 3 low voltage SDRAM
More results

Similar Description - EM47FM0888SBA-150E

ManufacturerPart #DatasheetDescription
logo
Eorex Corporation
EM484M3244VBE EOREX-EM484M3244VBE Datasheet
1Mb / 18P
   Programmable CAS Latency
logo
Integrated Silicon Solu...
IS43TR16128B ISSI-IS43TR16128B Datasheet
3Mb / 88P
   Programmable CAS Latency
logo
Eorex Corporation
EM484M1644VTD EOREX-EM484M1644VTD Datasheet
1Mb / 18P
   Programmable CAS Latency
EM44CM0884LBA EOREX-EM44CM0884LBA Datasheet
778Kb / 28P
   Programmable CAS Latency
EM48BM1684LBC EOREX-EM48BM1684LBC Datasheet
1Mb / 20P
   Programmable CAS Latency
logo
Integrated Silicon Solu...
IS43TR16512A ISSI-IS43TR16512A Datasheet
2Mb / 80P
   Programmable CAS Latency
IS43TR16128C ISSI-IS43TR16128C Datasheet
3Mb / 88P
   Programmable CAS Latency
IS43TR16640B ISSI-IS43TR16640B Datasheet
3Mb / 88P
   Programmable CAS Latency
logo
Eorex Corporation
EM47EM1688SBC EOREX-EM47EM1688SBC Datasheet
3Mb / 37P
   CAS Write Latency
EM47EM1688MBB EOREX-EM47EM1688MBB Datasheet
3Mb / 38P
   CAS Write Latency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com