Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS29LV800T-120TI Datasheet(PDF) 6 Page - ANADIGICS, Inc

Part # AS29LV800T-120TI
Description  3V 1M횞8/512K횞16 CMOS Flash EEPROM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AS29LV800T-120TI Datasheet(HTML) 6 Page - ANADIGICS, Inc

Back Button AS29LV800T-120TI Datasheet HTML 2Page - ANADIGICS, Inc AS29LV800T-120TI Datasheet HTML 3Page - ANADIGICS, Inc AS29LV800T-120TI Datasheet HTML 4Page - ANADIGICS, Inc AS29LV800T-120TI Datasheet HTML 5Page - ANADIGICS, Inc AS29LV800T-120TI Datasheet HTML 6Page - ANADIGICS, Inc AS29LV800T-120TI Datasheet HTML 7Page - ANADIGICS, Inc AS29LV800T-120TI Datasheet HTML 8Page - ANADIGICS, Inc AS29LV800T-120TI Datasheet HTML 9Page - ANADIGICS, Inc AS29LV800T-120TI Datasheet HTML 10Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
AS29LV800
®
3/22/01; V.1.0
Alliance Semiconductor
P. 6 of 25
March 2001
Command format
1
Bus operations defined in "Mode definitions," on page 3.
2
Reading from and programming to non-erasing sectors allowed in Erase Suspend mode.
3
Address bits A11-A18 = X = Don’t Care for all address commands except where Program Address and Sector Address are required.
4
Data bits DQ15-DQ8 are don’t care for unlock and command cycles.
5
The Unlock Bypass command must be initiated before the Unlock Bypass Program command.
6
The Unlock Bypass Reset command returns the device to reading array data when it is in the unlock bypass mode.
Command sequence
Required bus
write cycles
1st bus cycle
2nd bus cycle
3rd bus cycle
4th bus cycle
5th bus cycle
6th bus cycle
Address
Data
Address
Data
Address
Data
Address
Data
Address
Data
Address
Data
Reset/Read
1
XXXh
F0h
Read
Address
Read Data
Reset/Read
×16
3
555h
AAh
2AAh
55h
555h
F0h
Read Address
Read
Data
×8
AAAh
555h
AAAh
Autoselect
ID Read
×16
3
555h
AAh
2AAh
55h
555h
90h
01h
Device code
22DAh (T)
225Bh (B)
×8
AAAh
555h
AAAh
02h
Device code
DAh (T) 5Bh
(B)
×16
555h
AAh
2AAh
55h
555h
90h
00h
MFR code
0052h
×8
AAAh
555h
AAAh
52h
×16
555h
AAh
2AAh
55h
555h
90h
XXX02h
Sector protection
0001h = protected
0000h = unprotected
×8
AAAh
555h
AAAh
XXX04h
Sector protection
0001h=protected
0000h=unprotected
Program
×16
4
555h
AAh
2AAh
55h
555h
A0h
Program Address
Program Data
×8
AAAh
555h
AAAh
Unlock bypass
×16
3
555
AAh
2AA
55h
555
20h
×8
AAA
555
AAA
Unlock bypass program
2
XXX
A0h
Program
address
Program
data
Unlock bypass reset
2
XXX
90h
XXX
00h
Chip Erase
×16
6
555h
AAh
2AAh
55h
555h
80h
555h
AAh
2AAh
55h
555h
10h
×8
AAAh
555h
AAAh
AAAh
555h
AAAh
Sector Erase
×16
6
555h
AAh
2AAh
55h
555h
80h
555h
AAh
2AAh
55h
Sector
Address
30h
×8
AAAh
555h
AAAh
AAAh
555h
Sector Erase Suspend
1
XXXh
B0h
Sector Erase Resume
1
XXXh
30h


Similar Part No. - AS29LV800T-120TI

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS29LV016 AUSTIN-AS29LV016 Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016BRG-100/ET AUSTIN-AS29LV016BRG-100/ET Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016BRG-100/XT AUSTIN-AS29LV016BRG-100/XT Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016BRG-70/ET AUSTIN-AS29LV016BRG-70/ET Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016BRG-90/ET AUSTIN-AS29LV016BRG-90/ET Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
More results

Similar Description - AS29LV800T-120TI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L29S800F ETC-L29S800F Datasheet
797Kb / 54P
   8MEGABIT (1M횞8 /512K횞16) 3 VOLT CMOS FLASH MEMERY
logo
Sanyo Semicon Device
LE25FW806 SANYO-LE25FW806 Datasheet
147Kb / 22P
   CMOS IC 8M-bit (1M횞8) Serial Flash Memory
logo
Alliance Semiconductor ...
AS29LV400 ALSC-AS29LV400 Datasheet
227Kb / 25P
   3V 512K x 8/256K 횞 16 CMOS Flash EEPROM
logo
Sanyo Semicon Device
LE25FW806 SANYO-LE25FW806_10 Datasheet
180Kb / 22P
   8M-bit (1M횞8) Serial Flash Memory
logo
Alliance Semiconductor ...
AS29F010 ALSC-AS29F010 Datasheet
175Kb / 10P
   5V 128K x 8 CMOS FLASH EEPROM
AS29F040 ALSC-AS29F040 Datasheet
341Kb / 18P
   5V 512K x 8 CMOS FLASH EEPROM
logo
Macronix International
MX25L802 MCNIX-MX25L802 Datasheet
281Kb / 24P
   8M-BIT [8M x 1] CMOS SERIAL FLASH EEPROM
logo
List of Unclassifed Man...
H3104A ETC2-H3104A Datasheet
293Kb / 5P
   CMOS EEPROM
logo
NEC
UPD28C04 NEC-UPD28C04 Datasheet
220Kb / 9P
   CMOS EEPROM
logo
Elite Semiconductor Mem...
F49L004UA ESMT-F49L004UA Datasheet
353Kb / 46P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com