Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VFHV1104P-4C62B-TR Datasheet(PDF) 11 Page - STANLEY ELECTRIC CO.,LTD.

Part # VFHV1104P-4C62B-TR
Description  1608 Size, water clear lens, Emitting color : Red
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

VFHV1104P-4C62B-TR Datasheet(HTML) 11 Page - STANLEY ELECTRIC CO.,LTD.

Back Button VFHV1104P-4C62B-TR Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. VFHV1104P-4C62B-TR Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. VFHV1104P-4C62B-TR Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. VFHV1104P-4C62B-TR Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. VFHV1104P-4C62B-TR Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. VFHV1104P-4C62B-TR Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. VFHV1104P-4C62B-TR Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. VFHV1104P-4C62B-TR Datasheet HTML 14Page - STANLEY ELECTRIC CO.,LTD. VFHV1104P-4C62B-TR Datasheet HTML 15Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
VFHV1104P-4C62B-TR
Packaging Specifications
This product is baked (moisture removal) before packaging, and is shipped in moisture-proof packaging (as
shown below) to minimize moisture absorption during transportation and storage. However, with regard to
storing the products, Stanley recommends the use of dry-box under the following conditions is
recommended. Moisture-proof bag as the packaging is made of anti-static material but packaging box is not.
The package should not be opened until immediately prior to its use, and please keep the time frame
between package opening and soldering which is 【maximum 168h.】
If the device needs to be soldered twice, both soldering must be completed within the 168h.
If any components should remain after their use, please seal the package and store them under the
conditions described in the 【 Recommended Storage Condition 】.
This product must be required to perform baking process (moisture removal) for at least 24h,not exceed for
72h, at 60+±5 degrees Celsius if following conditions apply.
1. In the case of silica gel (blue) which indicates the moisture level within the package, changes or loses its
blue color.
2. In the case of time is passed for 168h after the package is opened once.
Baking process should be performed after LED having been taken out of the package.
Baking may be performed in the tape-reel form , however if it is performed with the reel stacked over one
another, it may cause deformation of the reels and taping materials and later obstruct mounting. Please
handle only once it has returned to room temperature. Provided that, baking process shall be 2 times MAX.
【Time elapsed after Package Opening.】
In the case of the package unopened , 6 months under 【 Recommended Storage Condition 】.
Please avoid rapid transition from low temp. condition to high temp. condition
and storage in corroding and dusty environment.
【Recommended Storage Condition / Products Warranty Period 】
Temperature
+5~30℃
Humidity
Under 70%
Page : 11
2014.2.24


Similar Part No. - VFHV1104P-4C62B-TR

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
VFHV1104LS STANLEY-VFHV1104LS Datasheet
281Kb / 16P
   Single Color PLCC-2 Type (High Reliability type, V-Series)
VFHV1104LS STANLEY-VFHV1104LS Datasheet
599Kb / 21P
   Wide range temperature applicable product
More results

Similar Description - VFHV1104P-4C62B-TR

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
VFHR1104P-4C42A-TR STANLEY-VFHR1104P-4C42A-TR Datasheet
681Kb / 21P
   1608 Size, water clear lens, Emitting color : Red
VFHY1104P-4C42D-TR STANLEY-VFHY1104P-4C42D-TR Datasheet
682Kb / 21P
   1608 Size, water clear lens, Emitting color : Yellow
VFHA1104P-4C42C-TR STANLEY-VFHA1104P-4C42C-TR Datasheet
688Kb / 21P
   1608 Size, water clear lens, Emitting color : Orange
VFHL1104P-4B63C-TR STANLEY-VFHL1104P-4B63C-TR Datasheet
680Kb / 21P
   1608 Size, water clear lens, Emitting color : Leaf Green
VFHD1104P-4BY2B-TR STANLEY-VFHD1104P-4BY2B-TR Datasheet
681Kb / 21P
   1608 Size, water clear lens, Emitting color : Yellow Green
VCDG1104P-5C63C-TR STANLEY-VCDG1104P-5C63C-TR Datasheet
673Kb / 22P
   1608(t=1.15 mm) Type, lens color: water clear, Green color emitting LED
VCDB1104P-4B83B-TR STANLEY-VCDB1104P-4B83B-TR Datasheet
672Kb / 22P
   1608(t=1.15 mm) Type, lens color: water clear, Blue color emitting LED
SW1141CX-16-TR STANLEY-SW1141CX-16-TR Datasheet
594Kb / 22P
   1608 size, White color emitting LED
logo
Marl International Limi...
208-501-21-38 MARL-208-501-21-38_15 Datasheet
271Kb / 5P
   Water clear lens
235-038-9307 MARL-235-038-9307_15 Datasheet
254Kb / 4P
   Water clear lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com