Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRTGFTM-S7T7-1-V7AW-29 Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LRTGFTM-S7T7-1-V7AW-29
Description  luminous intensity
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRTGFTM-S7T7-1-V7AW-29 Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LRTGFTM-S7T7-1-V7AW-29 Datasheet HTML 7Page - OSRAM GmbH LRTGFTM-S7T7-1-V7AW-29 Datasheet HTML 8Page - OSRAM GmbH LRTGFTM-S7T7-1-V7AW-29 Datasheet HTML 9Page - OSRAM GmbH LRTGFTM-S7T7-1-V7AW-29 Datasheet HTML 10Page - OSRAM GmbH LRTGFTM-S7T7-1-V7AW-29 Datasheet HTML 11Page - OSRAM GmbH LRTGFTM-S7T7-1-V7AW-29 Datasheet HTML 12Page - OSRAM GmbH LRTGFTM-S7T7-1-V7AW-29 Datasheet HTML 13Page - OSRAM GmbH LRTGFTM-S7T7-1-V7AW-29 Datasheet HTML 14Page - OSRAM GmbH LRTGFTM-S7T7-1-V7AW-29 Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LRT GFTM
2015-04-27
11
Durchlassstrom
5) 6) Seite 24
Forward Current
5) 6) page 24
I
F = f (VF); TS = 25 °C
Relative Lichtstärke
6) 7) 1) Seite 24
Relative Luminous Intensity
6) 7) 1) page 24
I
V/IV(10 mA (R) = f (IF); TS = 25 °C
Relative Lichtstärke
6) 7) 1) Seite 24
Relative Luminous Intensity
6) 7) 1) page 24
IV/IV20 mA (T) = f (IF); TS = 25 °C
OHL04512
1.5
V
F
I
V
F
mA
2
2.5
3
3.5
4
4.5
0
10
10
1
10
2
5
5
true green
red
OHL04514
I
F
10
0
5
10
1
10
mA
2
0
10
5
5
10-2
1
10
-1
10
red
I (10 mA)
V
V
I
OHL03762
I
F
10
0
5
10
1
10
mA
2
0
10
5
5
10-2
1
10
-1
10
true green
I (20 mA)
V
V
I


Similar Part No. - LRTGFTM-S7T7-1-V7AW-29

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRTGFTM OSRAM-LRTGFTM Datasheet
403Kb / 24P
   3-colour displays, RGY displays
More results

Similar Description - LRTGFTM-S7T7-1-V7AW-29

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LUWG5AP-5D5E-BG-P4P6-LH OSRAM-LUWG5AP-5D5E-BG-P4P6-LH Datasheet
396Kb / 17P
   luminous intensity
logo
HB Electronic Component...
PLCC4XRGBCT HB-PLCC4XRGBCT Datasheet
2Mb / 10P
   High luminous Intensity
logo
P-tec Corporation
PL5050A6-WCR50 P-TEC-PL5050A6-WCR50 Datasheet
401Kb / 7P
   High luminous intensity
logo
Vishay Siliconix
VLMW21 VISHAY-VLMW21 Datasheet
333Kb / 10P
   Luminous intensity categorized
Rev. 1.4, 09-Feb-10
TLUR2400 VISHAY-TLUR2400 Datasheet
763Kb / 5P
   Luminous intensity categorized
Rev. 1.5, 22-Apr-13
logo
Sanken electric
SECU1B07C SANKEN-SECU1B07C Datasheet
203Kb / 10P
   High Luminous Intensity
logo
Vishay Siliconix
TLHG44K1L2 VISHAY-TLHG44K1L2 Datasheet
109Kb / 5P
   Luminous intensity categorized
Rev. 1.2, 14-Oct-14
TLCR6800 VISHAY-TLCR6800 Datasheet
470Kb / 5P
   High luminous intensity
Rev. 1.1, 29-Apr-13
logo
Lite-On Technology Corp...
LTL5V3SSS LITEON-LTL5V3SSS Datasheet
558Kb / 10P
   High luminous intensity output
logo
Everlight Electronics C...
EALP05OLAGA0 EVERLIGHT-EALP05OLAGA0 Datasheet
447Kb / 9P
   High luminous intensity output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com