Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QS32XVH384Q1G Datasheet(PDF) 1 Page - Integrated Device Technology

Part # QS32XVH384Q1G
Description  2.5V/3.3V 20-BIT HIGH BANDWIDTH BUS SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

QS32XVH384Q1G Datasheet(HTML) 1 Page - Integrated Device Technology

  QS32XVH384Q1G Datasheet HTML 1Page - Integrated Device Technology QS32XVH384Q1G Datasheet HTML 2Page - Integrated Device Technology QS32XVH384Q1G Datasheet HTML 3Page - Integrated Device Technology QS32XVH384Q1G Datasheet HTML 4Page - Integrated Device Technology QS32XVH384Q1G Datasheet HTML 5Page - Integrated Device Technology QS32XVH384Q1G Datasheet HTML 6Page - Integrated Device Technology QS32XVH384Q1G Datasheet HTML 7Page - Integrated Device Technology QS32XVH384Q1G Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
INDUSTRIAL TEMPERATURE RANGE
IDTQS32XVH384
2.5V/3.3V 20-BIT HIGH BANDWIDTH BUS SWITCH
SEPTEMBER 2011
c
INDUSTRIAL TEMPERATURE RANGE
FUNCTIONAL BLOCK DIAGRAM
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
APPLICATIONS:
• Hot-swapping
• 10/100 Base-T, Ethernet LAN switch
• Low distortion analog switch
• Replaces mechanical relay
• ATM 25/155 switching
FEATURES:
• N channel FET switches with no parasitic diode to VCC
– Isolation under power-off conditions
– No DC path to VCC or GND
– 5V tolerant in OFF and ON state
• 5V tolerant I/Os
• Low RON - 4
Ω
Ω
Ω
Ω
Ω typical
• Flat RON characteristics over operating range
• Rail-to-rail switching 0 - 5V
• Bidirectional dataflow with near-zero delay: no added ground
bounce
• Excellent RON matching between channels
•VCC operation: 2.3V to 3.6V
• High bandwidth - up to 500MHz
• LVTTL-compatible control Inputs
• Undershoot Clamp Diodes on all switch and control Inputs
• Low I/O capacitance, 4pF typical
• Available in 48-pin QVSOP (S1) package
IDTQS32XVH384
QUICKSWITCH® PRODUCTS
2.5V/3.3V 20-BIT HIGH
BANDWIDTH BUS SWITCH
DESCRIPTION:
The QS32XVH384 HotSwitch is a high bandwidth, 20-bit bus switch.
The QS32XVH384 has very low ON resistance, resulting in under 250ps
propagation delay through the switch. Four banks of five switches are
controlled by independent (xOE), LVTTL compatible signals for bidirec-
tional data flow with no added delay or ground bounce. In the ON state, the
switches can pass signals up to 5V. In the OFF state, the switches offer very
high impedence at the terminals.
The combination of near-zero propagation delay, high OFF impedance,
and over-voltage tolerance makes the QS32XVH384 ideal for high perfor-
mance communications applications.
The QS32XVH384 is characterized for operation from -40
°C to +85°C.
B4
3OE
1OE
B0
A4
A0
B9
B5
A9
A5
B14
2OE
4OE
B10
A14
A10
B19
B15
A19
A15
2011 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
DSC-5946/14


Similar Part No. - QS32XVH384Q1G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
QS32XVH2245 IDT-QS32XVH2245 Datasheet
76Kb / 8P
   QUICKSWITCH 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
QS32XVH2245Q2G IDT-QS32XVH2245Q2G Datasheet
268Kb / 8P
   2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
QS32XVH2245Q2G8 IDT-QS32XVH2245Q2G8 Datasheet
268Kb / 8P
   2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
More results

Similar Description - QS32XVH384Q1G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS32XVH384 IDT-IDTQS32XVH384 Datasheet
74Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V/3.3V 20-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16210 IDT-IDTQS3VH16210 Datasheet
268Kb / 8P
   2.5V / 3.3V 20-BIT 2-PORT, HIGH BANDWIDTH BUS SWITCH
IDTQS32XVH245 IDT-IDTQS32XVH245 Datasheet
83Kb / 8P
   2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16211 IDT-IDTQS3VH16211_13 Datasheet
244Kb / 8P
   2.5V / 3.3V 24-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH384 IDT-IDTQS3VH384_08 Datasheet
280Kb / 8P
   2.5V / 3.3V 10-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16244 IDT-IDTQS3VH16244_13 Datasheet
281Kb / 8P
   2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH16245 IDT-IDTQS3VH16245_14 Datasheet
279Kb / 8P
   2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS32XVH2245 IDT-IDTQS32XVH2245_11 Datasheet
268Kb / 8P
   2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS3VH2245 IDT-IDTQS3VH2245_14 Datasheet
272Kb / 8P
   2.5V / 3.3V 8-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS34XVH2245 IDT-IDTQS34XVH2245_13 Datasheet
270Kb / 8P
   2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com