Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMEPR8D-1840AZ Datasheet(PDF) 2 Page - AIMTEC

Part # AMEPR8D-1840AZ
Description  up to 0.7A | AC-DC LED Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEPR8D-1840AZ Datasheet(HTML) 2 Page - AIMTEC

  AMEPR8D-1840AZ Datasheet HTML 1Page - AIMTEC AMEPR8D-1840AZ Datasheet HTML 2Page - AIMTEC AMEPR8D-1840AZ Datasheet HTML 3Page - AIMTEC AMEPR8D-1840AZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series AMEPR8D-AZ
up to 0.7A | AC-DC LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.G
2 of 4
North America only
Isolation Specifications
Parameters
Conditions
Typical
Maximum
Units
Tested I/O voltage
3sec
3000
VAC
Isolation resistance
>1000
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
66
KHz
Over load protection
≧110
%
Over voltage protection
≧110
%
Short circuit protection
Auto recovery
Operating temperature
With derating over 75°C
Refer to model application
oC
Storage temperature
-40 to +95
oC
Maximum case temperature
100
oC
Temperature coefficient
±0.02
% /
oC
Cooling
Free air convection
Humidity
Non condensing
20~95
% RH
Case material
Plastic
Potting
Epoxy (IP67 rated)
Wires
UL1015 Input 18AW G*10CM / Output 20 AWG*10CM
Weight
55
g
Dimensions (D X L)
27.4 x 70.3 mm (1.08 x 2.77 inches)
MTBF
>400,000 hrs (MIL-HDBK-217F at +25°C)
Environment Approval
Test
Parameters
Conditions
Shock
Wave form
Half sine wave
Acceleration amplitude
5gn
Bump duration
30ms
Converter operation
Before and after test, body mounted (on chassis)
Number of bumps
18 (3 in each direction for every axis)
Vibration
Test mode
Sweep sine, 10-100Hz, speed 0.05Hz/s
Displacement
1mm
Acceleration
3g, 3 loops 30min one cycle, 3h total, every axis tested
Converter operation
Before and after test, body mounted (on chassis)
Safety Specifications
Parameters
Agency approvals
cULus, FCC
Standards
UL8750, UL60950-1, class 2 power supply per UL1310, FCC15,
Wire Specifications
Wire
Parameters
Color
Input
ACN
Blue
ACL
Brown
Output
+V Output
Red
-V Output
Black


Similar Part No. - AMEPR8D-1840AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR8D-1840AZ AIMTEC-AMEPR8D-1840AZ Datasheet
259Kb / 4P
   Leading or Trailing Edge Triac
AMEPR8D-1840AZ AIMTEC-AMEPR8D-1840AZ Datasheet
507Kb / 4P
   up to 0.7A | AC-DC LED Driver
More results

Similar Description - AMEPR8D-1840AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEPR10D-AZ AIMTEC-AMEPR10D-AZ_16 Datasheet
357Kb / 4P
   up to 0.7A | AC-DC LED driver
AMEPR10D-5020AZUD AIMTEC-AMEPR10D-5020AZUD Datasheet
357Kb / 4P
   up to 0.7A | AC-DC LED driver
AMEPR8D-2435AZ AIMTEC-AMEPR8D-2435AZ Datasheet
507Kb / 4P
   up to 0.7A | AC-DC LED Driver
AMEPR10D-AZ AIMTEC-AMEPR10D-AZ Datasheet
427Kb / 4P
   up to 0.7A | AC-DC / DC-DC LED driver
AMEPR25D-24100AZ AIMTEC-AMEPR25D-24100AZ_16 Datasheet
212Kb / 4P
   up to 1A | AC-DC LED Driver
AMEPR30D-5070AZ-U AIMTEC-AMEPR30D-5070AZ-U Datasheet
505Kb / 5P
   up to 2A | AC-DC LED driver
AMER60N-42130Z AIMTEC-AMER60N-42130Z Datasheet
819Kb / 7P
   up to 1600mA | AC-DC LED driver
AMEPR50N-42100Z AIMTEC-AMEPR50N-42100Z Datasheet
549Kb / 6P
   up to 1150mA | AC-DC LED driver
AMER160-48320Z AIMTEC-AMER160-48320Z Datasheet
436Kb / 6P
   up to 3400mA | AC-DC LED driver
AMEQR50N-50100Z AIMTEC-AMEQR50N-50100Z Datasheet
418Kb / 4P
   up to 1000mA | AC-DC LED driver
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com