Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMEOR60C-12500AZ Datasheet(PDF) 1 Page - AIMTEC

Part # AMEOR60C-12500AZ
Description  up to 5A | AC-DC / DC-DC LED driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEOR60C-12500AZ Datasheet(HTML) 1 Page - AIMTEC

  AMEOR60C-12500AZ Datasheet HTML 1Page - AIMTEC AMEOR60C-12500AZ Datasheet HTML 2Page - AIMTEC AMEOR60C-12500AZ Datasheet HTML 3Page - AIMTEC AMEOR60C-12500AZ Datasheet HTML 4Page - AIMTEC AMEOR60C-12500AZ Datasheet HTML 5Page - AIMTEC AMEOR60C-12500AZ Datasheet HTML 6Page - AIMTEC AMEOR60C-12500AZ Datasheet HTML 7Page - AIMTEC AMEOR60C-12500AZ Datasheet HTML 8Page - AIMTEC AMEOR60C-12500AZ Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Series AMEOR60C-AZ
up to 5A | AC-DC / DC-DC LED driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.D
1 of 14
North America only
FEATURES:
Models
Single output
Model
Max
Output
Power
(W)
*
Output
Voltage
Range (V)
Output
Current
(A)
Input Voltage
(VAC/Hz)
Input Voltage
(VDC)
Efficiency
(%)
AMEOR60C-50120AZ
60
36-50
1.2
90-305/47-440
130-430
89
AMEOR60C-36170AZ
59.8
24-36
1.66
90-305/47-440
130-430
88
AMEOR60C-24250AZ
60
12-24
2.5
90-305/47-440
130-430
87
AMEOR60C-12500AZ
60
5-12
5
90-305/47-440
130-430
85
*Exceeding the maximum output power will permanently damage the converter
All models can be ordered with optional North American colour input wires (black (L), white (N), green (GND)). Add “–NA” to
part number when ordering. 
NOTE: Aimtec limited warranty of 5 years is valid based on product operation at datasheet specifications at ambient temperature of 25°C,
humidity<75%, nominal input voltage (115/230/305VAC) and at rated output load unless otherwise specified. See
http://www.aimtec.com/terms-sale
AMEOR60C-AZ’s AC/DC LED drivers have electrical safeguards designed within to protect it from conventional electrical abnormalities with
the levels listed in the safety table. Applications for use within rural agricultural, heavy industrial, and other areas or regions which are
prone to ‘dirty’ electrical conditions which would subject any of the above models to excessive voltages surges or spikes, may damage or
cause early life failure of product. In this case consideration should be made by the end user to ensure that adequate line or mains surge
suppression is installed in front of Aimtec device to ensure the longevity of the products. Failure to identify excessive line surges violations
prior to installation may damage sensitive equipment permanently.
Input Specifications
Parameters
Conditions
Typical
Maximum
Units
Inrush current <2ms
115VAC
30
A
230VAC
50
Leakage current
115VAC
0.5
mA
230VAC
0.75
AC current
115VAC
0.67
A
230VAC
0.33
Power Factor
115VAC
0.99
230VAC
0.97
External fuse
250V/1.5A
Start up time
250
ms
Surge voltage
2sec
440
V
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Current accuracy
±3
%
Line regulation
LL-HL
±1
%
Load regulation
0-100% load
±3
%
Ripple & Noise *
20MHz Bandwidth
75
mV p-p
Hold-up time
90
ms
Current adjustment range
100-0
%
Minimum Load Voltage
See the models table
* Tested with 0.1µF (M/C) or (C/C) and 10µF (E/C) parallel capacitors at the end.
 AC-DC Constant current LED Driver
 Over Temperature Protection
 Input range 90-305VAC/47-440Hz
 Open frame
 High Efficiency up to 89%
 Power Factor Correction
 Operating temperature -40 to 80°C
 Dimmable via Analog / 0-10Vdc / PWM
 SCP, Over Current Protection
 5 Year Limited Warranty
Click on Series name for product info on aimtec.com


Similar Part No. - AMEOR60C-12500AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEOR60C-12500AZ AIMTEC-AMEOR60C-12500AZ Datasheet
670Kb / 14P
   Over Temperature Protection
AMEOR60C-12500AZ AIMTEC-AMEOR60C-12500AZ Datasheet
872Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
More results

Similar Description - AMEOR60C-12500AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEOR60C-50120AZ AIMTEC-AMEOR60C-50120AZ Datasheet
872Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-AZ AIMTEC-AMEOR60-AZ_16 Datasheet
597Kb / 12P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-AZ AIMTEC-AMEOR60-AZ_13 Datasheet
637Kb / 11P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-50120AZ AIMTEC-AMEOR60-50120AZ Datasheet
977Kb / 12P
   up to 5A | AC-DC / DC-DC LED driver
AMEPR60C-50120AZ AIMTEC-AMEPR60C-50120AZ_17 Datasheet
1Mb / 13P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-AZ AIMTEC-AMER120-AZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-CAZ AIMTEC-AMER120-CAZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-AZ AIMTEC-AMER120-AZ_12 Datasheet
738Kb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMEPR60-50120AZ AIMTEC-AMEPR60-50120AZ Datasheet
969Kb / 13P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-50250CAZ AIMTEC-AMER120-50250CAZ_17 Datasheet
963Kb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com