Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMEOR60C-12500AZ Datasheet(PDF) 6 Page - AIMTEC

Part # AMEOR60C-12500AZ
Description  up to 5A | AC-DC / DC-DC LED driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEOR60C-12500AZ Datasheet(HTML) 6 Page - AIMTEC

Back Button AMEOR60C-12500AZ Datasheet HTML 2Page - AIMTEC AMEOR60C-12500AZ Datasheet HTML 3Page - AIMTEC AMEOR60C-12500AZ Datasheet HTML 4Page - AIMTEC AMEOR60C-12500AZ Datasheet HTML 5Page - AIMTEC AMEOR60C-12500AZ Datasheet HTML 6Page - AIMTEC AMEOR60C-12500AZ Datasheet HTML 7Page - AIMTEC AMEOR60C-12500AZ Datasheet HTML 8Page - AIMTEC AMEOR60C-12500AZ Datasheet HTML 9Page - AIMTEC AMEOR60C-12500AZ Datasheet HTML 10Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Series AMEOR60C-AZ
up to 5A | AC-DC / DC-DC LED driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052.1e R3.D
6 of 14
North America only
AMEOR60C-12500AZ
PFC Value vs. Output Load Current (constant current mode)
AMEOR60C-50120AZ


Similar Part No. - AMEOR60C-12500AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEOR60C-12500AZ AIMTEC-AMEOR60C-12500AZ Datasheet
670Kb / 14P
   Over Temperature Protection
AMEOR60C-12500AZ AIMTEC-AMEOR60C-12500AZ Datasheet
872Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
More results

Similar Description - AMEOR60C-12500AZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEOR60C-50120AZ AIMTEC-AMEOR60C-50120AZ Datasheet
872Kb / 14P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-AZ AIMTEC-AMEOR60-AZ_16 Datasheet
597Kb / 12P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-AZ AIMTEC-AMEOR60-AZ_13 Datasheet
637Kb / 11P
   up to 5A | AC-DC / DC-DC LED driver
AMEOR60-50120AZ AIMTEC-AMEOR60-50120AZ Datasheet
977Kb / 12P
   up to 5A | AC-DC / DC-DC LED driver
AMEPR60C-50120AZ AIMTEC-AMEPR60C-50120AZ_17 Datasheet
1Mb / 13P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-AZ AIMTEC-AMER120-AZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-CAZ AIMTEC-AMER120-CAZ_13 Datasheet
1Mb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-AZ AIMTEC-AMER120-AZ_12 Datasheet
738Kb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMEPR60-50120AZ AIMTEC-AMEPR60-50120AZ Datasheet
969Kb / 13P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
AMER120-50250CAZ AIMTEC-AMER120-50250CAZ_17 Datasheet
963Kb / 10P
   up to 5A | AC-DC / DC-DC | LED Driver / Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com