Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMEOC30-24SMAZ Datasheet(PDF) 2 Page - AIMTEC

Part # AMEOC30-24SMAZ
Description  30 Watt | AC-DC / DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMEOC30-24SMAZ Datasheet(HTML) 2 Page - AIMTEC

  AMEOC30-24SMAZ Datasheet HTML 1Page - AIMTEC AMEOC30-24SMAZ Datasheet HTML 2Page - AIMTEC AMEOC30-24SMAZ Datasheet HTML 3Page - AIMTEC AMEOC30-24SMAZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Series AMEOC30-MAZ
30 Watt | AC-DC / DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 052e R7.M
2 of 4
North America only
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60 sec
4000
VAC
Isolation Resistance
>1000
MΩ
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
47
KHz
Protection class
Class II
Over current protection
Auto recovery
110
140
%
Over voltage protection
Zener diode clamp
110
%
Short circuit protection
Hiccup mode, indefinite
Short Circuit restart
Auto recovery
Operating temperature
With derating above 60ºC
-40 - +85
oC
Maximum case temperature
100
oC
Storage temperature
-40 to +95
oC
Temperature coefficient
0.02
% / oC
Cooling
Free air convection
Humidity
Non condensing
95
% RH
Weight
145
g
Dimensions (L X H X W)
4.92 x 2.32 x 1.02 inches
/
125 x 59 x 26mm
MTBF
> 800,000 hrs (MIL-HDBK -217F, t=+25 oC)/Full Load
> 200,000 hrs (MIL-HDBK -217F, t=at highest operating temperature)/Full Load
Environment Approval
Test
Parameters
Conditions
Shock
Wave form
Half sine wave
Acceleration amplitude
5gn
Bump duration
30 ms
Converter operation
Before and after test, body mounted (on chassis)
Number of bumps
18 (3 in each direction for every axis)
Vibration
Test mode
Sweep sine, 10-100Hz, speed 0.05Hz/s
Displacement
1 mm
Acceleration
3g, 3 loops 30min one cycle, 3h total, every axis tested
Converter operation
Before and after test, body mounted (on chassis)
Safety Specifications
Parameters
Agency approvals
cULus, CE, CB Scheme
Standards
Medical Electrical Equipment
IEC\EN\UL 60601-1, 2 x MOOP, CSA-C22.2 No. 601.1-
M90
Information technology Equipment
EN 60950-1:2006+A11:2009
EMI - Conducted and radiated emission
EN55011, class B
Harmonic Current Emissions
IEC/EN 61000-3-2, Class A
Voltage fluctuations and flicker
IEC/EN 61000-3-3, (EN60555-3)
Electrostatic Discharge Immunity
IEC 61000-4-2 Level 3
RF, Electromagnetic Field Immunity
IEC 61000-4-3 Level 2
Electrical Fast Transient/Burst Immunity
IEC 61000-4-4 Level 3
Surge Immunity
IEC 61000-4-5 Level 2
RF, Conducted Disturbance Immunity
IEC 61000-4-6 Level 2
Power frequency Magnetic Field Immunity
IEC 61000-4-8 Level 2
Voltage dips, Short Interruptions Immunity
IEC 61000-4-11


Similar Part No. - AMEOC30-24SMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMEOC30-24SMAZ AIMTEC-AMEOC30-24SMAZ Datasheet
885Kb / 4P
   30 Watt | AC/DC Converter
AMEOC30-24SMAZ AIMTEC-AMEOC30-24SMAZ Datasheet
153Kb / 4P
   30 Watt | AC-DC / DC-DC Converter
More results

Similar Description - AMEOC30-24SMAZ

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMES30-MAZ-1 AIMTEC-AMES30-MAZ-1_16 Datasheet
516Kb / 5P
   30 Watt | AC-DC / DC-DC Converter
AMEC30-MAZ AIMTEC-AMEC30-MAZ_16 Datasheet
532Kb / 5P
   30 Watt | AC-DC / DC-DC Converter
AME30-MAZ AIMTEC-AME30-MAZ_12 Datasheet
391Kb / 3P
   30 Watt | AC-DC / DC-DC Converter
AMEOC30-MAZ AIMTEC-AMEOC30-MAZ_12 Datasheet
153Kb / 4P
   30 Watt | AC-DC / DC-DC Converter
AMES30-MAZ AIMTEC-AMES30-MAZ_13 Datasheet
458Kb / 4P
   30 Watt | AC-DC / DC-DC Converter
AME30-MAZ AIMTEC-AME30-MAZ_13 Datasheet
323Kb / 3P
   30 Watt | AC-DC / DC-DC Converter
AMEOC30-MAZ AIMTEC-AMEOC30-MAZ_13 Datasheet
371Kb / 4P
   30 Watt | AC-DC / DC-DC Converter
AMEC30-MAZ AIMTEC-AMEC30-MAZ_12 Datasheet
198Kb / 4P
   30 Watt | AC-DC / DC-DC Converter
AME30-MAZ AIMTEC-AME30-MAZ_16 Datasheet
298Kb / 4P
   30 Watt | AC-DC / DC-DC Converter
AMEC30-MAZ-1 AIMTEC-AMEC30-MAZ-1_16 Datasheet
532Kb / 5P
   30 Watt | AC-DC / DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com