Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMSR-7812Z Datasheet(PDF) 2 Page - AIMTEC

Part # AMSR-7812Z
Description  Up to 7.5Watt | DC-DC Switching Regulator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMSR-7812Z Datasheet(HTML) 2 Page - AIMTEC

  AMSR-7812Z Datasheet HTML 1Page - AIMTEC AMSR-7812Z Datasheet HTML 2Page - AIMTEC AMSR-7812Z Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series AMSR-78Z
Up to 7.5Watt | DC-DC Switching Regulator
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R8.E
2 of 3
North America only
Safety Specifications
Parameters
Agency Approval
CE
Standards
EN55022: 2006 + A1:2007, Class B
EN55024:1998 + A1:2001 + A2:2003
IEC61000-4-2:1995 + A1:1998 + A2:2000, Perf. Criteria B
IEC61000-4-3:2006, Perf. Criteria A
IEC61000-4-4:2004, Perf. Criteria B (external 220uF/100V cap required)
IEC61000-4-6:2007, Perf. Criteria A
IEC61000-4-8, Perf:1993 + A1:2000, Criteria A
NOTE: also designed to meet IEC 60950-1:2001
Pin Out Specifications
Dimensions
Pin
Single
1
+V Input
2
Ground
3
+V Output
Typical Application Circuit
2.54
(0.1)
0.50
(0.02)
11.68
(0.46)
0.50
(0.02)
7.50
(0.29)
PRINTED
FACE
Dimensions are in mm (inch)
Pin Pitch Tolerance: 0.35 mm (0.014 inch)
Case Tolerance: 0.50 mm (0.02 inch)


Similar Part No. - AMSR-7812Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMSR-7812Z AIMTEC-AMSR-7812Z Datasheet
245Kb / 2P
   Up to 7.5Watt | DC-DC Converter
More results

Similar Description - AMSR-7812Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMSR-78-NZ AIMTEC-AMSR-78-NZ_13 Datasheet
308Kb / 3P
   Up to 7.5Watt | DC-DC Switching Regulator
AMSRB-78-NZ AIMTEC-AMSRB-78-NZ_12 Datasheet
107Kb / 3P
   Up to 7.5Watt | DC-DC Switching Regulator
AMSR-78-NZ AIMTEC-AMSR-78-NZ_12 Datasheet
234Kb / 3P
   Up to 7.5Watt | DC-DC Switching Regulator
AMSRB-78-NZ AIMTEC-AMSRB-78-NZ_13 Datasheet
313Kb / 4P
   Up to 7.5Watt | DC-DC Switching Regulator
AMSRB1-78-Z AIMTEC-AMSRB1-78-Z Datasheet
209Kb / 3P
   Up to 7.5Watt | DC-DC Converter
AMSRB-78-Z AIMTEC-AMSRB-78-Z_16 Datasheet
286Kb / 4P
   Up to 7.5Watt | DC-DC Converter
AMSR-78-NZ AIMTEC-AMSR-78-NZ_1 Datasheet
208Kb / 3P
   Up to 7.5Watt | DC-DC Converter
AMSR-78Z AIMTEC-AMSR-78Z Datasheet
245Kb / 2P
   Up to 7.5Watt | DC-DC Converter
AMSRB-78-Z AIMTEC-AMSRB-78-Z Datasheet
379Kb / 4P
   Up to 7.5Watt | DC-DC Converter
AMSRB-78-Z AIMTEC-AMSRB-78-Z_13 Datasheet
280Kb / 4P
   Up to 7.5Watt | DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com