Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS29LV800B-80SC Datasheet(PDF) 7 Page - ANADIGICS, Inc

Part # AS29LV800B-80SC
Description  3V 1M횞8/512K횞16 CMOS Flash EEPROM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AS29LV800B-80SC Datasheet(HTML) 7 Page - ANADIGICS, Inc

Back Button AS29LV800B-80SC Datasheet HTML 3Page - ANADIGICS, Inc AS29LV800B-80SC Datasheet HTML 4Page - ANADIGICS, Inc AS29LV800B-80SC Datasheet HTML 5Page - ANADIGICS, Inc AS29LV800B-80SC Datasheet HTML 6Page - ANADIGICS, Inc AS29LV800B-80SC Datasheet HTML 7Page - ANADIGICS, Inc AS29LV800B-80SC Datasheet HTML 8Page - ANADIGICS, Inc AS29LV800B-80SC Datasheet HTML 9Page - ANADIGICS, Inc AS29LV800B-80SC Datasheet HTML 10Page - ANADIGICS, Inc AS29LV800B-80SC Datasheet HTML 11Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
®
AS29LV800
3/22/01; V.1.0
Alliance Semiconductor
P. 7 of 25
March 2001
Command definitions
Item
Description
Reset/Read
Initiate read or reset operations by writing the Read/Reset command sequence into the command
register. This allows the microprocessor to retrieve data from the memory. Device remains in read
mode until command register contents are altered.
Device automatically powers up in read/reset state. This feature allows only reads, therefore
ensuring no spurious memory content alterations during power up.
ID Read
AS29LV800 provides manufacturer and device codes in two ways. External PROM programmers
typically access the device codes by driving +10V on A9. AS29LV800 also contains an ID Read
command to read the device code with only +3V, since multiplexing +10V on address lines is
generally undesirable.
Initiate device ID read by writing the ID Read command sequence into the command register.
Follow with a read sequence from address XXX00h to return MFR code. Follow ID Read command
sequence with a read sequence from address XXX01h to return device code.
To verify write protect status on sectors, read address XXX02h. Sector addresses A18–A12 produce
a 1 on DQ0 for protected sector and a 0 for unprotected sector.
Exit from ID read mode with Read/Reset command sequence.
Hardware Reset
Holding RESET low for 500 ns resets the device, terminating any operation in progress; data
handled in the operation is corrupted. The internal state machine resets 20 µs after RESET is driven
low. RY/BY remains low until internal state machine resets. After RESET is set high, there is a delay
of 50 ns for the device to permit read operations.
Byte/word
Programming
Programming the AS29LV800 is a four bus cycle operation performed on a byte-by-byte or word-
by-word basis. Two unlock write cycles precede the Program Setup command and program data
write cycle. Upon execution of the program command, no additional CPU controls or timings are
necessary. Addresses are latched on the falling edge of CE or WE, whichever is last; data is latched
on the rising edge of CE or WE, whichever is first. The AS29LV800’s automated on-chip program
algorithm provides adequate internally-generated programming pulses and verifies the
programmed cell margin.
Check programming status by sampling data on the RY/BY pin, or either the DATA polling (DQ7)
or toggle bit (DQ6) at the program address location. The programming operation is complete if
DQ7 returns equivalent data, if DQ6 = no toggle, or if RY/BY pin = high.
The AS29LV800 ignores commands written during programming. A hardware reset occurring
during programming may corrupt the data at the programmed location.
AS29LV800 allows programming in any sequence, across any sector boundary. Changing data from
0 to 1 requires an erase operation. Attempting to program data 0 to 1 results in either DQ5 = 1
(exceeded programming time limits); reading this data after a read/reset operation returns a 0.
When programming time limit is exceeded, DQ5 reads high, and DQ6 continues to toggle. In this
state, a Reset command returns the device to read mode.


Similar Part No. - AS29LV800B-80SC

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS29LV016 AUSTIN-AS29LV016 Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016BRG-100/ET AUSTIN-AS29LV016BRG-100/ET Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016BRG-100/XT AUSTIN-AS29LV016BRG-100/XT Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016BRG-70/ET AUSTIN-AS29LV016BRG-70/ET Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016BRG-90/ET AUSTIN-AS29LV016BRG-90/ET Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
More results

Similar Description - AS29LV800B-80SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L29S800F ETC-L29S800F Datasheet
797Kb / 54P
   8MEGABIT (1M횞8 /512K횞16) 3 VOLT CMOS FLASH MEMERY
logo
Sanyo Semicon Device
LE25FW806 SANYO-LE25FW806 Datasheet
147Kb / 22P
   CMOS IC 8M-bit (1M횞8) Serial Flash Memory
logo
Alliance Semiconductor ...
AS29LV400 ALSC-AS29LV400 Datasheet
227Kb / 25P
   3V 512K x 8/256K 횞 16 CMOS Flash EEPROM
logo
Sanyo Semicon Device
LE25FW806 SANYO-LE25FW806_10 Datasheet
180Kb / 22P
   8M-bit (1M횞8) Serial Flash Memory
logo
Alliance Semiconductor ...
AS29F010 ALSC-AS29F010 Datasheet
175Kb / 10P
   5V 128K x 8 CMOS FLASH EEPROM
AS29F040 ALSC-AS29F040 Datasheet
341Kb / 18P
   5V 512K x 8 CMOS FLASH EEPROM
logo
Macronix International
MX25L802 MCNIX-MX25L802 Datasheet
281Kb / 24P
   8M-BIT [8M x 1] CMOS SERIAL FLASH EEPROM
logo
List of Unclassifed Man...
H3104A ETC2-H3104A Datasheet
293Kb / 5P
   CMOS EEPROM
logo
NEC
UPD28C04 NEC-UPD28C04 Datasheet
220Kb / 9P
   CMOS EEPROM
logo
Elite Semiconductor Mem...
F49L004UA ESMT-F49L004UA Datasheet
353Kb / 46P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com