Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS29LV800B-80SC Datasheet(PDF) 4 Page - ANADIGICS, Inc

Part # AS29LV800B-80SC
Description  3V 1M횞8/512K횞16 CMOS Flash EEPROM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AS29LV800B-80SC Datasheet(HTML) 4 Page - ANADIGICS, Inc

  AS29LV800B-80SC Datasheet HTML 1Page - ANADIGICS, Inc AS29LV800B-80SC Datasheet HTML 2Page - ANADIGICS, Inc AS29LV800B-80SC Datasheet HTML 3Page - ANADIGICS, Inc AS29LV800B-80SC Datasheet HTML 4Page - ANADIGICS, Inc AS29LV800B-80SC Datasheet HTML 5Page - ANADIGICS, Inc AS29LV800B-80SC Datasheet HTML 6Page - ANADIGICS, Inc AS29LV800B-80SC Datasheet HTML 7Page - ANADIGICS, Inc AS29LV800B-80SC Datasheet HTML 8Page - ANADIGICS, Inc AS29LV800B-80SC Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
AS29LV800
®
3/22/01; V.1.0
Alliance Semiconductor
P. 4 of 25
March 2001
Flexible sector architecture
In word mode, there are one 8K word, two 4K word, one 16K word, and fifteen 32K word sectors. Address range is A18–A-1 if BYTE = VIL; address range is
A18–A0 if BYTE = VIH.
Temporary
sector
unprotect
Temporarily disables sector protection for in-system data changes to protected sectors. Apply +10V to RESET
to activate temporary sector unprotect mode. During temporary sector unprotect mode, program protected
sectors by selecting the appropriate sector address. All protected sectors revert to protected state on removal
of +10V from RESET.
RESET
Resets the interal state machine to read mode. If device is programming or erasing when RESET = L, data
may be corrupted.
Deep
power down
Hold RESET low to enter deep power down mode (<1 µA). Recovery time to start of first read cycle is 50ns.
Automatic
sleep mode
Enabled automatically when addresses remain stable for 300ns. Typical current draw is 1 µA. Existing data is
available to the system during this mode. If an address is changed, automatic sleep mode is disabled and new
data is returned within standard access times.
Sector
Bottom boot sector architecture (AS29LV800B)
Top boot sector architecture (AS29LV800T)
×8
×16
Size
(Kbytes)
×8
×16
Size
(Kbytes)
0
00000h–03FFFh
00000h–01FFFh
16
00000h–0FFFFh
00000h–07FFFh
64
1
04000h–05FFFh
02000h–02FFFh
8
10000h–1FFFFh
08000h–0FFFFh
64
2
06000h–07FFFh
03000h–03FFFh
8
20000h–2FFFFh
10000h–17FFFh
64
3
08000h–0FFFFh
04000h–07FFFh
32
30000h–3FFFFh
18000h–1FFFFh
64
4
10000h–1FFFFh
08000h–0FFFFh
64
40000h–4FFFFh
20000h–27FFFh
64
5
20000h–2FFFFh
10000h–17FFFh
64
50000h–5FFFFh
28000h–2FFFFh
64
6
30000h–3FFFFh
18000h–1FFFFh
64
60000h–6FFFFh
30000h–37FFFh
64
7
40000h–4FFFFh
20000h–27FFFh
64
70000h–7FFFFh
38000h–3FFFFh
64
8
50000h–5FFFFh
28000h–2FFFFh
64
80000h–8FFFFh
40000h–47FFFh
64
9
60000h–6FFFFh
30000h–37FFFh
64
90000h–9FFFFh
48000h–4FFFFh
64
10
70000h–7FFFFh
38000h–3FFFFh
64
A0000h–AFFFFh
50000h–57FFFh
64
11
80000h–8FFFFh
40000h–47FFFh
64
B0000h–BFFFFh
58000h–5FFFFh
64
12
90000h–9FFFFh
48000h–4FFFFh
64
C0000h–CFFFFh
60000h–67FFFh
64
13
A0000h–AFFFFh
50000h–57FFFh
64
D0000h–DFFFFh
68000h–6FFFFh
64
14
B0000h–BFFFFh
58000h–5FFFFh
64
E0000h–EFFFFh
70000h–77FFFh
64
15
C0000h–CFFFFh
60000h–67FFFh
64
F0000h–F7FFFh
78000h–7BFFFh
32
16
D0000h–DFFFFh
68000h–6FFFFh
64
F8000h–F9FFFh
7C000h–7CFFFh
8
17
E0000h–EFFFFh
70000h–77FFFh
64
FA000h–FBFFFh
7D000h–7DFFFh
8
18
F0000h–FFFFFh
78000h–7FFFFh
64
FC000h–FFFFFh
7E000h–7FFFFh
16
Item
Description


Similar Part No. - AS29LV800B-80SC

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS29LV016 AUSTIN-AS29LV016 Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016BRG-100/ET AUSTIN-AS29LV016BRG-100/ET Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016BRG-100/XT AUSTIN-AS29LV016BRG-100/XT Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016BRG-70/ET AUSTIN-AS29LV016BRG-70/ET Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
AS29LV016BRG-90/ET AUSTIN-AS29LV016BRG-90/ET Datasheet
414Kb / 40P
   16 Megabit (2M x 8-Bit / 1M x 16-Bit) CMOS 3.0 Volt-Only Boot Sector Flash Memory
More results

Similar Description - AS29LV800B-80SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
L29S800F ETC-L29S800F Datasheet
797Kb / 54P
   8MEGABIT (1M횞8 /512K횞16) 3 VOLT CMOS FLASH MEMERY
logo
Sanyo Semicon Device
LE25FW806 SANYO-LE25FW806 Datasheet
147Kb / 22P
   CMOS IC 8M-bit (1M횞8) Serial Flash Memory
logo
Alliance Semiconductor ...
AS29LV400 ALSC-AS29LV400 Datasheet
227Kb / 25P
   3V 512K x 8/256K 횞 16 CMOS Flash EEPROM
logo
Sanyo Semicon Device
LE25FW806 SANYO-LE25FW806_10 Datasheet
180Kb / 22P
   8M-bit (1M횞8) Serial Flash Memory
logo
Alliance Semiconductor ...
AS29F010 ALSC-AS29F010 Datasheet
175Kb / 10P
   5V 128K x 8 CMOS FLASH EEPROM
AS29F040 ALSC-AS29F040 Datasheet
341Kb / 18P
   5V 512K x 8 CMOS FLASH EEPROM
logo
Macronix International
MX25L802 MCNIX-MX25L802 Datasheet
281Kb / 24P
   8M-BIT [8M x 1] CMOS SERIAL FLASH EEPROM
logo
List of Unclassifed Man...
H3104A ETC2-H3104A Datasheet
293Kb / 5P
   CMOS EEPROM
logo
NEC
UPD28C04 NEC-UPD28C04 Datasheet
220Kb / 9P
   CMOS EEPROM
logo
Elite Semiconductor Mem...
F49L004UA ESMT-F49L004UA Datasheet
353Kb / 46P
   4 Mbit (512K x 8) 3V Only CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com