Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

140QEX Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 140QEX
Description  IMPEDANCE MATCHING TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

140QEX Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  140QEX Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Hammond Mfg. Co. Ltd., Electronics Division
www.hammondmfg.com
140QEX
CHASSIS MOUNT – SHIELDED
IMPEDANCE MATCHING TRANSFORMER
This transformer operates in the 20 Hz to 20 KHz range.
The metal can provides excellent shielding from a broad
range of external sources. While the nickel core provides
high permeability combined with low losses.
Typical applications Input/output Isolation, Line Matching,
Driver, Hybrid applications.
ELECTRICAL SPECIFICATIONS
Characteristic
Typical
Input Impedance
600
ΩCT
Output Impedance
600
ΩCT
Output Power
10.0 dbm
DCR
Primary
72.4
RED – BRN
36.2
BRN – YEL
36.2
Secondary
72.4
GRN – BLK
36.2
BLK – BLU
36.2
Inductance
@ 1.0 kHz, 1.0 V OC
Primary
10.62 H
Secondary
10.62 H
Impedance
@ 1.0 kHz, 1.0 V OC
Primary
64.5k
Secondary
64.5k
Frequency Response
±1db from 20 Hz to 20KHz
Turns ratio
1:1
Insertion Loss
< 1.1 db
Return Loss
20 db
Longitudinal balance
-65 db
Dielectric Strength
500 Vrms
140QEX
5mW 20Hz - 20kHz
MADE IN CANADA
GRN - BLK - BLU: 600
CT
RED - BRN - YEL: 600
CT
DATE
PRIMARY
SECONDARY
BLUE
GREEN
600
CT
600
CT
RED
YELLOW
SCHEMATIC DIAGRAM
BROWN
BLACK


Similar Part No. - 140QEX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
140QEX ETC2-140QEX Datasheet
341Kb / 2P
   IMPEDANCE MATCHING TRANSFORMER
More results

Similar Description - 140QEX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
140NEX ETC2-140NEX Datasheet
313Kb / 2P
   IMPEDANCE MATCHING TRANSFORMER
logo
JFW Industries, Inc.
57ZT JFW-57ZT_18 Datasheet
26Kb / 1P
   IMPEDANCE MATCHING TRANSFORMER
logo
Hammond Manufacturing L...
140MEX HAMMOND-140MEX Datasheet
311Kb / 1P
   IMPEDANCE MATCHING TRANSFORMER
logo
List of Unclassifed Man...
140PEX ETC2-140PEX Datasheet
344Kb / 2P
   IMPEDANCE MATCHING TRANSFORMER
logo
JFW Industries, Inc.
57ZT-12G JFW-57ZT-12G Datasheet
26Kb / 1P
   IMPEDANCE MATCHING TRANSFORMER
logo
Hammond Manufacturing L...
140TEX HAMMOND-140TEX Datasheet
323Kb / 1P
   IMPEDANCE MATCHING TRANSFORMER
140PEX HAMMOND-140PEX Datasheet
344Kb / 1P
   IMPEDANCE MATCHING TRANSFORMER
140NEX HAMMOND-140NEX Datasheet
313Kb / 1P
   IMPEDANCE MATCHING TRANSFORMER
logo
List of Unclassifed Man...
140QEX ETC2-140QEX Datasheet
341Kb / 2P
   IMPEDANCE MATCHING TRANSFORMER
140TEX ETC2-140TEX Datasheet
323Kb / 2P
   IMPEDANCE MATCHING TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com