Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMLD-6035Z Datasheet(PDF) 5 Page - AIMTEC

Part # AMLD-6035Z
Description  Up to 1000mA | LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMLD-6035Z Datasheet(HTML) 5 Page - AIMTEC

  AMLD-6035Z Datasheet HTML 1Page - AIMTEC AMLD-6035Z Datasheet HTML 2Page - AIMTEC AMLD-6035Z Datasheet HTML 3Page - AIMTEC AMLD-6035Z Datasheet HTML 4Page - AIMTEC AMLD-6035Z Datasheet HTML 5Page - AIMTEC AMLD-6035Z Datasheet HTML 6Page - AIMTEC AMLD-6035Z Datasheet HTML 7Page - AIMTEC AMLD-6035Z Datasheet HTML 8Page - AIMTEC AMLD-6035Z Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Series AMLD-Z
Up to 1000mA | LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.G
5 of 13
North America only
Output Current Adjustment by External DC Control Voltage (VCTRL) (continued):
Resistive Dimming Control
A simplified dimming control can be achieved using a variable resistor connected between VADJ and GND. Capacitor CADJ
is optional, it is installed to limit AC mains interference and high frequency noise. The recommended value of CADJ is
0.22µF.
NOTE: Typical error is ±10% with resistive dimming control
AMLD-Z
-Vin
VADJ
1st LED
+Vout
1
1
-Vout
RADJ
CADJ
The output current is given by:
If RADJ is between 0 and 2M ohm, the maximum adjustment
range of Iout is 25% to 90% (for Vin – Vout < 20V)
Ioutnom ≈
Iout x Radj
(Radj + 50K)
AMLD-Z
-Vin
VADJ
1st LED
+Vout
1
1
-Vout
+Vin
1
TL431
10K
10K
4.7K
Last LED
R1
R2
R3
If Vin is between 7 VDC and 36 VDC it is
recommended to use the circuit shown below
AMLD-Z
-Vin
VADJ
1st LED
+Vout
1
1
-Vout
1
TL431
10K
10K
Last LED
R2
R3
If Vin is between 36 VDC and 60 VDC it is
recommended to use the circuit shown below
+Vin
4.7K
R1
1
KDZTR-27B
[
VADJ =
R3
R2 + R3
X 2.5
If VCTRL = Vin


Similar Part No. - AMLD-6035Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLD-6035Z AIMTEC-AMLD-6035Z Datasheet
434Kb / 13P
   Up to 1000mA | LED Driver
AMLD-6035Z AIMTEC-AMLD-6035Z Datasheet
481Kb / 13P
   LED Driver
More results

Similar Description - AMLD-6035Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLDLW-Z AIMTEC-AMLDLW-Z_13 Datasheet
386Kb / 12P
   Up to 1000mA | LED Driver
AMLD-Z AIMTEC-AMLD-Z Datasheet
434Kb / 13P
   Up to 1000mA | LED Driver
AMLDL-Z AIMTEC-AMLDL-Z_1 Datasheet
353Kb / 14P
   Up to 1000mA | LED Driver
AMLDP-Z AIMTEC-AMLDP-Z_13 Datasheet
1Mb / 18P
   Up to 1000mA | LED Driver
AMLD-RZ AIMTEC-AMLD-RZ_16 Datasheet
285Kb / 3P
   Up to 1000mA | LED Driver
AMLD-Z AIMTEC-AMLD-Z_13 Datasheet
474Kb / 13P
   Up to 1000mA | LED Driver
AMLDL-Z AIMTEC-AMLDL-Z_16 Datasheet
440Kb / 14P
   Up to 1000mA | LED Driver
AMLDLW-Z AIMTEC-AMLDLW-Z Datasheet
327Kb / 11P
   Up to 1000mA | LED Driver
AMLDL-Z AIMTEC-AMLDL-Z_13 Datasheet
434Kb / 14P
   Up to 1000mA | LED Driver
AMLD-RZ AIMTEC-AMLD-RZ Datasheet
278Kb / 3P
   Up to 1000mA | LED Driver
AMLDP-Z AIMTEC-AMLDP-Z Datasheet
1Mb / 18P
   Up to 1000mA | LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com