Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMLBW-3690Z Datasheet(PDF) 8 Page - AIMTEC

Part # AMLBW-3690Z
Description  Up to 700mA | Step Up LED Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMLBW-3690Z Datasheet(HTML) 8 Page - AIMTEC

  AMLBW-3690Z Datasheet HTML 1Page - AIMTEC AMLBW-3690Z Datasheet HTML 2Page - AIMTEC AMLBW-3690Z Datasheet HTML 3Page - AIMTEC AMLBW-3690Z Datasheet HTML 4Page - AIMTEC AMLBW-3690Z Datasheet HTML 5Page - AIMTEC AMLBW-3690Z Datasheet HTML 6Page - AIMTEC AMLBW-3690Z Datasheet HTML 7Page - AIMTEC AMLBW-3690Z Datasheet HTML 8Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Series AMLBW-Z
Up to 700mA | Step Up LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.C
8 of 8
North America only
Output Current Adjustment by PWM Control (Dimming):
A PWM signal must have a frequency of greater than 100Hz to prevent any visible flicker.
Output Current Adjustment by PWM Control (Flash):
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer
controlled by Aimtec; refer to www.aimtec.com for the most current product specifications. 2. Product labels shown, including safety agency certifications on labels, may vary
based on the date manufactured. 3. Mechanical drawings and specifications are for reference only. 4
. All specifications are measured at an ambient temperature of 25°C,
humidity<75%, nominal input voltage and at rated output load unless otherwise specified.5..Aimtec may not have conducted destructive testing or chemical analysis on all internal
components and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
5. This product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which
necessitate specific safety and regulatory standards other the ones listed in this datasheet.


Similar Part No. - AMLBW-3690Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLBW-3615Z AIMTEC-AMLBW-3615Z Datasheet
449Kb / 8P
   Step Up LED Driver
AMLBW-3625Z AIMTEC-AMLBW-3625Z Datasheet
449Kb / 8P
   Step Up LED Driver
AMLBW-3630Z AIMTEC-AMLBW-3630Z Datasheet
449Kb / 8P
   Step Up LED Driver
AMLBW-3635Z AIMTEC-AMLBW-3635Z Datasheet
449Kb / 8P
   Step Up LED Driver
AMLBW-3650Z AIMTEC-AMLBW-3650Z Datasheet
449Kb / 8P
   Step Up LED Driver
More results

Similar Description - AMLBW-3690Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLB-Z AIMTEC-AMLB-Z_13 Datasheet
418Kb / 7P
   Up to 700mA | Step Up LED Driver
AMLBW-Z AIMTEC-AMLBW-Z Datasheet
307Kb / 8P
   Up to 700mA | Step Up LED Driver
AMLB-Z AIMTEC-AMLB-Z Datasheet
395Kb / 7P
   Up to 700mA | Step Up LED Driver
AMLDV-NZ AIMTEC-AMLDV-NZ_13 Datasheet
443Kb / 8P
   Up to 700mA | LED Driver
AMLDV-NZ AIMTEC-AMLDV-NZ Datasheet
426Kb / 8P
   Up to 700mA | LED Driver
AMLDL-RZ AIMTEC-AMLDL-RZ Datasheet
1Mb / 17P
   Up to 700mA | LED Driver
AMER4-1230KZ AIMTEC-AMER4-1230KZ Datasheet
176Kb / 2P
   up to 700mA | AC-DC LED driver
AMEPR30N-Z AIMTEC-AMEPR30N-Z Datasheet
669Kb / 7P
   up to 700mA | AC-DC LED driver
AMEPR8-2435KZ AIMTEC-AMEPR8-2435KZ Datasheet
503Kb / 2P
   up to 700mA | AC-DC LED driver
AMEPR30NC-Z AIMTEC-AMEPR30NC-Z Datasheet
869Kb / 8P
   up to 700mA | AC-DC LED driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com