Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMLDL-3050Z Datasheet(PDF) 6 Page - AIMTEC

Part # AMLDL-3050Z
Description  Up to 1000mA | LED Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMLDL-3050Z Datasheet(HTML) 6 Page - AIMTEC

Back Button AMLDL-3050Z Datasheet HTML 2Page - AIMTEC AMLDL-3050Z Datasheet HTML 3Page - AIMTEC AMLDL-3050Z Datasheet HTML 4Page - AIMTEC AMLDL-3050Z Datasheet HTML 5Page - AIMTEC AMLDL-3050Z Datasheet HTML 6Page - AIMTEC AMLDL-3050Z Datasheet HTML 7Page - AIMTEC AMLDL-3050Z Datasheet HTML 8Page - AIMTEC AMLDL-3050Z Datasheet HTML 9Page - AIMTEC AMLDL-3050Z Datasheet HTML 10Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Series AMLDL-Z
Up to 1000mA | LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R9.I
6 of 14
North America only
Output Current Adjustment by PWM Control (Dimming):
A PWM signal must have a frequency of greater than 100Hz to prevent any visible flicker.
Output Current Adjustment by PWM Control (Flash):
Recommended Class B EMI Filter:
Model Number
Inductor Value (µH)
AMLDL-3030Z
68
AMLDL-3035Z
68
AMLDL-3050Z
27
AMLDL-3060Z
27
AMLDL-3070Z
27
AMLDL-30100Z
27
Discharge
Vcc
Reset
Out
CRT_V
GND
NE 555
Trigger
Threshold
7
8
4
3
5
1
2
6
+
+
+
-
-
-
10uF
35V
10uF
16V
AMSR-7805-Z
+Vin
-Vin
1
1N4148
+
-
VR
100K
470
+
-
+
-
1
10K
1N4148
2SD11782K
PMW
AMLDL-Z
Pin 2 (VADJ)
AMLDL-Z
Pin 1
210
100nF
100nF
100nF
100nF
AMLDL-Z
+Vin
-Vin
VADJ
1st LED
Last LED
+Vout
1
1
Analogue DIM
PWM Dim/ON/OFF
-Vout
10uF
+
-
L
-
+
Discharge
Vcc
Reset
Out
CRT_V
GND
NE 555
Trigger
Threshold
7
8
4
3
5
1
2
6
+
+
+
-
-
-
100nF
10uF
16V
AMSR-7805-Z
+Vin
-Vin
+
-
+
-
+
-
1
10K
1N4148
2SD11782K
PMW
AMLDL-Z
Pin 2 (VADJ)
AMLDL-Z
Pin 1
VR
100K
2K
210
10uF
35V
100nF
100nF
10uF
16V


Similar Part No. - AMLDL-3050Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLDL-3050Z AIMTEC-AMLDL-3050Z Datasheet
310Kb / 14P
   Up to 1000mA | LED Driver
AMLDL-3050Z AIMTEC-AMLDL-3050Z Datasheet
353Kb / 14P
   Up to 1000mA | LED Driver
More results

Similar Description - AMLDL-3050Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLDLW-Z AIMTEC-AMLDLW-Z_13 Datasheet
386Kb / 12P
   Up to 1000mA | LED Driver
AMLD-Z AIMTEC-AMLD-Z Datasheet
434Kb / 13P
   Up to 1000mA | LED Driver
AMLDL-Z AIMTEC-AMLDL-Z_1 Datasheet
353Kb / 14P
   Up to 1000mA | LED Driver
AMLDP-Z AIMTEC-AMLDP-Z_13 Datasheet
1Mb / 18P
   Up to 1000mA | LED Driver
AMLD-RZ AIMTEC-AMLD-RZ_16 Datasheet
285Kb / 3P
   Up to 1000mA | LED Driver
AMLD-Z AIMTEC-AMLD-Z_13 Datasheet
474Kb / 13P
   Up to 1000mA | LED Driver
AMLDLW-Z AIMTEC-AMLDLW-Z Datasheet
327Kb / 11P
   Up to 1000mA | LED Driver
AMLDL-Z AIMTEC-AMLDL-Z_13 Datasheet
434Kb / 14P
   Up to 1000mA | LED Driver
AMLD-RZ AIMTEC-AMLD-RZ Datasheet
278Kb / 3P
   Up to 1000mA | LED Driver
AMLDP-Z AIMTEC-AMLDP-Z Datasheet
1Mb / 18P
   Up to 1000mA | LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com