Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMLBW-3660Z Datasheet(PDF) 5 Page - AIMTEC

Part # AMLBW-3660Z
Description  Up to 700mA | Step Up LED Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMLBW-3660Z Datasheet(HTML) 5 Page - AIMTEC

  AMLBW-3660Z Datasheet HTML 1Page - AIMTEC AMLBW-3660Z Datasheet HTML 2Page - AIMTEC AMLBW-3660Z Datasheet HTML 3Page - AIMTEC AMLBW-3660Z Datasheet HTML 4Page - AIMTEC AMLBW-3660Z Datasheet HTML 5Page - AIMTEC AMLBW-3660Z Datasheet HTML 6Page - AIMTEC AMLBW-3660Z Datasheet HTML 7Page - AIMTEC AMLBW-3660Z Datasheet HTML 8Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Series AMLBW-Z
Up to 700mA | Step Up LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.C
5 of 8
North America only
EN55022 Class B Filter Suggestion:
AMLBW-Z
+Vi
-Vi
1st
LED
+LED
1
1
PWM/Analog
Dimming Control
-LED
Last
LED
1
4
2
EN
3
5
6
L1
L2
C1
C2
TVS
NF
C3
DIM
+Vin
-Vin
C1 47uF/100V
C2 330uF/100V
C3 330uF/100V
TVS 38V
L1 13.3uH/4A
L2 13.3uH/4A
NF 3.9mH/4A(Command Choke)
Application circuit examples:
SW
Vout
ON
0V
OFF
normal
AMLBW-Z
+Vin
-Vin
DIM
1st LED
Last LED
+LED
1
1
PWM/Analog
Dimming Control
-LED
1
4
3
EN
2
5
6
AMLBW-Z
+Vin
-Vin
DIM
1st LED
Last LED
+LED
1
1
-LED
PWM/Analog
Dimming Control
1
1
1
4
3
2
5
6
EN
AMLBW-Z
+Vin
-Vin
+
DIM
1st LED
+LED
1
1
PWM/Analog
Dimming Control
-LED
AC In
AC In
6.5Vac
to 25Vac
Last LED
-
0.1uF
optional
100uF to
330uF
1
4
2
EN
3
5
6
AMLBW-Z
+Vin
-Vin
DIM
1st LED
Last LED
+LED
1
1
-LED
1
4
3
2
5
6
SW
ON
OFF
EN


Similar Part No. - AMLBW-3660Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLBW-3660Z AIMTEC-AMLBW-3660Z Datasheet
449Kb / 8P
   Step Up LED Driver
More results

Similar Description - AMLBW-3660Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AMLB-Z AIMTEC-AMLB-Z_13 Datasheet
418Kb / 7P
   Up to 700mA | Step Up LED Driver
AMLBW-Z AIMTEC-AMLBW-Z Datasheet
307Kb / 8P
   Up to 700mA | Step Up LED Driver
AMLB-Z AIMTEC-AMLB-Z Datasheet
395Kb / 7P
   Up to 700mA | Step Up LED Driver
AMLDV-NZ AIMTEC-AMLDV-NZ_13 Datasheet
443Kb / 8P
   Up to 700mA | LED Driver
AMLDV-NZ AIMTEC-AMLDV-NZ Datasheet
426Kb / 8P
   Up to 700mA | LED Driver
AMLDL-RZ AIMTEC-AMLDL-RZ Datasheet
1Mb / 17P
   Up to 700mA | LED Driver
AMER4-1230KZ AIMTEC-AMER4-1230KZ Datasheet
176Kb / 2P
   up to 700mA | AC-DC LED driver
AMEPR30N-Z AIMTEC-AMEPR30N-Z Datasheet
669Kb / 7P
   up to 700mA | AC-DC LED driver
AMEPR8-2435KZ AIMTEC-AMEPR8-2435KZ Datasheet
503Kb / 2P
   up to 700mA | AC-DC LED driver
AMEPR30NC-Z AIMTEC-AMEPR30NC-Z Datasheet
869Kb / 8P
   up to 700mA | AC-DC LED driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com