Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1115AY15L Datasheet(PDF) 5 Page - Anachip Corp

Part # AP1115AY15L
Description  0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1115AY15L Datasheet(HTML) 5 Page - Anachip Corp

  AP1115AY15L Datasheet HTML 1Page - Anachip Corp AP1115AY15L Datasheet HTML 2Page - Anachip Corp AP1115AY15L Datasheet HTML 3Page - Anachip Corp AP1115AY15L Datasheet HTML 4Page - Anachip Corp AP1115AY15L Datasheet HTML 5Page - Anachip Corp AP1115AY15L Datasheet HTML 6Page - Anachip Corp AP1115AY15L Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AP1115
0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Aug.27, 2004
5/7
Typical Performance Characteristics
Temperature (oC)
Percent Change in Output Voltage vs Temperature
-50
-25
0
25
50
75
100
125
150
- 2
-1.5
- 1
-0.5
0
0. 5
1
1.5
2
Input Voltage (V)
Line Regulation
0
0.2
0.4
0.6
0.8
1
24
6
8
10
12
TIME (us)
Line Transient Response
-40
-20
0
20
40
5.5
6.5
7.5
Cin=1uF
Cout=10uF Tantalum
0
20
40
60
80
100 120 140 160 180 200
TIME (us)
Load Transient Response
010
20
30
40
50
60
70
80
90 100
-1
0
1
2
-20
-10
0
10
20
30
C in = 1uF
C out = 10 uF Tantalum
Preload = 100mA
Output Current (mA)
Dropout Voltage vs Output Current
0
0. 2
0. 4
0. 6
0. 8
1. 0
1. 2
1. 4
1. 6
1. 8
2. 0
0
100
200
300
400
Tj = 125 oC
Tj = 25 oC
Temperature (oC)
Load Regulation vs Temperature
-25
0
25
50
75
100
125
- 1
-0.80
-0.40
-0.20
0
0.20
I load=600mA
500
600


Similar Part No. - AP1115AY15L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1115AY33G DIODES-AP1115AY33G Datasheet
217Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1115AY33L-13 DIODES-AP1115AY33L-13 Datasheet
217Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
More results

Similar Description - AP1115AY15L

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1115AY33L-13 DIODES-AP1115AY33L-13 Datasheet
217Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
logo
E-Tech Electronics LTD
GL1116 ETL-GL1116 Datasheet
251Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
AP1115 DIODES-AP1115 Datasheet
212Kb / 7P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1115 Rev. 1
AP1115AY33G DIODES-AP1115AY33G Datasheet
217Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1115 DIODES-AP1115_12 Datasheet
217Kb / 8P
   0.6A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
logo
E-Tech Electronics LTD
G1116 ETL-G1116 Datasheet
253Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1116 GTM-G1116 Datasheet
248Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GM1116 GTM-GM1116 Datasheet
241Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GL1116 GTM-GL1116 Datasheet
244Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
GJ1116 GTM-GJ1116 Datasheet
239Kb / 4P
   0.6A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com