Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N808 Datasheet(PDF) 1 Page - American Microsemiconductor

Part # 2N808
Description  GERMABIUM PNP MESA TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMMSEMI [American Microsemiconductor]
Direct Link  http://www.americanmicrosemi.com/
Logo AMMSEMI - American Microsemiconductor

2N808 Datasheet(HTML) 1 Page - American Microsemiconductor

  2N808 Datasheet HTML 1Page - American Microsemiconductor 2N808 Datasheet HTML 2Page - American Microsemiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 2N808

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N80 UTC-2N80 Datasheet
170Kb / 6P
   2 Amps, 800 Volts N-CHANNEL POWER MOSFET
2N80 UTC-2N80 Datasheet
235Kb / 6P
   2A, 800V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
2N80 ISC-2N80 Datasheet
68Kb / 2P
   Drain Current ID= 2.4A@ TC=25C
logo
Unisonic Technologies
2N80G-TF3-T UTC-2N80G-TF3-T Datasheet
170Kb / 6P
   2 Amps, 800 Volts N-CHANNEL POWER MOSFET
2N80G-TF3-T UTC-2N80G-TF3-T Datasheet
235Kb / 6P
   2A, 800V N-CHANNEL POWER MOSFET
More results

Similar Description - 2N808

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
2N651 AMMSEMI-2N651 Datasheet
1Mb / 2P
   GERMABIUM PNP MESA TRANSISTORS
2N652 AMMSEMI-2N652 Datasheet
1Mb / 2P
   GERMABIUM PNP MESA TRANSISTORS
2N653 AMMSEMI-2N653 Datasheet
1Mb / 2P
   GERMABIUM PNP MESA TRANSISTORS
2N660 AMMSEMI-2N660 Datasheet
1Mb / 2P
   GERMABIUM PNP MESA TRANSISTORS
2N968 AMMSEMI-2N968 Datasheet
1Mb / 2P
   GERMABIUM PNP MESA TRANSISTORS
2N1144 AMMSEMI-2N1144 Datasheet
1Mb / 2P
   GERMABIUM PNP MESA TRANSISTORS
2N1145 AMMSEMI-2N1145 Datasheet
1Mb / 2P
   GERMABIUM PNP MESA TRANSISTORS
2N1379 AMMSEMI-2N1379 Datasheet
1Mb / 2P
   GERMABIUM PNP MESA TRANSISTORS
2N971 AMMSEMI-2N971 Datasheet
1Mb / 2P
   GERMABIUM PNP MESA TRANSISTORS
2N985 AMMSEMI-2N985 Datasheet
1Mb / 2P
   GERMABIUM PNP MESA TRANSISTORS
2N1303 AMMSEMI-2N1303 Datasheet
1Mb / 2P
   GERMABIUM PNP MESA TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com