Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EM033C08N Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # EM033C08N
Description  Low Power 32Kx8 SRAM in a 32 pin ROM Pinout Compatible Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

EM033C08N Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  EM033C08N Datasheet HTML 1Page - Integrated Silicon Solution, Inc EM033C08N Datasheet HTML 2Page - Integrated Silicon Solution, Inc EM033C08N Datasheet HTML 3Page - Integrated Silicon Solution, Inc EM033C08N Datasheet HTML 4Page - Integrated Silicon Solution, Inc EM033C08N Datasheet HTML 5Page - Integrated Silicon Solution, Inc EM033C08N Datasheet HTML 6Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Stock No. 23087-01 12/98
3
EM033C08
NanoAmp Solutions
TABLE 3: Operating Characteristics (Over specified temperature range)
Notes:
Note 1. Operating current is a linear function of frequency and voltage. You may calculate operating current using the
formula shown with operating frequency (f) expressed in Mhz and operating voltage (V) in volts. Example: Operating
at 2 Mhz and 2.0 volts will draw a maximum current of 0.3*2*2 = 1.2 mA.
Note 2. This device assumes a standby mode whenever Chip Enable (CE) is disabled (high). It will also automatically
go into a standby mode whenever all input signals are quiescent (not toggling) whenever an access or write cycle is
completed regardless of the state CE. In order to achieve low standby current all input levels must be within 0.2 volts
of either VCC or GND.
TABLE 4: Capacitance*
Note: These parameters are verified in device characterization and are not 100% tested
TABLE 5: Timing Test Conditions
Item
Symbol
Test Conditions
Min.
Max.
Unit
Supply Voltage
VCC
1.5
3.6
V
Data Retention Voltage
VDR
CE = VCC
1.2
3.6
V
Input High Voltage
VIH
0.7VCC
VCC+0.3
V
Input Low Voltage
VIL
–0.3
0.3VCC
V
Output High Voltage
VOH
IOH = 200 µA
VCC–0.2
V
Output Low Voltage
VOL
IOL = –200 µA
0.2
V
Input Leakage Current
ILI
VIN = 0 to VCC
1
µA
Output Leakage Current
ILO
OE = VIH or CE = 1
1
µA
Operating Supply
Current (Note 1)
ICC
VIN = VCC or 0V, CE = 0
0.3 * f * V
mA
Standby Current (Note 2)
ISB
VIN = VCC or 0V
10
µA
Item
Symbol
Test Condition
Min
Max
Unit
Input Capacitance
CIN
VIN = 0V, f = 1 Mhz, TA = 25
oC
5
pF
I/O Capacitance
CI/O
VIN = 0V, f = 1 Mhz, TA = 25
oC
5
pF
Item
Input Pulse Level
0.1VCC to 0.9 VCC
Input Rise and Fall Time
5ns
Input and Output Timing Reference Levels
0.5VCC
Output Load
CL = 30pF
Operating Temperature (Unless otherwise stated)
-20 to +80 oC


Similar Part No. - EM033C08N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EM0.6 ETC2-EM0.6 Datasheet
107Kb / 1P
   EM Brake
logo
Sanken electric
EM01 SANKEN-EM01 Datasheet
23Kb / 1P
   Rectifier Diodes
EM01 SANKEN-EM01 Datasheet
23Kb / 1P
   Rectifier Diodes
logo
Galaxy Semi-Conductor H...
EM01 BILIN-EM01 Datasheet
58Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Shenzhen Luguang Electr...
EM01 LUGUANG-EM01 Datasheet
168Kb / 2P
   Plastic Silicon Rectifiers
More results

Similar Description - EM033C08N

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT62L256 HOLTEK-HT62L256 Datasheet
115Kb / 10P
   CMOS 32Kx8 Low Power SRAM
logo
Eorex Corporation
EM6132K800W EOREX-EM6132K800W Datasheet
339Kb / 12P
   32Kx8 LP SRAM
logo
Texas Instruments
BQ4011 TI-BQ4011 Datasheet
755Kb / 13P
[Old version datasheet]   32Kx8 Nonvolatile SRAM
logo
Rochester Electronics
MM54C89J ROCHESTER-MM54C89J Datasheet
606Kb / 1P
   MILITARY TEMPERATURE SRAM in a 16-pin ceramic DIP package
logo
List of Unclassifed Man...
N341256 ETC1-N341256 Datasheet
397Kb / 9P
   CMOS SRAM 256K-BIT(32KX8)
logo
Alliance Semiconductor ...
7C256 ALSC-7C256 Datasheet
125Kb / 8P
   High Performance 32Kx8 CMOS SRAM
logo
Maxim Integrated Produc...
MAX1607 MAXIM-MAX1607_07 Datasheet
245Kb / 10P
   USB Current-Limited Switch in Pin-Compatible Package
Rev 2; 09/07
MAX1607 MAXIM-MAX1607 Datasheet
133Kb / 8P
   USB Current-Limited Switch in Pin-Compatible Package
19-1544; Rev 0; 10/99
logo
Micross Components
AS27C010A MICROSS-AS27C010A Datasheet
281Kb / 11P
   Industry standard 32-pin ceramic dual-in-line package
logo
Hanbit Electronics Co.,...
HMS51232M4L HANBIT-HMS51232M4L Datasheet
392Kb / 10P
   SRAM MODULE 2Mbyte (512K x 32-Bit), LOW POWER, 72-Pin SIMM 5V
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com