Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP131-28W Datasheet(PDF) 7 Page - Anachip Corp

Part # AP131-28W
Description  300mA Low Dropout Linear Regulator with Shutdown
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP131-28W Datasheet(HTML) 7 Page - Anachip Corp

  AP131-28W Datasheet HTML 1Page - Anachip Corp AP131-28W Datasheet HTML 2Page - Anachip Corp AP131-28W Datasheet HTML 3Page - Anachip Corp AP131-28W Datasheet HTML 4Page - Anachip Corp AP131-28W Datasheet HTML 5Page - Anachip Corp AP131-28W Datasheet HTML 6Page - Anachip Corp AP131-28W Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
AP131
300mA Low Dropout Linear Regulator with Shutdown
Anachip Corp.
www.anachip.com.tw
Rev. 1.2 Oct 28, 2004
7/7
Package Information (Continued)
(2) Package Type: SOT23-5L
θ
Gauge Plane
0.25 mm
L
L1
E1
E
e1
D
12
3
4
5
b
e
b1
b
C
C1
Base
Metal
With
Plating
A2
A1
A
Seating Plane
0.10 C
5x
2(4x)
θ
1(4x)
θ
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
1.05
1.20
1.35
0.041
0.047
0.053
A1
0.05
0.10
0.15
0.002
0.004
0.006
A2
1.00
1.10
1.20
0.039
0.043
0.047
b
0.25
-
0.55
0.010
-
0.022
b1
0.25
0.40
0.45
0.010
0.016
0.018
c
0.08
-
0.20
0.003
-
0.008
c1
0.08
0.11
0.15
0.003
0.004
0.006
D
2.70
2.85
3.00
0.106
0.112
0.118
E
2.60
2.80
3.00
0.102
0.110
0.118
E1
1.50
1.60
1.70
0.059
0.063
0.067
L
0.35
0.45
0.55
0.014
0.018
0.022
L1
0.60 Ref.
0.024 Ref.
e
0.95 Bsc.
0.037 Bsc.
e1
1.90 Bsc.
0.075 Bsc.
θ
0
o
5
o
10
o
0
o
5
o
10
o
θ
1
3
o
5
o
7
o
3
o
5
o
7
o
θ
2
6
o
8
o
10
o
6
o
8
o
10
o


Similar Part No. - AP131-28W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP131-28WG-13 DIODES-AP131-28WG-13 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
AP131-28WG-7 DIODES-AP131-28WG-7 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
AP131-28WL-13 DIODES-AP131-28WL-13 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
AP131-28WL-7 DIODES-AP131-28WL-7 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
More results

Similar Description - AP131-28W

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SULR1731 SMC-SULR1731 Datasheet
413Kb / 11P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731 Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A_16 Datasheet
169Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
logo
Diodes Incorporated
AP131 DIODES-AP131 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731_15 Datasheet
306Kb / 12P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A Datasheet
337Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
logo
Diodes Incorporated
AP131 DIODES-AP131_09 Datasheet
123Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH
AP131 Rev. 7
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com