Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1506-12T5R Datasheet(PDF) 4 Page - Anachip Corp

Part # AP1506-12T5R
Description  150KHz, 3A PWM Buck DC/DC Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1506-12T5R Datasheet(HTML) 4 Page - Anachip Corp

  AP1506-12T5R Datasheet HTML 1Page - Anachip Corp AP1506-12T5R Datasheet HTML 2Page - Anachip Corp AP1506-12T5R Datasheet HTML 3Page - Anachip Corp AP1506-12T5R Datasheet HTML 4Page - Anachip Corp AP1506-12T5R Datasheet HTML 5Page - Anachip Corp AP1506-12T5R Datasheet HTML 6Page - Anachip Corp AP1506-12T5R Datasheet HTML 7Page - Anachip Corp AP1506-12T5R Datasheet HTML 8Page - Anachip Corp AP1506-12T5R Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AP1506
150KHz, 3A PWM Buck DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Oct 29, 2004
4/12
Electrical Characteristics (Continued)
Symbol
Parameter
Conditions
Typ.
Limit
Unit
FB
V
Output
Feedback
5V < VIN < 22V
0.2A < ILOAD < 3A
VOUT programmed for
3V
1.23
1.193/1.18
1.267/1.28
V
VMIN
VMAX
AP1506-ADJ
η
Efficiency
VIN = 12V, ILOAD=3A
74
%
OUT
V
Output voltage
5.5V < VIN < 22V
0.2A < ILOAD < 3A
3.3
3.168/3.135
3.432/3.465
V
VMIN
VMAX
AP1506-3.3V
η
Efficiency
VIN = 12V, ILOAD=3A
75
%
OUT
V
Output voltage
8V < VIN < 22V
0.2A < ILOAD < 3A
5
4.8/4.75
5.2/5.25
V
VMIN
VMAX
AP1506-5V
η
Efficiency
VIN = 12V, ILOAD=3A
80
%
OUT
V
Output voltage
15V < VIN < 22V
0.2A < ILOAD < 3A
12
11.52/11.4
12.48/12.6
V
VMIN
VMAX
AP1506-12V
η
Efficiency
VIN = 16V, ILOAD = 3A
89
%
Specifications with boldface type are for full operating temperature range, the other type are for TJ=25ºC.


Similar Part No. - AP1506-12T5R

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1506-12T5R ANACHIP-AP1506-12T5R Datasheet
238Kb / 13P
   150KHz, 3A PWM Buck DC/DC Converter
AP1506-12T5RA ANACHIP-AP1506-12T5RA Datasheet
238Kb / 13P
   150KHz, 3A PWM Buck DC/DC Converter
AP1506-12T5RL ANACHIP-AP1506-12T5RL Datasheet
238Kb / 13P
   150KHz, 3A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1506-12T5RL-13 DIODES-AP1506-12T5RL-13 Datasheet
230Kb / 13P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1506 Rev. 2
AP1506-12T5RL-U DIODES-AP1506-12T5RL-U Datasheet
230Kb / 13P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1506 Rev. 2
More results

Similar Description - AP1506-12T5R

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
   150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
   150Khz, 3A PWM Buck DC/DC Converter
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
   3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
   3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
logo
E-CMOS Corporation
EC9301A E-CMOS-EC9301A Datasheet
1Mb / 16P
   3A 150KHz PWM Buck DC/DC Converter
logo
Orister Corporation
RS2596 ORISTER-RS2596_09 Datasheet
756Kb / 9P
   150KHz, 3A PWM Buck DC/DC Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
   150KHZ 3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com