Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NKG131SP-B Datasheet(PDF) 1 Page - STANLEY ELECTRIC CO.,LTD.

Part # NKG131SP-B
Description  Numeric Display/Case Size 7.0 x 11.0 mm
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

NKG131SP-B Datasheet(HTML) 1 Page - STANLEY ELECTRIC CO.,LTD.

  NKG131SP-B Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. NKG131SP-B Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. NKG131SP-B Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. NKG131SP-B Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. NKG131SP-B Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. NKG131SP-B Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. NKG131SP-B Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. NKG131SP-B Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. NKG131SP-B Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Features
Recommended Applications
Amusement Equipment, Electric Household Appliances, Other General Applications
Page 1
・Each color has anode common and cathode common respectively.
・A black case and a gray case are available.
・Lead–free soldering compatible
・RoHS compliant
Green
: 565nm
Orange
: 605nm
Red
: 660nm
Case Size
Product features
7.0 x 11.0 mm (W x H)
131S/133S Series
Numeric Display/Case Size 7.0 x 11.0 mm
Peak wavelength
Die materials
Soldering methods
ESD
Packing
TTW (Through The Wave) soldering and manual soldering
More than 2kV(HBM)
Tray
Green
: GaP
Orange
: GaAsP
Red
: GaAlAs
8.0 mm
Character Height
1 Digit
Number of Digit
Arrow Feather Type
Segment Shape
2012.11.19


Similar Part No. - NKG131SP-B

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
NKG105P STANLEY-NKG105P Datasheet
297Kb / 12P
   Numeric Display/Case Size 22.8 x 33.0 mm
NKG107P STANLEY-NKG107P Datasheet
297Kb / 12P
   Numeric Display/Case Size 22.8 x 33.0 mm
NKG141P STANLEY-NKG141P Datasheet
257Kb / 12P
   Numeric Display/Case Size 12.5 x 19.0 mm
NKG141SP-B STANLEY-NKG141SP-B Datasheet
1Mb / 12P
   Numeric Display/Case Size 9.6 x 13.0 mm
NKG143P STANLEY-NKG143P Datasheet
257Kb / 12P
   Numeric Display/Case Size 12.5 x 19.0 mm
More results

Similar Description - NKG131SP-B

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
NAR131SH STANLEY-NAR131SH Datasheet
585Kb / 8P
   Numeric Display/Case Size 7.0 x 11.0 mm
NKR131SB STANLEY-NKR131SB Datasheet
1Mb / 12P
   Numeric Display/Case Size 7.0 x 11.0 mm
NAG161P-B STANLEY-NAG161P-B Datasheet
1Mb / 12P
   Numeric Display/Case Size 12.5 x 19.0 mm
NAG141SP-B STANLEY-NAG141SP-B Datasheet
1Mb / 12P
   Numeric Display/Case Size 9.6 x 13.0 mm
NAG105P STANLEY-NAG105P Datasheet
297Kb / 12P
   Numeric Display/Case Size 22.8 x 33.0 mm
NAG261P-B STANLEY-NAG261P-B Datasheet
1Mb / 12P
   Numeric Display/Case Size 25.2 x 19.0 mm
NAG141P STANLEY-NAG141P Datasheet
257Kb / 12P
   Numeric Display/Case Size 12.5 x 19.0 mm
NAR141SH STANLEY-NAR141SH Datasheet
1Mb / 8P
   Numeric Display/Case Size 9.6 x 13.0 mm
NAR143B STANLEY-NAR143B Datasheet
265Kb / 12P
   Numeric Display/Case Size 12.5 x 19.0 mm
NARG161 STANLEY-NARG161_12 Datasheet
761Kb / 8P
   Numeric Display/ Bi-Color Type/Case Size 12.5 x 19.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com