Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAN1111C Datasheet(PDF) 5 Page - STANLEY ELECTRIC CO.,LTD.

Part # TAN1111C
Description  Surface Mount IRED/1608 ( t = 0.7 mm) Type
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

TAN1111C Datasheet(HTML) 5 Page - STANLEY ELECTRIC CO.,LTD.

  TAN1111C Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. TAN1111C Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. TAN1111C Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. TAN1111C Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. TAN1111C Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. TAN1111C Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. TAN1111C Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. TAN1111C Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. TAN1111C Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
□□1111C
Surface Mount IRED/1608 ( h = 0.7 mm) Type
Page 5
10
100
1000
0.001
0.01
0.1
1
1
10
100
1.21.3
1.41.5
1.6
0.0
0.2
0.4
0.6
0.8
1.0
1.2
700
800
900
1000
Technical Data(DNK)
Spatial Distribution Example
Spectral Distribution
Relative Intensity vs. Wavelength
Condition : Ta = 25℃, IF = 20mA
Wavelength [nm]
Forward Voltage vs. Forward Current
Condition : Ta = 25℃
Forward Voltage : VF(V)
Duty Ratio vs. Pulse Forward Current
Condition : Ta = 25℃, tw ≦ 100μs
Duty Ratio
条件/Condition : Ta = 25℃
y
x
2012.11.13


Similar Part No. - TAN1111C

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
TAN1111C STANLEY-TAN1111C Datasheet
286Kb / 17P
   Surface Mount IRED/1608 ( t = 0.7 mm) Type
TAN1111C-TR STANLEY-TAN1111C-TR Datasheet
517Kb / 22P
   Lead?밼ree soldering compatible
More results

Similar Description - TAN1111C

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
DNK1111C STANLEY-DNK1111C Datasheet
286Kb / 17P
   Surface Mount IRED/1608 ( t = 0.7 mm) Type
1141C STANLEY-1141C Datasheet
288Kb / 15P
   1608 (h=0.7 mm) Type White LED
logo
ALPS ELECTRIC CO.,LTD.
SSAD ALPS-SSAD Datasheet
304Kb / 4P
   0.7(H)mm, 1.5mm-travel Surface Mount Type
logo
STANLEY ELECTRIC CO.,LT...
AN1111R STANLEY-AN1111R Datasheet
186Kb / 10P
   Surface Mount IRED/Reverse Mount Type
DNK1111R STANLEY-DNK1111R Datasheet
255Kb / 14P
   Surface Mount IRED/Reverse Mount Type
TAN1102F STANLEY-TAN1102F Datasheet
209Kb / 14P
   Surface Mount IRED/Right Angle Type
DNK1105W STANLEY-DNK1105W Datasheet
280Kb / 14P
   Surface Mount IRED/Dome Lens Type
DNK1101W STANLEY-DNK1101W Datasheet
544Kb / 14P
   Surface Mount IRED/Inner Lens Type
DNK1102W STANLEY-DNK1102W Datasheet
288Kb / 17P
   Surface Mount IRED/Inner Lens Type
AN1102W STANLEY-AN1102W Datasheet
183Kb / 10P
   Surface Mount IRED/Inner Lens Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com