Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NAR263-B Datasheet(PDF) 10 Page - STANLEY ELECTRIC CO.,LTD.

Part # NAR263-B
Description  Numeric Display/Case Size 25.2 x 19.0 mm
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

NAR263-B Datasheet(HTML) 10 Page - STANLEY ELECTRIC CO.,LTD.

Back Button NAR263-B Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. NAR263-B Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. NAR263-B Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. NAR263-B Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. NAR263-B Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. NAR263-B Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. NAR263-B Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. NAR263-B Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. NAR263-B Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Numeric Display/Case Size 25.2 x 19.0 mm
261/263 Series
Page 10
TTW (Through The Wave) soldering Conditions
Pre-heating
Solder Bath Temp.
Dipping Time
100 ℃
60 s
1) The dip soldering process shall be 2 times maximum.
2) The product shall be cooled to normal temperature before the second dipping process.
Manual Soldering Conditions
265 ℃
5 s
(MAX.) Resin surface temperature
(MAX.)
(MAX.)
(MAX.)
Iron tip temp.
Soldering time and frequency
3 s
2 times
360 ℃
(MAX.)
(MAX.)
(MAX.)
Position
At least 2.0 mm away from the root of lead
Position
At least 2.0 mm away from the root of lead
2012.11.19


Similar Part No. - NAR263-B

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
NAR105 STANLEY-NAR105 Datasheet
297Kb / 12P
   Numeric Display/Case Size 22.8 x 33.0 mm
NAR107 STANLEY-NAR107 Datasheet
297Kb / 12P
   Numeric Display/Case Size 22.8 x 33.0 mm
NAR131S-B STANLEY-NAR131S-B Datasheet
1Mb / 12P
   Numeric Display/Case Size 7.0 x 11.0 mm
NAR131S-C STANLEY-NAR131S-C Datasheet
1Mb / 12P
   Numeric Display/Case Size 7.0 x 11.0 mm
NAR131SH STANLEY-NAR131SH Datasheet
585Kb / 8P
   Numeric Display/Case Size 7.0 x 11.0 mm
More results

Similar Description - NAR263-B

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
NAG161P-B STANLEY-NAG161P-B Datasheet
1Mb / 12P
   Numeric Display/Case Size 12.5 x 19.0 mm
NAG141P STANLEY-NAG141P Datasheet
257Kb / 12P
   Numeric Display/Case Size 12.5 x 19.0 mm
NAR143B STANLEY-NAR143B Datasheet
265Kb / 12P
   Numeric Display/Case Size 12.5 x 19.0 mm
NARG161 STANLEY-NARG161_12 Datasheet
761Kb / 8P
   Numeric Display/ Bi-Color Type/Case Size 12.5 x 19.0 mm
NARG141 STANLEY-NARG141 Datasheet
580Kb / 8P
   Numeric Display/Bi-Color Type/Case Size 10.0 x 19.0 mm
NAR131SH STANLEY-NAR131SH Datasheet
585Kb / 8P
   Numeric Display/Case Size 7.0 x 11.0 mm
NAG141SP-B STANLEY-NAG141SP-B Datasheet
1Mb / 12P
   Numeric Display/Case Size 9.6 x 13.0 mm
NKR131SB STANLEY-NKR131SB Datasheet
1Mb / 12P
   Numeric Display/Case Size 7.0 x 11.0 mm
NAG131SP-B STANLEY-NAG131SP-B Datasheet
1Mb / 12P
   Numeric Display/Case Size 7.0 x 11.0 mm
NAG105P STANLEY-NAG105P Datasheet
297Kb / 12P
   Numeric Display/Case Size 22.8 x 33.0 mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com