Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NAR141SH-F Datasheet(PDF) 2 Page - STANLEY ELECTRIC CO.,LTD.

Part # NAR141SH-F
Description  10.16mm (0.4inches) size numeric display
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

NAR141SH-F Datasheet(HTML) 2 Page - STANLEY ELECTRIC CO.,LTD.

  NAR141SH-F Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. NAR141SH-F Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. NAR141SH-F Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. NAR141SH-F Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. NAR141SH-F Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. NAR141SH-F Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. NAR141SH-F Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. NAR141SH-F Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. NAR141SH-F Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
NAR141SH-F
Unit
:mm
Weight
:1.04g
Tolerance
:±0.25
SYMBOL
PART NAME
MATERIAL
QTY.
-
LED Die
AlGaInP
8
Lamp House
Resin
1
Lead Frame
Pb free Solder plating
1
Encapsulant
Epoxy Resin
-
Outline Dimensions
Page : 2
Internal circuit diagram
(Anode common)
2014.12.24


Similar Part No. - NAR141SH-F

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
NAR141SH STANLEY-NAR141SH Datasheet
1Mb / 8P
   Numeric Display/Case Size 9.6 x 13.0 mm
More results

Similar Description - NAR141SH-F

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC04-12YWA KINGBRIGHT-SC04-12YWA Datasheet
199Kb / 4P
   10.16mm (0.4INCH) SINGLE DIGIT NUMERIC DISPLAY
SC04-11GWA KINGBRIGHT-SC04-11GWA Datasheet
184Kb / 4P
   10.16mm (0.4INCH) SINGLE DIGIT NUMERIC DISPLAY
SC04-11EWA KINGBRIGHT-SC04-11EWA Datasheet
185Kb / 4P
   10.16mm (0.4INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
SunLED Corporation
DMR10A SUNLED-DMR10A Datasheet
186Kb / 4P
   10.16mm (0.4) SINGLE DIGIT NUMERIC DISPLAY
DUR10C SUNLED-DUR10C Datasheet
189Kb / 4P
   10.16mm (0.4?? SINGLE DIGIT NUMERIC DISPLAY
logo
Kingbright Corporation
SC04-11CGKWA KINGBRIGHT-SC04-11CGKWA Datasheet
359Kb / 6P
   10.16mm (0.4INCH) SINGLE DIGIT NUMERIC DISPLAY
SA04-12SRWA KINGBRIGHT-SA04-12SRWA Datasheet
179Kb / 4P
   10.16mm (0.4INCH) SINGLE DIGIT NUMERIC DISPLAY
SC04-11YWA KINGBRIGHT-SC04-11YWA Datasheet
185Kb / 4P
   10.16mm (0.4INCH) SINGLE DIGIT NUMERIC DISPLAY
CC04-41SRWA KINGBRIGHT-CC04-41SRWA_06 Datasheet
142Kb / 4P
   10.16mm (0.4INCH) FOUR DIGIT NUMERIC DISPLAY
SA04-11YWA KINGBRIGHT-SA04-11YWA Datasheet
185Kb / 4P
   10.16mm (0.4INCH) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com