Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PY1113F Datasheet(PDF) 5 Page - STANLEY ELECTRIC CO.,LTD.

Part # PY1113F
Description  Single Color Right Angle Type (2.1 X 1.0 mm)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

PY1113F Datasheet(HTML) 5 Page - STANLEY ELECTRIC CO.,LTD.

  PY1113F Datasheet HTML 1Page - STANLEY ELECTRIC CO.,LTD. PY1113F Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. PY1113F Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. PY1113F Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. PY1113F Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. PY1113F Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. PY1113F Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. PY1113F Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. PY1113F Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Luminous Intensity Rank
Page 5
※ Please contact our sales staff concerning rank designation.
Single Color Right Angle Type (2.1 X 1.0 mm)
1113F Series
(Ta=25℃)
MIN. MAX. MIN. MAX. MIN. MAX.
A
3.8
5.4
7.0
9.9
7.0
9.9
B
4.5
6.4
8.3
11.7
8.3
11.7
C
5.4
7.6
9.9
14.0
9.9
14.0
D
6.4
9.0
11.7
16.5
11.7
16.5
E
7.6
10.7
14.0
19.8
14.0
19.8
F
9.0
-
16.5
-
16.5
-
IV(mcd)
Rank
PY
IF=20mA
IF=20mA
PG
BR
IF=20mA
2005.7.29


Similar Part No. - PY1113F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PY1113F ETC1-PY1113F Datasheet
153Kb / 2P
   1113F Series, Right Angle SMT LED
More results

Similar Description - PY1113F

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
UB1113F-TR STANLEY-UB1113F-TR Datasheet
317Kb / 20P
   Right Angle Type (2.1 x 1.0 mm) Type, Milky White resin
1101F STANLEY-1101F Datasheet
367Kb / 21P
   Single Color Right Angle Type (3.0 X 2.0 mm)
BG1101F-TR STANLEY-BG1101F-TR Datasheet
410Kb / 21P
   Single Color Right Angle Type (3.0 X 2.0 mm)
PG1101F-TR STANLEY-PG1101F-TR Datasheet
410Kb / 21P
   Single Color Right Angle Type (3.0 X 2.0 mm)
logo
Kingbright Corporation
APA3010P3BT-P22 KINGBRIGHT-APA3010P3BT-P22 Datasheet
566Kb / 4P
   3.0 mm x 1.0 mm Right Angle Phototransistor
logo
HK TO-GRACE TECHNOLOGY ...
KPA-2107CGCK TO-GRACE-KPA-2107CGCK Datasheet
849Kb / 4P
   2.1 x 0.6 mm Right Angle Surface LED Lamp
KPA-2107VBC-D TO-GRACE-KPA-2107VBC-D Datasheet
868Kb / 4P
   2.1 x 0.6 mm Right Angle Surface LED Lamp
KPA-2107ZGCK TO-GRACE-KPA-2107ZGCK Datasheet
875Kb / 4P
   2.1 x 0.6 mm Right Angle Surface LED Lamp
KPA-2107QBC-D TO-GRACE-KPA-2107QBC-D Datasheet
801Kb / 4P
   2.1 x 0.6 mm Right Angle Surface LED Lamp
KPA-2107SYCK TO-GRACE-KPA-2107SYCK Datasheet
845Kb / 4P
   2.1 x 0.6 mm Right Angle Surface LED Lamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com