Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPW1653JCTE-11-TR Datasheet(PDF) 6 Page - STANLEY ELECTRIC CO.,LTD.

Part # SPW1653JCTE-11-TR
Description  ?? Dies product, Special color emitting LED (Ice Blue)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

SPW1653JCTE-11-TR Datasheet(HTML) 6 Page - STANLEY ELECTRIC CO.,LTD.

Back Button SPW1653JCTE-11-TR Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. SPW1653JCTE-11-TR Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. SPW1653JCTE-11-TR Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. SPW1653JCTE-11-TR Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. SPW1653JCTE-11-TR Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. SPW1653JCTE-11-TR Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. SPW1653JCTE-11-TR Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. SPW1653JCTE-11-TR Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. SPW1653JCTE-11-TR Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
SPW1653JCTE-11-TR
0.0
0.2
0.4
0.6
0.8
1.0
1.2
380
430
480
530
580
630
680
730
780
0
50
100
-100
-50
0
50
100
-30
-60
-90
60
30
0
90
100
50
0
x direction
y direction
100
50
0
50
100
Relative Intensity vs. Wavelength
Condition: Ta = 25℃, IF =350mA
Wavelength: (nm)
Spatial Distribution
Condition: Ta = 25℃, IF=350mA
Relative Intensity: (%)
Technical Data
Page : 6
Δθx
Δθy
2013.10.01


Similar Part No. - SPW1653JCTE-11-TR

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
SPW1653JPTE-12-TR STANLEY-SPW1653JPTE-12-TR Datasheet
1Mb / 24P
   ?? Dies product, Special color emitting LED (Purplish Pink)
More results

Similar Description - SPW1653JCTE-11-TR

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
SPW1653JPTE-12-TR STANLEY-SPW1653JPTE-12-TR Datasheet
1Mb / 24P
   ?? Dies product, Special color emitting LED (Purplish Pink)
JSB1117ASE-TR STANLEY-JSB1117ASE-TR Datasheet
714Kb / 24P
   Thinner package, Blue color emitting LED
logo
P-tec Corporation
PLC762-WCB04 P-TEC-PLC762-WCB04 Datasheet
356Kb / 6P
   Emitting Color Blue
logo
OptoSupply Internationa...
OSB64L5111A OPTOSUPPLY-OSB64L5111A Datasheet
110Kb / 1P
   5mm Round Ice Blue LED
OSB64L56A1A OPTOSUPPLY-OSB64L56A1A Datasheet
112Kb / 1P
   4.8mm Straw Ice Blue LED
logo
STANLEY ELECTRIC CO.,LT...
GSPW1651NSE-20Y-TR STANLEY-GSPW1651NSE-20Y-TR Datasheet
745Kb / 24P
   White color emitting LED
logo
Micro Electronics
MLM-192 MICRO-ELECTRONICS-MLM-192 Datasheet
496Kb / 2P
   Visible LED Special Color-GaN, InGaN
MLM-150 MICRO-ELECTRONICS-MLM-150_01 Datasheet
121Kb / 1P
   Visible LED Special Color GaN, InGaN
logo
OptoSupply Internationa...
OSB6XNE1E1E OPTOSUPPLY-OSB6XNE1E1E Datasheet
100Kb / 2P
   Xeon 1 Power Ice Blue LED
logo
Micro Electronics
MLM-S91 MICRO-ELECTRONICS-MLM-S91 Datasheet
338Kb / 2P
   Visible LED Special Color-GaN, InGaN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com