Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDN1105W-23-RR Datasheet(PDF) 10 Page - STANLEY ELECTRIC CO.,LTD.

Part # TDN1105W-23-RR
Description  Infrared emitting diode (Wavelength : 870nm)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

TDN1105W-23-RR Datasheet(HTML) 10 Page - STANLEY ELECTRIC CO.,LTD.

Back Button TDN1105W-23-RR Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. TDN1105W-23-RR Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. TDN1105W-23-RR Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. TDN1105W-23-RR Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. TDN1105W-23-RR Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. TDN1105W-23-RR Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. TDN1105W-23-RR Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. TDN1105W-23-RR Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. TDN1105W-23-RR Datasheet HTML 14Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
TDN1105W-23-RR
Soldering condition
1.
Heat stress during soldering will influence the reliability of LEDs, however that effect will vary on
heating method. Also, if components of varying shape are soldered together, it is recommended to set
the soldering pad temperature according to the component most vulnerable to heat (e.g., surface
mount LED).
2.
LED parts including the resin are not stable immediately after soldering ( when they are not at room
temperature), any mechanical stress may cause damage to the product. Please avoid such stress after
soldering, especially stacking of the boards which may cause the boards to warp and any other types
of friction with hard materials.
3.
Recommended temperature profile for the Reflow soldering is listed as the temperature of the resin
surface. Temperature distribution varies on heating method, PCB material, other components in the
assembly, and mounting density.
Please do not repeat the heating process in Reflow process more than twice.
Notes 1 Temperature Profile for the reflow should be set to the surface temperature of resin which is on the
top of LED. This should be the maximum temperature for soldering. Lowering the heating temperature
and decreasing heating time is very effective in achieving higher reliability.
Notes 2 The reflow soldering process should be done up to twice(2 times Max). When second process is performed,
interval between first and second process should be as short as possible to prevent absorption of moisture
to resin of LED. The second soldering process should not be done until LEDs have returned to room
temperature (by nature-cooling) after first soldering process.
【Soldering Precaution】
(acc.to:EIAJ-4701/300)
【Recommended Reflow Soldering Condition】
40sec MAX.
150℃~180℃
+1.5~+5℃/s
260℃ MAX.
-1.5~-5℃/s
90~120sec MAX.
Pre-heating
(Soldering
230℃ MAX.
Peak Temperature
Page : 10
4.
If soldering manually, Stanley recommends using a soldering iron equipped with temperature control.
During the actual soldering process, make sure that the soldering iron never touches the LED itself, and
avoid the LED's electrode heating temperature reaching above the heating temperature of the solder
pad. All repairs must be performed only once in the same spot, and please avoid reusing components.
5.
In soldering process, immediately after iron tip is cleaned, please make sure that the soldering iron
reaches the appropriate temperature before using. Also, please avoid applying any types of pressure to
the soldered components before the solder has been cooled and hardened, as it may deteriorate solder
performance and solder quality.
2014.11.11


Similar Part No. - TDN1105W-23-RR

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
TDN1105W-23-TR STANLEY-TDN1105W-23-TR Datasheet
566Kb / 23P
   Infrared emitting diode (Wavelength : 870nm)
More results

Similar Description - TDN1105W-23-RR

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
TDN1105W-23-TR STANLEY-TDN1105W-23-TR Datasheet
566Kb / 23P
   Infrared emitting diode (Wavelength : 870nm)
TDN1111C-TR STANLEY-TDN1111C-TR Datasheet
650Kb / 23P
   Infrared emitting LED (Wavelength : 870nm)
logo
KODENSHI_AUK CORP.
ML341H KODENSHI-ML341H Datasheet
155Kb / 3P
   peak wavelength 870nm
logo
Marktech Corporate
MTE8760NJ2 MARKTECH-MTE8760NJ2 Datasheet
832Kb / 3P
   Peak Emission Wavelength: 870nm
MTE8760N5 MARKTECH-MTE8760N5 Datasheet
582Kb / 4P
   Peak Emission Wavelength: 870nm
MTE8760P MARKTECH-MTE8760P Datasheet
532Kb / 2P
   Peak Emission Wavelength: 870nm
MTE2087N MARKTECH-MTE2087N Datasheet
744Kb / 4P
   Peak Emission Wavelength: 870nm
MTE8760MT MARKTECH-MTE8760MT Datasheet
775Kb / 4P
   Peak Emission Wavelength: 870nm
MTE8760C MARKTECH-MTE8760C Datasheet
528Kb / 3P
   Peak Emission Wavelength: 870nm
MTE2087NJ2 MARKTECH-MTE2087NJ2 Datasheet
715Kb / 4P
   Peak Emission Wavelength: 870nm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com