Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PV15-29B24 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # PV15-29B24
Description  Ultra wide input voltage range
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

PV15-29B24 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  PV15-29B24 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. PV15-29B24 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. PV15-29B24 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. PV15-29B24 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. PV15-29B24 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. PV15-29B24 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DC/DC Converter
PVxx-29Bxx Series
2016.10.19-A/3
Page 2 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Output Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
--
±2
--
%
Line Regulation
Full load
--
±1
--
Load Regulation
0% - 100% load
--
±1
--
Ripple & Noise*
20MHz bandwidth (peak-peak value)
--
150
300
mV
Temperature Drift Coefficient
--
±0.02
--
%/℃
Short Circuit Protection
Continuous, self-recovery
Over-current Protection
120% - 320%Io, self-recovery
Over-voltage Protection
PV15-29B05
8VDC
PV15-29B12
20VDC
PV15-29B15
20VDC
PV15-29B24
30VDC
PV40-29B12
20VDC
PV40-29B15
20VDC
PV40-29B24
30VDC
Min. Load
0
--
--
%
Delay Time**
200 - 1500VDC
--
--
2
s
Note: * Ripple and noise are measured by “parallel cable” method, please see AC-DC Converter Application Notes for specific operation.
**Delay Time test condition: Full input voltage range, full output load range (The cooling time between Input power-off and the next input Power-on is
bigger than 15s).
General Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Isolation Voltage
Input-output
Test time: 1min
4000
--
--
VAC
Operating Temperature
-40
--
+70
Storage Temperature
-40
--
+85
Storage Humidity
--
--
95
%RH
Welding Temperature
Wave-soldering
260 ± 5℃; time: 5 - 10s
Manual-welding
360 ± 10℃; time: 3 - 5s
Power Derating
-40℃ to 0℃
200 - 300VDC
PV15-29B05/12/15
0.75
--
--
%/℃
PV15-29B24/ PV40-29Bxx
1.5
--
--
+50℃ to +70℃
PV15-29Bxx
1.5
--
--
PV40-29Bxx
2.5
--
--
Switching Frequency
--
65
--
kHz
Altitude
--
--
5000
m
MTBF
MIL-HDBK-217F@25℃≥ 300,000 h
Physical Specifications
Casing Material
Black flame-retardant and heat-resistant plastic (UL94 V-0)
Dimensions
Horizontal package
125.00*75.00*40.00 mm
A8 Din-Rail mounting
146.00*138.00*55.00 mm
A10 Din-Rail mounting
129.00*102.00*49.00 mm
Weight
Horizontal package (PV15/PV40)
300g/410g (Typ.)
A8 Din-Rail mounting(PV15/PV40)
610g/720g(Typ.)
A10 Din-Rail mounting(PV15/PV40)
360g/470g(Typ.)
Cooling method
Free air convection
Note: Avoid washing the shell with the PCB water directly, We recommend to use alcohol to clean or wipe it.


Similar Part No. - PV15-29B24

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
PV15-29B24 MORNSUN-PV15-29B24 Datasheet
1Mb / 6P
   Ultra wide input voltage range
PV15-29B24L MORNSUN-PV15-29B24L Datasheet
1Mb / 4P
   Ultra wide input voltage range
More results

Similar Description - PV15-29B24

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URB1D05YMD-6WR3 MORNSUN-URB1D05YMD-6WR3 Datasheet
2Mb / 7P
   Ultra wide input voltage range
PV45-29D1515-15 MORNSUN-PV45-29D1515-15 Datasheet
951Kb / 4P
   Ultra wide input voltage range
URB1D03LMD-15WR3 MORNSUN-URB1D03LMD-15WR3 Datasheet
3Mb / 9P
   Ultra wide input voltage range
logo
Bel Fuse Inc.
RCM60 BEL-RCM60 Datasheet
2Mb / 16P
   Ultra-wide input voltage range
logo
MORNSUN Science& Techno...
PV15-29B05L MORNSUN-PV15-29B05L Datasheet
1Mb / 4P
   Ultra wide input voltage range
PV40-29B12 MORNSUN-PV40-29B12 Datasheet
1Mb / 6P
   Ultra wide input voltage range
logo
Wall Industries,Inc.
MRW20 WALL-MRW20 Datasheet
626Kb / 9P
   Ultra-Wide Input Range
RGUW3 WALL-RGUW3 Datasheet
362Kb / 6P
   4:1 Ultra Wide Input Voltage Range
RBA30 WALL-RBA30 Datasheet
1Mb / 10P
   Ultra Wide 4:1 Input Voltage Range
CA5S33-25 WALL-CA5S33-25 Datasheet
146Kb / 3P
   Ultra Wide Input Voltage Range, Low Profile
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com