Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH15-20B24MU Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # LH15-20B24MU
Description  Output short circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH15-20B24MU Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  LH15-20B24MU Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH15-20B24MU Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH15-20B24MU Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH15-20B24MU Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH15-20B24MU Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AC/DC Converter
LH15-20BxxMU Series
2016.09.13-A/0
Page 3 of 5
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Product Characteristic Curve
-4 0
- 2 5
5 5
7 0
1 0 0
8 0
6 0
4 0
2 0
8 5 - 2 6 4 VA C
1 0 0 - 3 7 0 V D C
Te m p e ra tu re D e ra tin g C u r v e
In p u t v o lt a g e :
A m b ie n t t e m p e ra t u r e (
)
5 0
1 0 0
2 4 0
8 5
2 6 4
2 0
4 0
1 0 0
6 0
8 0
7 5
In p u t V o lt a g e
A m b ie n t te m p e r a t u r e :2 5
I n p u t V o lt a g e D e ra tin g C u r v e
VA C
1 2 0
3 4 0
1 0 0
3 7 0
V D C
5 0 0 0
2 0
4 0
1 0 0
6 0
8 0
0
A l t i t u d e (m )
3 0 0 0
A l t i t u d e D e r a t i n g C u r v e
Note: ①When input 85-100VAC/100-120VDC, it need to be voltage derated on basis of temperature derating;
Altitude should be derated based on temperature derating when it is 3000 - 5000m;
This product is suitable for use in natural air cooling environments, if in a closed environment, please contact our company’s FAE.
Design Reference
1. Typical application circuit
A C (L)
+ Vo
-Vo
A C ( L )
A C (N )
A C ( N )
C 1
C 2
T V S
R L
FU S E
A C - D C
Fig. 1: Typical application circuit
Element model
C2(µF)
TVS1
LH15-10B05MU
680
SMBJ7.0A
LH15-10B12MU
470
SMBJ20A
LH15-10B15MU
220
SMBJ20A
LH15-10B18MU
220
SMBJ30A
LH15-10B24MU
68
SMBJ30A
Note:
Note: Output filtering capacitors C2 is electrolytic capacitor, it is recommended to use high frequency and low impedance electrolytic capacitor. For
capacitance and current of capacitor please refer to manufacture’s datasheet. Capacitor withstand voltage derating should be 80% or above. C1 is ceramic
capacitor, which is used to filter high-frequency noise, advice use 1μF. TVS is a recommended component to protect post-circuits if converter fails. External
input FUSE model is recommended to use 2A/250V slow fusing.
2. EMC solution-recommended circuit
A C -D C
A C( N )
A C( L)
LC M
M O V 1
C X
C Y 1
C Y 2
F US E
A C( N )
A C( L)
+Vo
-Vo
+
LD M
C 1
C 2
TVS
RL
C an u se M O R NSU N s
'
FC -L X1D
Fig 2: EMC Recommended circuit with higher requirements


Similar Part No. - LH15-20B24MU

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH15-10A05 MORNSUN-LH15-10A05 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LH15-10A05 MORNSUN-LH15-10A05 Datasheet
1Mb / 7P
   15W, AC-DC converter
LH15-10A12 MORNSUN-LH15-10A12 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LH15-10A12 MORNSUN-LH15-10A12 Datasheet
1Mb / 7P
   15W, AC-DC converter
LH15-10A15 MORNSUN-LH15-10A15 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
More results

Similar Description - LH15-20B24MU

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN279 STMICROELECTRONICS-AN279 Datasheet
117Kb / 5P
   output to output short-circuit
logo
Delta Electronics, Inc.
IPM24S0C0 DELTA-IPM24S0C0 Datasheet
690Kb / 12P
   Output short circuit protection
IPM12C0A0R DELTA-IPM12C0A0R Datasheet
769Kb / 15P
   Output short circuit protection
logo
STMicroelectronics
STEVAL-ISA013V1 STMICROELECTRONICS-STEVAL-ISA013V1 Datasheet
105Kb / 5P
   Output short circuit protection
July 2007 Rev 1
logo
Delta Electronics, Inc.
IPM DELTA-IPM Datasheet
746Kb / 15P
   Output short circuit protection
logo
Linear Technology
LT3954EUHE LINER-LT3954EUHE Datasheet
425Kb / 24P
   Output Short-Circuit Protected Boost
logo
Texas Instruments
PT4244N TI-PT4244N Datasheet
386Kb / 9P
[Old version datasheet]   10W Output Power, Short-Circuit Protection, Output Current Limit
logo
SynQor Worldwide Headqu...
PQ60150SMX03 SYNQOR-PQ60150SMX03 Datasheet
904Kb / 15P
   Output current limit and short circuit protection
SQ60120EPB25 SYNQOR-SQ60120EPB25 Datasheet
2Mb / 14P
   Output current limit and short circuit protection
SQ60120ETA17 SYNQOR-SQ60120ETA17 Datasheet
2Mb / 14P
   Output current limit and short circuit protection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com