Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K7812-500R3 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # K7812-500R3
Description  Support the negative output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

K7812-500R3 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  K7812-500R3 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. K7812-500R3 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. K7812-500R3 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. K7812-500R3 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DC/DC Converter
K78xx-500R3 Series
2016.11.01-A/2
Page 3 of 4
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
Design Reference
1. Typical application circuit
+Vin
GND
GND
DC/DC
1
2
3
+Vout
C1
C2
Positive output application circuit
+Vin
GND
GND
DC/ DC
1
2
3
-Vout
C1
C2
Negative output application circuit
Fig. 2 Typical application circuit
1
3
2
+Vin
GND
-Vout
C2
GND
DC/DC
1
2
3
+Vout
C1
C3
C4
LDM
DC/DC
Fig. 3 Positive and Negative output parallelling application circuit
Sheet 1
Part No.
C1/C3
(ceramic capacitor)
C2/C4
(ceramic capacitor)
K7803-500R3
10μF/50V
22μF/10V
K7805-500R3
22μF/10V
K7809-500R3
22μF/16V
K7812-500R3
22μF/25V
K7815-500R3
22μF/25V
Note:
1. C1 and C2 (C3 and C4) are required and should be connected close to the pin terminal of the module.
2. The capacitance of C1 and C2 (C3 and C4) refer to Sheet 1, it can be increased properly if required, and tantalum or low ESR electrolytic capacitors may
also suffice.
3. When the products used as the circuit like figure 3, an inductor named as LDM up to 10μH is recommended in the circuit to reduce the mutual interference.
4. Cannot be used in parallel for output and hot swap.
To reduce the output ripple furtherly, it is suggested to connect a “LC” filter at the output terminal, and recommended value of L is
10µH-47µH.
3
+Vin
GND
Vout
1
DC/DC
C1
22 F
μ
2
C2
L
Positive output
2
+Vin
GND
Vout
1
DC/DC
C1
22 F
μ
3
C2
L
Negative output
Fig. 4 “LC” filter application circuit
2. EMC solution-recommended circuit
DC/DC
Vin
LDM2
C0
LDM1
MOV
FUSE
C5
V in
GN D
+
+Vo
GN D
LOAD
C2
C1
Fig. 5 EMC recommended circuit


Similar Part No. - K7812-500R3

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
K7812-500R2 REICU-K7812-500R2 Datasheet
281Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
More results

Similar Description - K7812-500R3

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
K78L03-500R3 MORNSUN-K78L03-500R3 Datasheet
1Mb / 4P
   Support the negative output
K78L03-1000R3 MORNSUN-K78L03-1000R3 Datasheet
1Mb / 4P
   Support the negative output
K7803-1000 MORNSUN-K7803-1000 Datasheet
109Kb / 3P
   SINGLE POSITIVE /NEGATIVE OUTPUT
K7803-500 MORNSUN-K7803-500 Datasheet
118Kb / 3P
   SINGLE POSITIVE/NEGATIVE OUTPUT
logo
M.S. Kennedy Corporatio...
MSK604 MSK-MSK604_15 Datasheet
323Kb / 4P
   Negative Going Output Voltage
logo
Mitsumi Electronics, Co...
MM1898 MITSUMI-MM1898 Datasheet
379Kb / 21P
   Negative output 200mA LDO
logo
Texas Instruments
LMZ34002 TI1-LMZ34002_14 Datasheet
348Kb / 14P
[Old version datasheet]   Using the LMZ34002: Negative Output Voltage Simple Switcher짰 Power Module Evaluation Module
logo
Rohm
BD6111FV ROHM-BD6111FV Datasheet
93Kb / 3P
   Variable output, negative voltage IC
logo
Texas Instruments
PT78NR100 TI1-PT78NR100_15 Datasheet
206Kb / 5P
[Old version datasheet]   Negative output from positive input
PT78NR200 TI1-PT78NR200_09 Datasheet
439Kb / 2P
[Old version datasheet]   Negative output from positive input
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com