Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14093BDG Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC14093BDG
Description  Quad 2-Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14093BDG Datasheet(HTML) 3 Page - ON Semiconductor

  MC14093BDG Datasheet HTML 1Page - ON Semiconductor MC14093BDG Datasheet HTML 2Page - ON Semiconductor MC14093BDG Datasheet HTML 3Page - ON Semiconductor MC14093BDG Datasheet HTML 4Page - ON Semiconductor MC14093BDG Datasheet HTML 5Page - ON Semiconductor MC14093BDG Datasheet HTML 6Page - ON Semiconductor MC14093BDG Datasheet HTML 7Page - ON Semiconductor MC14093BDG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC14093B
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Characteristic
Symbol
VDD
Vdc
−55
_C
25
_C
125
_C
Unit
Min
Max
Min
Typ
(Note 2)
Max
Min
Max
Output Voltage
“0” Level
Vin = VDD or 0
“1” Level
Vin = 0 or VDD
VOL
5.0
10
15
0.05
0.05
0.05
0
0
0
0.05
0.05
0.05
0.05
0.05
0.05
Vdc
VOH
5.0
10
15
4.95
9.95
14.95
4.95
9.95
14.95
5.0
10
15
4.95
9.95
14.95
Vdc
Output Drive Current
(VOH = 2.5 Vdc)
Source
(VOH = 4.6 Vdc)
(VOH = 9.5 Vdc)
(VOH = 13.5 Vdc)
(VOL = 0.4 Vdc)
Sink
(VOL = 0.5 Vdc)
(VOL = 1.5 Vdc)
IOH
5.0
5.0
10
15
–3.0
–0.64
–1.6
–4.2
–2.4
–0.51
–1.3
–3.4
–4.2
–0.88
–2.25
–8.8
–1.7
–0.36
–0.9
–2.4
mAdc
IOL
5.0
10
15
0.64
1.6
4.2
0.51
1.3
3.4
0.88
2.25
8.8
0.36
0.9
2.4
mAdc
Input Current
Iin
15
±0.1
±0.00001
±0.1
±1.0
mAdc
Input Capacitance
(Vin = 0)
Cin
5.0
7.5
pF
Quiescent Current
(Per Package)
IDD
5.0
10
15
0.25
0.5
1.0
0.0005
0.0010
0.0015
0.25
0.5
1.0
7.5
15
30
mAdc
Total Supply Current (Notes 3 & 4)
(Dynamic plus Quiescent,
Per Package)
(CL = 50 pF on all outputs, all
buffers switching)
IT
5.0
10
15
IT = (1.2 mA/kHz) f + IDD
IT = (2.4 mA/kHz) f + IDD
IT = (3.6 mA/kHz) f + IDD
mAdc
Hysteresis Voltage
VH
5.0
10
15
0.3
1.2
1.6
2.0
3.4
5.0
0.3
1.2
1.6
1.1
1.7
2.1
2.0
3.4
5.0
0.3
1.2
1.6
2.0
3.4
5.0
Vdc
Threshold Voltage
Positive−Going
Negative−Going
VT+
5.0
10
15
2.2
4.6
6.8
3.6
7.1
10.8
2.2
4.6
6.8
2.9
5.9
8.8
3.6
7.1
10.8
2.2
4.6
6.8
3.6
7.1
10.8
Vdc
VT–
5.0
10
15
0.9
2.5
4.0
2.8
5.2
7.4
0.9
2.5
4.0
1.9
3.9
5.8
2.8
5.2
7.4
0.9
2.5
4.0
2.8
5.2
7.4
Vdc
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
2. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
3. The formulas given are for the typical characteristics only at 25
_C.
4. To calculate total supply current at loads other than 50 pF:
IT(CL) = IT(50 pF) + (CL – 50) Vfk
where: IT is in mA (per package), CL in pF, V = (VDD – VSS) in volts, f in kHz is input frequency, and k = 0.004.


Similar Part No. - MC14093BDG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14093BDG ONSEMI-MC14093BDG Datasheet
160Kb / 9P
   Quad 2?묲nput NAND Schmitt Trigger
October, 2006 ??Rev. 7
More results

Similar Description - MC14093BDG

ManufacturerPart #DatasheetDescription
logo
AVG Semiconductors(HITE...
DV74ACT158 AVG-DV74ACT158 Datasheet
321Kb / 4P
   Quad 2-Input Multiplexer
logo
NXP Semiconductors
74AHC157 NXP-74AHC157 Datasheet
95Kb / 16P
   Quad 2-input multiplexer
Rev. 02-9 November 2007
logo
Fairchild Semiconductor
74ACT158 FAIRCHILD-74ACT158 Datasheet
91Kb / 8P
   Quad 2-Input Multiplexer
MM74HC157 FAIRCHILD-MM74HC157 Datasheet
69Kb / 7P
   Quad 2-Input Multiplexer
logo
ON Semiconductor
74VHC157 ONSEMI-74VHC157 Datasheet
339Kb / 12P
   Quad 2-Input Multiplexer
May 2007 Rev. 1.2
logo
Nexperia B.V. All right...
74HCT157-Q100 NEXPERIA-74HCT157-Q100 Datasheet
261Kb / 15P
   Quad 2-input multiplexer
Rev. 3 - 24 July 2020
74HCT157 NEXPERIA-74HCT157 Datasheet
262Kb / 15P
   Quad 2-input multiplexer
Rev. 9 - 24 July 2020
logo
Renesas Technology Corp
HD74AC157 RENESAS-HD74AC157 Datasheet
105Kb / 8P
   Quad 2-Input Multiplexer
logo
Texas Instruments
CY54FCT157T TI-CY54FCT157T_01 Datasheet
302Kb / 11P
[Old version datasheet]   QUAD 2-INPUT MULTIPLEXERS
logo
Fairchild Semiconductor
74ACT158 FAIRCHILD-74ACT158_05 Datasheet
111Kb / 8P
   Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com