Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL17SZ86P5T5G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NL17SZ86P5T5G
Description  Single 2-Input Exclusive-OR Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SZ86P5T5G Datasheet(HTML) 3 Page - ON Semiconductor

  NL17SZ86P5T5G Datasheet HTML 1Page - ON Semiconductor NL17SZ86P5T5G Datasheet HTML 2Page - ON Semiconductor NL17SZ86P5T5G Datasheet HTML 3Page - ON Semiconductor NL17SZ86P5T5G Datasheet HTML 4Page - ON Semiconductor NL17SZ86P5T5G Datasheet HTML 5Page - ON Semiconductor NL17SZ86P5T5G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NL17SZ86
http://onsemi.com
3
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
Operating
Data Retention Only
1.65
1.5
5.5
5.5
V
VI
Input Voltage
(Note 7)
0
5.5
V
VO
Output Voltage (SOT−353/SC70−5/SC−88A Packages)
(HIGH or LOW State)
0
5.5
V
VO
Output Voltage (SOT−953 Package)
(HIGH or LOW State)
0
VCC
V
TA
Operating Free−Air Temperature
−55
+125
°C
Dt/DV
Input Transition Rise or Fall Rate
VCC = 2.5 V $0.2 V
VCC = 3.0 V $0.3 V
VCC = 5.0 V $0.5 V
0
0
0
20
10
5
ns/V
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
7. Unused inputs may not be left open. All inputs must be tied to a high− or low−logic input voltage level.
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Condition
VCC
(V)
TA = 255C
−55
5C v TA v 1255C
Unit
Min
Typ
Max
Min
Max
VIH
High−Level Input Voltage
1.65 to 1.95
2.3 to 5.5
0.75 VCC
0.7 VCC
0.75 VCC
0.7 VCC
V
VIL
Low−Level Input Voltage
1.65 to 1.95
2.3 to 5.5
0.25 VCC
0.3 VCC
0.25 VCC
0.3 VCC
V
VOH
High−Level Output Voltage
VIN = VIL or VIL
IOH = −100 mA
IOH = −3 mA
IOH = −8 mA
IOH = −12 mA
IOH = −16 mA
IOH = −24 mA
IOH = −32 mA
1.65 to 5.5
1.65
2.3
2.7
3.0
3.0
4.5
VCC − 0.1
1.29
1.9
2.2
2.4
2.3
3.8
VCC
1.8
2.1
2.4
2.7
2.5
4.0
VCC − 0.1
1.29
1.9
2.2
2.4
2.3
3.8
V
VOL
Low−Level Output Voltage
VIN = VIH
IOL = 100 mA
IOL = 3 mA
IOL = 8 mA
IOL = 12 mA
IOL = 16 mA
IOL = 24 mA
IOL = 32 mA
1.65 to 5.5
1.65
2.3
2.7
3.0
3.0
4.5
0.08
0.20
0.22
0.28
0.38
0.42
0.1
0.24
0.3
0.4
0.4
0.55
0.55
0.1
0.24
0.3
0.4
0.4
0.55
0.55
V
IIN
Input Leakage Current
VIN = 5.5 V or GND
0 to 5.5
$0.1
$1.0
mA
IOFF
Power Off Leakage
Current (SOT−353/
SC70−5/SC−88A
Packages)
VIN = 5.5 V or
VOUT = 5.5 V
0
1
10
mA
ICC
Quiescent Supply Current
VIN = 5.5 V or GND
5.5
1
10
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
AC ELECTRICAL CHARACTERISTICS tR = tF = 3.0 ns
Symbol
Parameter
Condition
VCC
(V)
TA = 255C
−55
5C v TA v 1255C
Unit
Min
Typ
Max
Min
Max
tPLH
tPHL
Propagation Delay
(Figure 3 and 4)
RL = 1 MW, CL = 15 pF
1.65
2.0
6.9
13.8
2.0
14.5
ns
RL = 1 MW, CL = 15 pF
1.8
2.0
5.7
11.5
2.0
12
RL = 1 MW, CL = 15 pF
2.5
$ 0.2
1.2
4.1
7.0
1.2
7.5
RL = 1 MW, CL = 15 pF
RL = 500 W, CL = 50 pF
3.3
$ 0.3
0.8
1.2
3.0
3.8
4.8
5.4
0.8
1.2
5.2
5.9
RL = 1 MW, CL = 15 pF
RL = 500 W, CL = 50 pF
5.0
$ 0.5
0.5
0.8
2.2
2.9
3.5
4.2
0.5
1.0
3.8
4.6


Similar Part No. - NL17SZ86P5T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL17SZ86P5T5G ONSEMI-NL17SZ86P5T5G Datasheet
191Kb / 13P
   Single 2-Input Exclusive-OR Gate
November, 2018 ??Rev. 12
NL17SZ86P5T5G ONSEMI-NL17SZ86P5T5G Datasheet
160Kb / 13P
   Single 2-Input Exclusive-OR Gate
June, 2022 - Rev. 15
NL17SZ86P5T5G-L22088 ONSEMI-NL17SZ86P5T5G-L22088 Datasheet
160Kb / 13P
   Single 2-Input Exclusive-OR Gate
June, 2022 - Rev. 15
More results

Similar Description - NL17SZ86P5T5G

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G86 TI-SN74LVC1G86_08 Datasheet
535Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AHCT1G86DBVR TI1-SN74AHCT1G86DBVR Datasheet
832Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
NLU1G86 ONSEMI-NLU1G86 Datasheet
100Kb / 8P
   Single 2-Input Exclusive OR Gate
March, 2008 - Rev. 1
logo
Texas Instruments
SN74AHC1G86-Q1 TI1-SN74AHC1G86-Q1 Datasheet
583Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
SN74AUC1G86 TI-SN74AUC1G86 Datasheet
358Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE OR GATE
SN74AHCT1G86 TI-SN74AHCT1G86 Datasheet
70Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
ON Semiconductor
MC74VHC1G86 ONSEMI-MC74VHC1G86_V01 Datasheet
179Kb / 16P
   Single 2-Input Exclusive OR Gate
April, 2022 ??Rev. 23
logo
Texas Instruments
SN74AUC1G86 TI-SN74AUC1G86_08 Datasheet
498Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
Diodes Incorporated
74AHC1G86 DIODES-74AHC1G86_11 Datasheet
181Kb / 8P
   SINGLE 2 INPUT EXCLUSIVE-OR GATE
logo
Texas Instruments
SN74LVC1G86_081 TI-SN74LVC1G86_081 Datasheet
642Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT EXCLUSIVE-OR GATE
logo
Diodes Incorporated
74LVCE1G86 DIODES-74LVCE1G86 Datasheet
275Kb / 14P
   SINGLE 2 INPUT EXCLUSIVE OR GATE
DS32215 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com