Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NLV7SZ97DFT2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NLV7SZ97DFT2G
Description  Configurable Multifunction Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NLV7SZ97DFT2G Datasheet(HTML) 1 Page - ON Semiconductor

  NLV7SZ97DFT2G Datasheet HTML 1Page - ON Semiconductor NLV7SZ97DFT2G Datasheet HTML 2Page - ON Semiconductor NLV7SZ97DFT2G Datasheet HTML 3Page - ON Semiconductor NLV7SZ97DFT2G Datasheet HTML 4Page - ON Semiconductor NLV7SZ97DFT2G Datasheet HTML 5Page - ON Semiconductor NLV7SZ97DFT2G Datasheet HTML 6Page - ON Semiconductor NLV7SZ97DFT2G Datasheet HTML 7Page - ON Semiconductor NLV7SZ97DFT2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2014
July, 2014 − Rev. 4
1
Publication Order Number:
NL7SZ97/D
NL7SZ97
Configurable Multifunction
Gate
The NL7SZ97 is an advanced high−speed CMOS multifunction
gate. The device allows the user to choose logic functions MUX,
AND, OR, NAND, NOR, INVERT and BUFFER. The device has
Schmitt−trigger inputs, thereby enhancing noise immunity.
The NL7SZ97 input and output structures provide protection when
voltages up to 7.0 V are applied, regardless of the supply voltage.
Features
High Speed: tPD = 3.3 ns (Typ) @ VCC = 5.0 V
Low Power Dissipation: ICC = 1 mA (Maximum) at TA = 25°C
Power Down Protection Provided on inputs
Balanced Propagation Delays
Overvoltage Tolerant (OVT) Input and Output Pins
Ultra−Small Package
NLV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
This is a Pb−Free Device
http://onsemi.com
SC−88 (SOT−363)
CASE 419B
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION
(Top View)
IN B
GND
IN A
IN C
VCC
OUT Y
PIN ASSIGNMENTS
MARKING DIAGRAM
MK
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
1
2
3
6
5
4
1
MK M
G
G
1
6
(Note: Microdot may be in either location)


Similar Part No. - NLV7SZ97DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLV7SZ97DFT2G ONSEMI-NLV7SZ97DFT2G Datasheet
329Kb / 14P
   Configurable Multifunction Gate
September, 2020 ??Rev. 6
More results

Similar Description - NLV7SZ97DFT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLX1G58 ONSEMI-NLX1G58 Datasheet
108Kb / 10P
   Configurable Multifunction Gate
March, 2008 - Rev. 0
NLX1G99 ONSEMI-NLX1G99_16 Datasheet
115Kb / 15P
   Configurable Multifunction Gate
June, 2016 ??Rev. 6
NL7SZ98 ONSEMI-NL7SZ98_V01 Datasheet
331Kb / 13P
   Configurable Multifunction Gate
October, 2020 - Rev. 6
NL7SZ57 ONSEMI-NL7SZ57 Datasheet
148Kb / 8P
   Configurable Multifunction Gate
June, 2009 ??Rev. 2
NL7SZ97 ONSEMI-NL7SZ97 Datasheet
148Kb / 8P
   Configurable Multifunction Gate
November, 2009 ??Rev. 3
NL7SZ98 ONSEMI-NL7SZ98 Datasheet
148Kb / 8P
   Configurable Multifunction Gate
November, 2009 ??Rev. 2
NL7SZ58 ONSEMI-NL7SZ58_V01 Datasheet
322Kb / 13P
   Configurable Multifunction Gate
October, 2020 ??Rev. 5
NLX1G97 ONSEMI-NLX1G97 Datasheet
108Kb / 10P
   Configurable Multifunction Gate
March, 2008 - Rev. 0
NLX1G98 ONSEMI-NLX1G98 Datasheet
109Kb / 10P
   Configurable Multifunction Gate
March, 2008 - Rev. 0
NLX1G99 ONSEMI-NLX1G99_18 Datasheet
158Kb / 15P
   Configurable Multifunction Gate
November, 2018 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com